Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC10DL065 Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce ADC10DL065
Description  ADC10DL065 Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10DL065 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button ADC10DL065_14 Datasheet HTML 7Page - Texas Instruments ADC10DL065_14 Datasheet HTML 8Page - Texas Instruments ADC10DL065_14 Datasheet HTML 9Page - Texas Instruments ADC10DL065_14 Datasheet HTML 10Page - Texas Instruments ADC10DL065_14 Datasheet HTML 11Page - Texas Instruments ADC10DL065_14 Datasheet HTML 12Page - Texas Instruments ADC10DL065_14 Datasheet HTML 13Page - Texas Instruments ADC10DL065_14 Datasheet HTML 14Page - Texas Instruments ADC10DL065_14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
ADC10DL065
www.ti.com
SNAS314B – JUNE 2006 – REVISED APRIL 2013
Specification Definitions
APERTURE DELAY is the time after the rising edge of the clock to when the input signal is acquired or held for
conversion.
APERTURE JITTER (APERTURE UNCERTAINTY) is the variation in aperture delay from sample to sample.
Aperture jitter manifests itself as noise in the output.
CLOCK DUTY CYCLE is the ratio of the time during one cycle that a repetitive digital waveform is high to the
total time of one period. The specification here refers to the ADC clock input signal.
COMMON MODE VOLTAGE (VCM) is the common d.c. voltage applied to both input terminals of the ADC.
CONVERSION LATENCY is the number of clock cycles between initiation of conversion and when that data is
presented to the output driver stage. Data for any given sample is available at the output pins the Pipeline Delay
plus the Output Delay after the sample is taken. New data is available at every clock cycle, but the data lags the
conversion by the pipeline delay.
CROSSTALK is coupling of energy from one channel into the other channel.
DIFFERENTIAL NON-LINEARITY (DNL) is the measure of the maximum deviation from the ideal step size of 1
LSB.
EFFECTIVE NUMBER OF BITS (ENOB, or EFFECTIVE BITS) is another method of specifying Signal-to-Noise
and Distortion or SINAD. ENOB is defined as (SINAD - 1.76) / 6.02 and says that the converter is equivalent to a
perfect ADC of this (ENOB) number of bits.
FULL POWER BANDWIDTH is a measure of the frequency at which the reconstructed output fundamental
drops 3 dB below its low frequency value for a full scale input.
GAIN ERROR is the deviation from the ideal slope of the transfer function. It can be calculated as:
Gain Error = Positive Full Scale Error
− Negative Full Scale Error
(1)
Gain Error can also be separated into Positive Gain Error and Negative Gain Error, which are:
PGE = Positive Full Scale Error
− Offset Error
(2)
NGE = Offset Error
− Negative Full Scale Error
(3)
GAIN ERROR MATCHING is the difference in gain errors between the two converters divided by the average
gain of the converters.
INTEGRAL NON LINEARITY (INL) is a measure of the deviation of each individual code from a line drawn from
negative full scale (½ LSB below the first code transition) through positive full scale (½ LSB above the last code
transition). The deviation of any given code from this straight line is measured from the center of that code value.
INTERMODULATION DISTORTION (IMD) is the creation of additional spectral components as a result of two
sinusoidal frequencies being applied to the ADC input at the same time. It is defined as the ratio of the power in
the intermodulation products to the total power in the original frequencies. IMD is usually expressed in dBFS.
LSB (LEAST SIGNIFICANT BIT) is the bit that has the smallest value or weight of all bits. This value is VFS/2
n,
where “VFS” is the full scale input voltage and “n” is the ADC resolution in bits.
MISSING CODES are those output codes that will never appear at the ADC outputs. The ADC10DL065 is
ensured not to have any missing codes.
MSB (MOST SIGNIFICANT BIT) is the bit that has the largest value or weight. Its value is one half of full scale.
NEGATIVE FULL SCALE ERROR is the difference between the actual first code transition and its ideal value of
½ LSB above negative full scale.
OFFSET ERROR is the difference between the two input voltages [(VIN+) – (VIN−)] required to cause a transition
from code 2047 to 2048.
OUTPUT DELAY is the time delay after the rising edge of the clock before the data update is presented at the
output pins.
OVER RANGE RECOVERY TIME is the time required after VIN goes from a specified voltage out of the normal
input range to a specified voltage within the normal input range and the converter makes a conversion with its
rated accuracy.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADC10DL065


Numéro de pièce similaire - ADC10DL065_14

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ADC10DL065 TI1-ADC10DL065_15 Datasheet
821Kb / 34P
[Old version datasheet]   Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
More results

Description similaire - ADC10DL065_14

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC10DL065 NSC-ADC10DL065 Datasheet
1Mb / 26P
   Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
logo
Texas Instruments
ADC10DL065 TI1-ADC10DL065_15 Datasheet
821Kb / 34P
[Old version datasheet]   Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
logo
Hittite Microwave Corpo...
HMCAD1040-80 HITTITE-HMCAD1040-80 Datasheet
923Kb / 14P
   Dual 10-Bit 65/80 MSPS A/D Converter
logo
Texas Instruments
ADC12DL065 TI1-ADC12DL065_14 Datasheet
868Kb / 34P
[Old version datasheet]   Dual 12-Bit, 65 MSPS, 3.3V, 360mW A/D Converter
logo
National Semiconductor ...
ADC12DL065 NSC-ADC12DL065 Datasheet
1Mb / 26P
   Dual 12-Bit, 65 MSPS, 3.3V, 360mW A/D Converter
logo
Analog Devices
AD9216 AD-AD9216 Datasheet
287Kb / 20P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. PrD_6/15/2004
AD9216 AD-AD9216_15 Datasheet
2Mb / 40P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
REV. A
AD9216 AD-AD9216_17 Datasheet
1Mb / 41P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
logo
Texas Instruments
ADC10065 TI1-ADC10065_14 Datasheet
1Mb / 27P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
ADC10065 TI1-ADC10065_15 Datasheet
1Mb / 26P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com