Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC088S102CIMTX Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce ADC088S102CIMTX
Description  ADC088S102 8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADC088S102CIMTX Fiches technique(HTML) 5 Page - Texas Instruments

  ADC088S102CIMTX Datasheet HTML 1Page - Texas Instruments ADC088S102CIMTX Datasheet HTML 2Page - Texas Instruments ADC088S102CIMTX Datasheet HTML 3Page - Texas Instruments ADC088S102CIMTX Datasheet HTML 4Page - Texas Instruments ADC088S102CIMTX Datasheet HTML 5Page - Texas Instruments ADC088S102CIMTX Datasheet HTML 6Page - Texas Instruments ADC088S102CIMTX Datasheet HTML 7Page - Texas Instruments ADC088S102CIMTX Datasheet HTML 8Page - Texas Instruments ADC088S102CIMTX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
ADC088S102
www.ti.com
SNAS339B – SEPTEMBER 2005 – REVISED MARCH 2013
ADC088S102 Converter Electrical Characteristics
(1) (continued)
The following specifications apply for VA = VD = +2.7V to +5.25V, AGND = DGND = 0V, fSCLK = 8 MHz to 16 MHz, fSAMPLE =
500 kSPS to 1 MSPS, and CL = 50pF, unless otherwise noted. Boldface limits apply for TA = TMIN to TMAX: all other limits TA
= 25°C.
Limits
Parameter
Test Conditions
Typ
Units
(2)
POWER SUPPLY CHARACTERISTICS (CL = 10 pF)
2.7
V (min)
VA, VD
Analog and Digital Supply Voltages
VA ≥ VD
5.25
V (max)
VA = VD = +2.7V to +3.6V,
0.6
1.2
mA (max)
fSAMPLE = 1 MSPS, fIN = 40 kHz
Total Supply Current
Normal Mode ( CS low)
VA = VD = +4.75V to +5.25V,
1.6
2.2
mA (max)
fSAMPLE = 1 MSPS, fIN = 40 kHz
IA + ID
VA = VD = +2.7V to +3.6V,
10
nA
fSCLK = 0 kSPS
Total Supply Current
Shutdown Mode (CS high)
VA = VD = +4.75V to +5.25V,
30
nA
fSCLK = 0 kSPS
VA = VD = +3.0V
1.8
3.6
mW (max)
fSAMPLE = 1 MSPS, fIN = 40 kHz
Power Consumption
Normal Mode ( CS low)
VA = VD = +5.0V
8.0
11.0
mW (max)
fSAMPLE = 1 MSPS, fIN = 40 kHz
PC
VA = VD = +3.0V
0.03
µW
fSCLK = 0 kSPS
Power Consumption
Shutdown Mode (CS high)
VA = VD = +5.0V
0.15
µW
fSCLK = 0 kSPS
AC ELECTRICAL CHARACTERISTICS
fSCLKMIN
Minimum Clock Frequency
0.8
8
MHz (min)
fSCLK
Maximum Clock Frequency
16
MHz (max)
50
500
kSPS (min)
Sample Rate
fS
Continuous Mode
1
MSPS (max)
tCONVERT
Conversion (Hold) Time
13
SCLK cycles
30
40
% (min)
DC
SCLK Duty Cycle
70
60
% (max)
tACQ
Acquisition (Track) Time
3
SCLK cycles
Throughput Time
Acquisition Time + Conversion Time
16
SCLK cycles
tAD
Aperture Delay
4
ns
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADC088S102


Numéro de pièce similaire - ADC088S102CIMTX

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC088S102CIMTX NSC-ADC088S102CIMTX Datasheet
830Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
More results

Description similaire - ADC088S102CIMTX

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC088S102 NSC-ADC088S102 Datasheet
830Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
ADC108S102 NSC-ADC108S102 Datasheet
877Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC128S102 TI1-ADC128S102_14 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
ADC082S101 TI1-ADC082S101_14 Datasheet
1Mb / 25P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC128S102 NSC-ADC128S102 Datasheet
852Kb / 18P
   8-Channel, 500 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC108S102 TI1-ADC108S102_15 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
ADC084S101CIMM TI1-ADC084S101CIMM Datasheet
1Mb / 27P
[Old version datasheet]   ADC084S101 4 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
ADC108S102 TI1-ADC108S102_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC108S102 8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
ADC084S101 TI1-ADC084S101_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC084S101 4 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
ADC084S101CIMM TI-ADC084S101CIMM Datasheet
1Mb / 27P
[Old version datasheet]   ADC084S101 4 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com