Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC08100 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce ADC08100
Description  ADC08100 8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08100 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button ADC08100_14 Datasheet HTML 4Page - Texas Instruments ADC08100_14 Datasheet HTML 5Page - Texas Instruments ADC08100_14 Datasheet HTML 6Page - Texas Instruments ADC08100_14 Datasheet HTML 7Page - Texas Instruments ADC08100_14 Datasheet HTML 8Page - Texas Instruments ADC08100_14 Datasheet HTML 9Page - Texas Instruments ADC08100_14 Datasheet HTML 10Page - Texas Instruments ADC08100_14 Datasheet HTML 11Page - Texas Instruments ADC08100_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ADC08100
SNAS060I – JUNE 2000 – REVISED MAY 2013
www.ti.com
Specification Definitions
APERTURE (SAMPLING) DELAY is that time required after the fall of the clock input for the sampling switch to
open. The Sample/Hold circuit effectively stops capturing the input signal and goes into the “hold” mode tAD after
the clock goes low.
APERTURE JITTER is the variation in aperture delay from sample to sample. Aperture jitter shows up as input
noise.
BOTTOM OFFSET is the difference between the input voltage that just causes the output code to transition to
the first code and the negative reference voltage. Bottom Offset is defined as EOB = VZT – VRB, where VZT is the
first code transition input voltage. VRB is the lower reference voltage. Note that this is different from the normal
Zero Scale Error.
CLOCK DUTY CYCLE is the ratio of the time that the clock waveform is at a logic high to the total time of one
clock period.
DIFFERENTIAL NON-LINEARITY (DNL) is the measure of the maximum deviation from the ideal step size of 1
LSB. Measured at 100 Msps with a ramp input.
EFFECTIVE NUMBER OF BITS (ENOB, or EFFECTIVE BITS) is another method of specifying Signal-to-Noise
and Distortion Ratio, or SINAD. ENOB is defined as (SINAD – 1.76) / 6.02 and says that the converter is
equivalent to a perfect ADC of this (ENOB) number of bits.
FULL POWER BANDWIDTH is a measure of the frequency at which the reconstructed output fundamental
drops 3 dB below its low frequency value for a full scale input. The test is performed with fIN equal to 100 kHz
plus integer multiples of fCLK. The input frequency at which the output is −3 dB relative to the low frequency input
signal is the full power bandwidth.
FULL-SCALE ERROR is a measure of how far the last code transition is from the ideal 1½ LSB below VRT and
is defined as:
Vmax + 1.5 LSB – VRT
where
max is the voltage at which the transition to the maximum (full scale) code occurs.
(1)
INTEGRAL NON-LINEARITY (INL) is a measure of the deviation of each individual code from a line drawn from
zero scale (½ LSB below the first code transition) through positive full scale (½ LSB above the last code
transition). The deviation of any given code from this straight line is measured from the center of that code value.
The end point test method is used. Measured at 100 Msps with a ramp input.
INTERMODULATION DISTORTION (IMD) is the creation of additional spectral components as a result of two
sinusoidal frequencies being applied to the ADC input at the same time. It is defined as the ratio of the power in
the second and third order intermodulation products to the power in one of the original frequencies. IMD is
usually expressed in dBFS.
MISSING CODE are those output codes that are skipped and will never appear at the ADC outputs. These
codes cannot be reached with any input value.
OUTPUT DELAY is the time delay after the rising edge of the input clock before the data update is present at the
output pins.
OUTPUT HOLD TIME is the length of time that the output data is valid after the rise of the input clock.
PIPELINE DELAY (LATENCY) is the number of clock cycles between initiation of conversion and when that data
is presented to the output driver stage. New data is available at every clock cycle, but the data lags the
conversion by the Pipeline Delay plus the Output Delay.
SIGNAL TO NOISE RATIO (SNR) is the ratio, expressed in dB, of the rms value of the input signal at the output
to the rms value of the sum of all other spectral components below one-half the sampling frequency, not
including harmonics or DC.
SIGNAL TO NOISE PLUS DISTORTION (S/(N+D) or SINAD) is the ratio, expressed in dB, of the rms value of
the input signal at the output to the rms value of all of the other spectral components below half the clock
frequency, including harmonics but excluding D.C.
8
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: ADC08100


Numéro de pièce similaire - ADC08100_14

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC081000 NSC-ADC081000 Datasheet
718Kb / 29P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC081000 NSC-ADC081000 Datasheet
595Kb / 30P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC081000 TI1-ADC081000 Datasheet
986Kb / 41P
[Old version datasheet]   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
logo
National Semiconductor ...
ADC081000CIYB NSC-ADC081000CIYB Datasheet
718Kb / 29P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC081000CIYB NSC-ADC081000CIYB Datasheet
595Kb / 30P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
More results

Description similaire - ADC08100_14

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC08100 NSC-ADC08100 Datasheet
572Kb / 19P
   8-Bit, 20 MSPS to 100 MSPS, 1.3 mW/MSPS A/D Converter
ADC08100 NSC-ADC08100_08 Datasheet
438Kb / 20P
   8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
ADC08060 NSC-ADC08060 Datasheet
539Kb / 19P
   8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter
ADC08060 NSC-ADC08060_08 Datasheet
443Kb / 20P
   8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC08060 TI1-ADC08060_14 Datasheet
1Mb / 29P
[Old version datasheet]   8-Bit, 20 MSPS to 60 MSPS, 1.3 m W/MSPS A/D Converter with Internal Sampleand Hold
logo
National Semiconductor ...
ADC08200 NSC-ADC08200 Datasheet
905Kb / 19P
   8-Bit, 20 MSPS to 200 MSPS, 1.05 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
Analog Devices
AD775 AD-AD775_15 Datasheet
336Kb / 12P
   8-Bit 20 MSPS, 60 mW Sampling A/D Converter
REV. 0
logo
Texas Instruments
ADC08200 TI1-ADC08200 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter
logo
Analog Devices
AD9283 AD-AD9283 Datasheet
155Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. B
AD775 AD-AD775 Datasheet
332Kb / 12P
   8-Bit 20 MSPS, 60 mW Sampling A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com