Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA060-180-20-10 Fiches technique(PDF) 1 Page - Transcom, Inc.

No de pièce TA060-180-20-10
Description  6 ~ 18 MHz 10dBm Low Noise Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRANSCOM [Transcom, Inc.]
Site Internet  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TA060-180-20-10 Fiches technique(HTML) 1 Page - Transcom, Inc.

  TA060-180-20-10 Datasheet HTML 1Page - Transcom, Inc. TA060-180-20-10 Datasheet HTML 2Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TA060-180-20-10
REV0_2007/08/8
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science- Based Industrial Park, Hsin-She Shiang, Tainan County Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 1/2
6 ~ 18 MHz 10dBm Low Noise Amplifier
FEATURES
• P
1dB: 10dBm, min.
• Small Signal Gain: 20dB, min.
• Bias Condition: 100mA @ 12 V
ELECTRICAL SPECIFICATIONS (Specified at 25C)
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
FREQ
Frequency Range
6
18
GHz
SSG
Small Signal Gain
20
22
dB
GOF
Small Signal Gain Flatness
±0.6
±1.0
dB
NF
Noise Figure
2.7
dB
P1dB
Output Power at 1 dB Gain Compression
10
dBm
IP3
The Third Intercept Point
20
dBm
VSWR, IN
Input VSWR
2 : 1
------
VSWR, OUT
Output VSWR
2 : 1
------
Vdc
DC Supply Voltage(with built-in regulator)
11
12
15
Volt
Idc
Current Supply
100
mA
OTR
Operating Temperature Range
-30
70
°C
Housing : HG3, with SMA female removable connectors, unit is inch


Numéro de pièce similaire - TA060-180-20-10

FabricantNo de pièceFiches techniqueDescription
logo
Transcom, Inc.
TA060-180-25-20 TRANSCOM-TA060-180-25-20 Datasheet
63Kb / 2P
   6 ~ 18 GHz 20dBm Low Noise Amplifier
TA060-180-25-24 TRANSCOM-TA060-180-25-24 Datasheet
63Kb / 2P
   6 ~ 18 GHz 24dBm Medium Power Amplifier
TA060-180-28-20 TRANSCOM-TA060-180-28-20 Datasheet
18Kb / 1P
   6 - 18GHz 20 dBm Amplifier
TA060-180-28-27 TRANSCOM-TA060-180-28-27 Datasheet
63Kb / 2P
   6 ~ 18 GHz 27dBm Medium Power Amplifier
More results

Description similaire - TA060-180-20-10

FabricantNo de pièceFiches techniqueDescription
logo
Transcom, Inc.
TA060-180-10-10 TRANSCOM-TA060-180-10-10 Datasheet
63Kb / 2P
   6 ~ 18 GHz 10dB Gain 10dBm Low Noise Amplifier
TA060-120-11-10 TRANSCOM-TA060-120-11-10 Datasheet
72Kb / 2P
   6 ~ 12GHz 10dBm Low Noise Amplifier
TA020-060-11-10 TRANSCOM-TA020-060-11-10 Datasheet
72Kb / 2P
   2 ~ 6GHz 10dBm Low Noise Amplifier
logo
Custom MMIC Design Serv...
CMD157 MMIC-CMD157 Datasheet
214Kb / 9P
   6-18 GHz Low Noise Amplifier
logo
Qorvo, Inc
CMD328 QORVO-CMD328 Datasheet
935Kb / 11P
   6-18 GHz Low Noise Amplifier
CMD264P3 QORVO-CMD264P3_V01 Datasheet
362Kb / 11P
   6-18 GHz Low Noise Amplifier
November 4, 2021
CMD264P3 QORVO-CMD264P3 Datasheet
256Kb / 10P
   6-18 GHz Low Noise Amplifier
CMD264 QORVO-CMD264 Datasheet
571Kb / 10P
   6-18 GHz Low Noise Amplifier
logo
Custom MMIC Design Serv...
CMD157P3 MMIC-CMD157P3 Datasheet
282Kb / 10P
   6-18 GHz Low Noise Amplifier
logo
Pasternack Enterprises,...
PE1523 PASTERNACK-PE1523 Datasheet
342Kb / 2P
   Low Noise Amplifier 6 ??18 GHz
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com