Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC12130CIWMX Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce ADC12130CIWMX
Description  ADC12130/ADC12132/ADC12138 Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12130CIWMX Fiches technique(HTML) 11 Page - Texas Instruments

Back Button ADC12130CIWMX Datasheet HTML 7Page - Texas Instruments ADC12130CIWMX Datasheet HTML 8Page - Texas Instruments ADC12130CIWMX Datasheet HTML 9Page - Texas Instruments ADC12130CIWMX Datasheet HTML 10Page - Texas Instruments ADC12130CIWMX Datasheet HTML 11Page - Texas Instruments ADC12130CIWMX Datasheet HTML 12Page - Texas Instruments ADC12130CIWMX Datasheet HTML 13Page - Texas Instruments ADC12130CIWMX Datasheet HTML 14Page - Texas Instruments ADC12130CIWMX Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
ADC12130, ADC12132, ADC12138
www.ti.com
SNAS098G – MARCH 2000 – REVISED MARCH 2013
AC Electrical Characteristics (continued)
The following specifications apply for (V
+ = V
A+ = VD+ = +5V, VREF+ = +4.096V, and fully-differential input with fixed 2.048V
common-mode voltage) or (V
+ = V
A+ = VD+ = +3.3V, VREF+ = +2.5V and fully-differential input with fixed 1.250V common-
mode voltage), VREF− = 0V, 12-bit + sign conversion mode
(1), source impedance for analog inputs, V
REF− and VREF+ ≤ 25Ω,
fCK = fSK = 5 MHz, and 10 (tCK) acquisition time unless otherwise specified. Boldface limits apply for TA = TJ = TMIN to TMAX;
all other limits TA = TJ = 25°C.
(2) (Continued)
Units
Parameter
Test Conditions
Typical (3)
Limits (4)
(Limits)
Hardware Power-Up Time, Time from PD
tHPU
500
700
μs (max)
Falling Edge to EOC Rising Edge
Software Power-Up Time, Time from Serial
tSPU
500
700
μs (max)
Data Clock Falling Edge to EOC Rising Edge
Access Time Delay from CS Falling Edge to
tACC
25
60
ns (max)
DO Data Valid
Set-Up Time of CS Falling Edge to Serial Data
tSET-UP
50
ns (min)
Clock Rising Edge
Delay from SCLK Falling Edge to CS Falling
tDELAY
0
5
ns (min)
Edge
t1H, t0H
Delay from CS Rising Edge to DO TRI-STATE
RL = 3k, CL = 100 pF
70
100
ns (max)
DI Hold Time from Serial Data Clock Rising
tHDI
5
15
ns (max)
Edge
DI Set-Up Time from Serial Data Clock Rising
tSDI
5
10
ns (min)
Edge
DO Hold Time from Serial Data Clock Falling
35
65
ns (max)
tHDO
RL = 3k, CL = 100 pF
Edge
5
ns (min)
Delay from Serial Data Clock Falling Edge to
tDDO
50
90
ns (max)
DO Data Valid
DO Rise Time, TRI-STATE to High DO Rise
10
40
ns (max)
tRDO
RL = 3k, CL = 100 pF
Time, Low to High
10
40
ns (max)
DO Fall Time, TRI-STATE to Low DO Fall
15
40
ns (max)
tFDO
RL = 3k, CL = 100 pF
Time, High to Low
15
40
ns (max)
Delay from CS Falling Edge to DOR Falling
tCD
45
80
ns (max)
Edge
Delay from Serial Data Clock Falling Edge to
tSD
45
80
ns (max)
DOR Rising Edge
CIN
Capacitance of Logic Inputs
20
pF
COUT
Capacitance of Logic Outputs
20
pF
(3)
Typical figures are at TJ = TA = 25°C and represent most likely parametric norm.
(4)
Tested limits are specified to TI's AOQL (Average Outgoing Quality Level).
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADC12130 ADC12132 ADC12138


Numéro de pièce similaire - ADC12130CIWMX

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC12130CIWMX NSC-ADC12130CIWMX Datasheet
1Mb / 42P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12130CIWMX/NOPB TI1-ADC12130CIWMX/NOPB Datasheet
2Mb / 51P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
More results

Description similaire - ADC12130CIWMX

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC12030 NSC-ADC12030_07 Datasheet
1Mb / 44P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12H030 NSC-ADC12H030 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12130 NSC-ADC12130_06 Datasheet
1Mb / 42P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12030 TI1-ADC12030_14 Datasheet
2Mb / 53P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC12130 NSC-ADC12130 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12130 TI1-ADC12130 Datasheet
2Mb / 51P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC12L030 NSC-ADC12L030 Datasheet
828Kb / 36P
   3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12L030 NSC-ADC12L030_06 Datasheet
1Mb / 35P
   3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC1251 NSC-ADC1251 Datasheet
301Kb / 16P
   Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
ADC10831 NSC-ADC10831 Datasheet
453Kb / 30P
   10-Bit Plus Sign Serial I/O A/D Converters with MUX, Sample/Hold and Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com