Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC12048CIV Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce ADC12048CIV
Description  ADC12048 12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12048CIV Fiches technique(HTML) 1 Page - Texas Instruments

  ADC12048CIV Datasheet HTML 1Page - Texas Instruments ADC12048CIV Datasheet HTML 2Page - Texas Instruments ADC12048CIV Datasheet HTML 3Page - Texas Instruments ADC12048CIV Datasheet HTML 4Page - Texas Instruments ADC12048CIV Datasheet HTML 5Page - Texas Instruments ADC12048CIV Datasheet HTML 6Page - Texas Instruments ADC12048CIV Datasheet HTML 7Page - Texas Instruments ADC12048CIV Datasheet HTML 8Page - Texas Instruments ADC12048CIV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
ADC12048
www.ti.com
SNAS105B – APRIL 2000 – REVISED MARCH 2013
ADC12048 12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
Check for Samples: ADC12048
1
FEATURES
DESCRIPTION
Operating from a single 5V power supply, the
2
8-Channel Programmable Differential or
ADC12048 is a 12 bit + sign, parallel I/O, self-
Single-Ended Multiplexer
calibrating,
sampling
analog-to-digital
converter
Programmable Acquisition Times and User-
(ADC) with an eight input fully differential analog
Controllable Throughput Rates
multiplexer. The maximum sampling rate is 216 kHz.
On request, the ADC goes through a self-calibration
Programmable Data Bus Width (8/13 bits)
process that adjusts linearity, zero and full-scale
Built-in Sample-and-Hold
errors.
Programmable Auto-Calibration and Auto-Zero
The ADC12048's 8-channel multiplexer is software
cycles
programmable to operate in a variety of combinations
Low Power Standby Mode
of single-ended, differential, or pseudo-differential
No Missing Codes
modes. The fully differential MUX and the 12-bit +
sign ADC allows for the difference between two
signals to be digitized.
APPLICATIONS
Medical Instrumentation
The ADC12048 can be configured to work with many
popular microprocessors/microcontrollers and DSPs
Process Control Systems
including
Tl's
HPC
family,
Intel386
and
8051,
Test Equipment
TMS320C25, Motorola MC68HC11/16, Hitachi 64180
Data Logging
and Analog Devices ADSP21xx.
Inertial Guidance
For
complementary
voltage
references
see
the
LM4040, LM4041 or LM9140.
KEY SPECIFICATIONS
(fCLK = 12 MHz)
Resolution: 12-Bits + Sign
13-Bit Conversion Time: 3.6
μs, Max
13-Bit Throughput Rate: 216 ksamples/s, Min
Integral Linearity Error (ILE): ±1 LSB, Max
Single Supply: +5 V ±10%
VIN Range: GND to VA+
Power Consumption
Normal Operation: 34 mW, Max
Stand-By Mode: 75
μw, Max
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - ADC12048CIV

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC12048CIV NSC-ADC12048CIV Datasheet
635Kb / 30P
   12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
ADC12048CIV NSC-ADC12048CIV Datasheet
712Kb / 32P
   12-Bit Plus Sign 216kHz 8-Channel Sampling Analog-to-Digital Converter
logo
Texas Instruments
ADC12048CIV TI1-ADC12048CIV Datasheet
1Mb / 36P
[Old version datasheet]   12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
ADC12048CIV/NOPB TI1-ADC12048CIV/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
logo
National Semiconductor ...
ADC12048CIVF NSC-ADC12048CIVF Datasheet
635Kb / 30P
   12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
More results

Description similaire - ADC12048CIV

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ADC12048 TI1-ADC12048 Datasheet
1Mb / 36P
[Old version datasheet]   12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
logo
National Semiconductor ...
ADC12048 NSC-ADC12048 Datasheet
635Kb / 30P
   12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
ADC12041 NSC-ADC12041 Datasheet
591Kb / 28P
   12-Bit Plus Sign 216 kHz Sampling Analog-to-Digital Converter
ADC12048 NSC-ADC12048_02 Datasheet
712Kb / 32P
   12-Bit Plus Sign 216kHz 8-Channel Sampling Analog-to-Digital Converter
logo
Texas Instruments
ADS7828-Q1 TI1-ADS7828-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   12-Bit 8-Channel Sampling Analog-to-Digital Converter
PCM4104-EP TI-PCM4104-EP Datasheet
877Kb / 43P
[Old version datasheet]   High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
PCM4104-EP TI-PCM4104-EP_15 Datasheet
1Mb / 44P
[Old version datasheet]   High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
logo
National Semiconductor ...
ADC1242 NSC-ADC1242 Datasheet
254Kb / 14P
   12-Bit Plus Sign Sampling A/D Converter
logo
Texas Instruments
ADS7822-Q1 TI1-ADS7822-Q1 Datasheet
769Kb / 23P
[Old version datasheet]   12-BIT 200-kHz MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
PCM4202-EP TI-PCM4202-EP_15 Datasheet
1Mb / 30P
[Old version datasheet]   High-Performance, 24 Bit, 216 kHz Sampling, Stereo Audio Analog-to-Digital Converter
JUNE 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com