Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC10040 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce ADC10040
Description  ADC10040/ADC10040Q 10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10040 Fiches technique(HTML) 1 Page - Texas Instruments

  ADC10040 Datasheet HTML 1Page - Texas Instruments ADC10040 Datasheet HTML 2Page - Texas Instruments ADC10040 Datasheet HTML 3Page - Texas Instruments ADC10040 Datasheet HTML 4Page - Texas Instruments ADC10040 Datasheet HTML 5Page - Texas Instruments ADC10040 Datasheet HTML 6Page - Texas Instruments ADC10040 Datasheet HTML 7Page - Texas Instruments ADC10040 Datasheet HTML 8Page - Texas Instruments ADC10040 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
ADC10040
www.ti.com
SNAS224M – JULY 2003 – REVISED APRIL 2013
ADC10040/ADC10040Q 10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
Check for Samples: ADC10040
1
FEATURES
DESCRIPTION
The ADC10040 is a monolithic CMOS analog-to-
2
Single +3.0V Operation
digital converter capable of converting analog input
Selectable 2.0 VP-P, 1.5 VP-P, or 1.0 VP-P full-
signals into 10-bit digital words at 40 Megasamples
scale input swing
per
second
(MSPS).
This
converter
uses
a
400 MHz
−3 dB Input Bandwidth
differential, pipeline architecture with digital error
correction and an on-chip sample-and-hold circuit to
Low Power Consumption
provide a complete conversion solution, and to
Standby Mode
minimize
power
consumption,
while
providing
On-Chip Reference and Sample-and-Hold
excellent dynamic performance. A unique sample-
Amplifier
and-hold stage yields a full-power bandwidth of 400
MHz. Operating on a single 3.0V power supply, this
Offset Binary or Two’s Complement Data
device consumes just 55.5 mW at 40 MSPS,
Format
including the reference current. The Standby feature
Separate Adjustable Output Driver Supply to
reduces power consumption to just 13.5 mW.
Accommodate 2.5V and 3.3V Logic Families
The differential inputs provide a full scale selectable
AEC-Q100 Grade 3 Qualified
input swing of 2.0 VP-P, 1.5 VP-P, 1.0 VP-P, with the
28-Pin TSSOP Package
possibility of a single-ended input. Full use of the
differential
input
is
recommended
for
optimum
performance. An internal +1.2V precision bandgap
KEY SPECIFICATIONS
reference is used to set the ADC full-scale range, and
Resolution: 10 Bits
also allows the user to supply a buffered referenced
Conversion Rate: 40 MSPS
voltage for those applications requiring increased
accuracy. The output data format is user choice of
Full Power Bandwidth: 400 MHz
offset binary or two’s complement.
DNL: ±0.3 LSB typ)
The ADC10040Q runs on an Automotive Grade Flow
SNR (fIN = 11 MHz): 59.6 dB (typ)
and is AEC-Q100 Grade 3 Qualified.
SFDR (fIN = 11 MHz): -80 dB (typ)
This device is available in the 28-lead TSSOP
Power Consumption, 40 MHz: 55.5 mW
package
and
will
operate
over
the
industrial
temperature range of
−40°C to +85°C.
APPLICATIONS
Ultrasound and Imaging
Instrumentation
Cellular Base Stations/Communications
Receivers
Sonar/Radar
xDSL
Wireless Local Loops
Data Acquisition Systems
DSP Front Ends
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - ADC10040

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC10040 NSC-ADC10040 Datasheet
914Kb / 19P
   10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
Texas Instruments
ADC10040 TI1-ADC10040 Datasheet
1Mb / 27P
[Old version datasheet]   55.5 mW A/D Converter
ADC10040-Q1 TI1-ADC10040-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   55.5 mW A/D Converter
logo
National Semiconductor ...
ADC10040CIMT NSC-ADC10040CIMT Datasheet
914Kb / 19P
   10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
Texas Instruments
ADC10040CIMT/NOPB TI1-ADC10040CIMT/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   55.5 mW A/D Converter
More results

Description similaire - ADC10040

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC10040 NSC-ADC10040 Datasheet
914Kb / 19P
   10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
Fairchild Semiconductor
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
National Semiconductor ...
ADC10080 NSC-ADC10080 Datasheet
927Kb / 19P
   10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
logo
Texas Instruments
ADC10080 TI1-ADC10080_14 Datasheet
1Mb / 24P
[Old version datasheet]   10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
logo
Cadeka Microcircuits LL...
SPT7860 CADEKA-SPT7860 Datasheet
193Kb / 12P
   10-BIT, 40 MSPS, 175 mW A/D CONVERTER
SPT7861 CADEKA-SPT7861 Datasheet
180Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7860 FAIRCHILD-SPT7860 Datasheet
99Kb / 12P
   10-BIT, 40 MSPS, 175 mW A/D CONVERTER
SPT7863 FAIRCHILD-SPT7863 Datasheet
91Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Texas Instruments
ADC10040 TI1-ADC10040_15 Datasheet
1Mb / 27P
[Old version datasheet]   55.5 mW A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com