Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2903VQDRG4Q1 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM2903VQDRG4Q1
Description  LM2903-Q1 Dual Differential Comparators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM2903VQDRG4Q1 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button LM2903VQDRG4Q1 Datasheet HTML 4Page - Texas Instruments LM2903VQDRG4Q1 Datasheet HTML 5Page - Texas Instruments LM2903VQDRG4Q1 Datasheet HTML 6Page - Texas Instruments LM2903VQDRG4Q1 Datasheet HTML 7Page - Texas Instruments LM2903VQDRG4Q1 Datasheet HTML 8Page - Texas Instruments LM2903VQDRG4Q1 Datasheet HTML 9Page - Texas Instruments LM2903VQDRG4Q1 Datasheet HTML 10Page - Texas Instruments LM2903VQDRG4Q1 Datasheet HTML 11Page - Texas Instruments LM2903VQDRG4Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
±1
0
1
2
3
4
5
6
-0.25
0.25
0.75
1.25
1.75
2.25
Time (usec)
5mV OD
20mV OD
100mV OD
C004
±1
0
1
2
3
4
5
6
±0.25 0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
Time (usec)
5mV OD
20mV OD
100mV OD
C006
LM2903-Q1
SLCS141E – MAY 2003 – REVISED JULY 2014
www.ti.com
2. When IN- is higher than common mode and IN+ is within common mode, the output is low and the output
transistor is sinking current
3. When IN+ is higher than common mode and IN- is within common mode, the output is high impedance and
the output transistor is not conducting
4. When IN- and IN+ are both higher than common mode, the output is low and the output transistor is sinking
current
9.2.2.2 Minimum Overdrive Voltage
Overdrive Voltage is the differential voltage produced between the positive and negative inputs of the comparator
over the offset voltage (VIO). In order to make an accurate comparison the Overdrive Voltage (VOD) should be
higher than the input offset voltage (VIO). Overdrive voltage can also determine the response time of the
comparator, with the response time decreasing with increasing overdrive. Figure 6 & Figure 7 show positive and
negative response times with respect to overdrive voltage.
9.2.2.3 Output & Drive Current
Output current is determined by the load/pull-up resistance and logic/pull-up voltage. The output current will
produce a output low voltage (VOL) from the comparator. In which VOL is proportional to the output current. Use
Figure 3 to determine VOL based on the output current.
The output current can also effect the transient response. More will be explained in the next section.
9.2.2.4 Response Time
The transient response can be determined by the load capacitance (CL), load/pull-up resistance (RPULLUP) and
equivalent collector-emitter resistance (RCE).
The positive response time (
τp) is approximately τP ~ RPULLUP x CL
The negative response time (
τN) is approximately τN ~ RCE x CL
RCE can be determine by taking the slope of Figure 3 in it's linear region at the desired temperature, or by
dividing the VOL by Iout
9.2.3 Application Curves
The following curves were generated with 5 V on VCC & VLogic, RPULLUP = 5.1 kΩ, and 50 pF scope probe.
Figure 6. Response Time for Various Overdrives (Positive
Figure 7. Response Time for Various Overdrives (Negative
Transition)
Transition)
8
Submit Documentation Feedback
Copyright © 2003–2014, Texas Instruments Incorporated
Product Folder Links: LM2903-Q1


Numéro de pièce similaire - LM2903VQDRG4Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2903VQDRG4Q1 TI1-LM2903VQDRG4Q1 Datasheet
216Kb / 9P
[Old version datasheet]   LM2903-Q1 DUAL DIFFERENTIAL COMPARATORS
LM2903VQDRG4Q1 TI1-LM2903VQDRG4Q1 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Differential Comparators
LM2903VQDRG4Q1 TI1-LM2903VQDRG4Q1 Datasheet
1Mb / 23P
[Old version datasheet]   Automotive Dual Differential Comparators
LM2903VQDRG4Q1 TI1-LM2903VQDRG4Q1 Datasheet
1Mb / 32P
[Old version datasheet]   LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
LM2903VQDRG4Q1 TI-LM2903VQDRG4Q1 Datasheet
1Mb / 33P
[Old version datasheet]   LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
More results

Description similaire - LM2903VQDRG4Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2903QPWRG4Q1 TI1-LM2903QPWRG4Q1 Datasheet
216Kb / 9P
[Old version datasheet]   LM2903-Q1 DUAL DIFFERENTIAL COMPARATORS
LM2903-Q1 TI-LM2903-Q1_V04 Datasheet
3Mb / 38P
[Old version datasheet]   LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
LM2903-Q1 TI-LM2903-Q1_V03 Datasheet
2Mb / 37P
[Old version datasheet]   LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
LM2903-Q1 TI1-LM2903-Q1_V01 Datasheet
1Mb / 32P
[Old version datasheet]   LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
LM2903-Q1 TI-LM2903-Q1_V06 Datasheet
3Mb / 44P
[Old version datasheet]   LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
REVISED AUGUST 2022
LM2903-Q1 TI-LM2903-Q1_V05 Datasheet
3Mb / 44P
[Old version datasheet]   LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
REVISED AUGUST 2022
LM2903-Q1 TI-LM2903-Q1_V02 Datasheet
1Mb / 33P
[Old version datasheet]   LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
LM193-MIL TI1-LM193-MIL Datasheet
329Kb / 16P
[Old version datasheet]   Dual Differential Comparators
logo
Tiger Electronic Co.,Lt...
LM2903D TGS-LM2903D Datasheet
203Kb / 4P
   Dual Differential Comparators
logo
Texas Instruments
LM2903-Q1 TI1-LM2903-Q1 Datasheet
212Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com