Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N4899 Fiches technique(PDF) 2 Page - New Jersey Semi-Conductor Products, Inc.

No de pièce 2N4899
Description  MEDIUM-POWER PNP SILICON TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Site Internet  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

2N4899 Fiches technique(HTML) 2 Page - New Jersey Semi-Conductor Products, Inc.

  2N4899 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. 2N4899 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Numéro de pièce similaire - 2N4899

FabricantNo de pièceFiches techniqueDescription
logo
Mospec Semiconductor
2N4899 MOSPEC-2N4899 Datasheet
180Kb / 4P
   POWER TRANSISTORS(1A, 25W)
logo
Central Semiconductor C...
2N4899 CENTRAL-2N4899 Datasheet
51Kb / 1P
   Power Transistors
logo
List of Unclassifed Man...
2N4899 ETC-2N4899 Datasheet
347Kb / 8P
   Power Transistors
logo
Savantic, Inc.
2N4899 SAVANTIC-2N4899 Datasheet
116Kb / 3P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2N4899 JMNIC-2N4899 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
More results

Description similaire - 2N4899

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
ZTX550 DIODES-ZTX550 Datasheet
96Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
ZTX552 DIODES-ZTX552 Datasheet
59Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
ON Semiconductor
BD136G ONSEMI-BD136G_13 Datasheet
86Kb / 4P
   Plastic Medium-Power Silicon PNP Transistors
December, 2013 ??Rev. 16
2N4918 ONSEMI-2N4918_04 Datasheet
120Kb / 6P
   Medium-Power Plastic PNP Silicon Transistors
July, 2004 ??Rev. 11
logo
New Jersey Semi-Conduct...
2N4919 NJSEMI-2N4919 Datasheet
197Kb / 1P
   MEDIUM-POWER PLASTIC PNP SILICON TRANSISTORS
logo
Micro Commercial Compon...
TIP105 MCC-TIP105_13 Datasheet
331Kb / 4P
   PNP Plastic Medium-Power Silicon Transistors
logo
List of Unclassifed Man...
2N6728 ETC-2N6728 Datasheet
28Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Zetex Semiconductors
ZTX554 ZETEX-ZTX554 Datasheet
56Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
ZTX549 DIODES-ZTX549_15 Datasheet
64Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
ZTX552 DIODES-ZTX552_15 Datasheet
59Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com