Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BYM12-300 Fiches technique(PDF) 2 Page - General Semiconductor

No de pièce BYM12-300
Description  SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST EFFICIENT RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GE [General Semiconductor]
Site Internet  http://www.vishay.com
Logo GE - General Semiconductor

BYM12-300 Fiches technique(HTML) 2 Page - General Semiconductor

  BYM12-300 Datasheet HTML 1Page - General Semiconductor BYM12-300 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
175
0100
0
0.5
1.0
25
50
75
125
150
1
10
5.0
10
20
100
0
15
25
30
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.01
0.1
1
10
50
0.01
0.1
1
10
100
0.1
1
10
100
0.1
1
10
100
0
10
20
30
40
50
60
70
20
80
0.1
10
100
040
60
100
1,000
0
1
RATINGS AND CHARACTERISTIC CURVES BYM12-50 THRU BYM12-400, EGL41A THRU EGL41G
FIG. 1 - MAXIMUM FORWARD CURRENT
DERATING CURVE
TERMINAL TEMPERATURE, °C
RESISTIVE OR
INDUCTIVE LOAD
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE
VOLTAGE, %
TJ=25°C
TJ=150°C
PULSE WIDTH=300
µs
1% DUTY CYCLE
FIG. 3 -TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
TJ=TJ max.
8.3ms SINGLE HALF SINE WAVE
(JEDEC Method)
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE
t, PULSE DURATION, sec.
TJ=25
°C
f=1.0 MHZ
Vsig=50mVp-p
TJ=150°C
TJ=100°C
TJ=25°C
EGL41A - EGL41D
EGL41F - EGL41G
NUMBER OF CYCLES AT 60 HZ
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
EGL41A - EGL41D
EGL41F - EGL41G


Numéro de pièce similaire - BYM12-300

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BYM12-300 VISHAY-BYM12-300 Datasheet
109Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 27-Aug-07
BYM12-300 VISHAY-BYM12-300 Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
More results

Description similaire - BYM12-300

FabricantNo de pièceFiches techniqueDescription
logo
General Semiconductor
BYM07-50 GE-BYM07-50 Datasheet
85Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST EFFICIENT RECTIFIER
logo
Zowie Technology Corpor...
EGF30A ZOWIE-EGF30A Datasheet
64Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
EGF20AH ZOWIE-EGF20AH Datasheet
60Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
UGF10A ZOWIE-UGF10A Datasheet
62Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFACE EFFICIENT RECTIFIER
UGF15A ZOWIE-UGF15A Datasheet
62Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
UGF20A ZOWIE-UGF20A Datasheet
62Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
BYD187Z ZOWIE-BYD187Z Datasheet
98Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
SUGC10DH ZOWIE-SUGC10DH Datasheet
70Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
UGF30A ZOWIE-UGF30A Datasheet
62Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
EGF30AH ZOWIE-EGF30AH Datasheet
63Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com