Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS3A226AE Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TS3A226AE
Description  Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TS3A226AE Fiches technique(HTML) 5 Page - Texas Instruments

  TS3A226AE Datasheet HTML 1Page - Texas Instruments TS3A226AE Datasheet HTML 2Page - Texas Instruments TS3A226AE Datasheet HTML 3Page - Texas Instruments TS3A226AE Datasheet HTML 4Page - Texas Instruments TS3A226AE Datasheet HTML 5Page - Texas Instruments TS3A226AE Datasheet HTML 6Page - Texas Instruments TS3A226AE Datasheet HTML 7Page - Texas Instruments TS3A226AE Datasheet HTML 8Page - Texas Instruments TS3A226AE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
0.0001
0.001
0.01
0.1
1
20
200
2000
20000
Frequency (Hz)
10mVPP
200mVPP
C002
10mV
PP
200mV
PP
0.0001
0.001
0.01
0.1
1
20
200
2000
20000
Frequency (Hz)
10mVPP
200mVPP
C003
10mV
PP
200mV
PP
0.044
0.046
0.048
0.05
0.052
0.054
0.056
0.058
0.06
0.062
2.6 2.7 2.8 2.9
3
3.1 3.2 3.3 3.4 3.5 3.6 3.7 3.8 3.9
4
4.1 4.2 4.3 4.4 4.5
V
DD (V)
FET1
FET2
C001
±15.00
±13.00
±11.00
±9.00
±7.00
±5.00
±3.00
±1.00
1.00
3.00
100k
1M
10M
100M
1000M
Frequency (Hz)
FET2
FET1
C004
FET1: 205 MHz at -3db
FET2: 207 MHz at -3db
TS3A226AE
www.ti.com
SCDS346A – JUNE 2013 – REVISED JULY 2013
TYPICAL CHARACTERISTICS
GROUND FETs Ron vs VDD
FET1 and FET2 INSERTION LOSS
Figure 3.
Figure 4.
THD (SLEEVE to MICP)
THD (RING2 to MICP)
Figure 5.
Figure 6.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links :TS3A226AE


Numéro de pièce similaire - TS3A226AE

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS3A226AE TI-TS3A226AE Datasheet
733Kb / 11P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
TS3A226AEYFFR TI-TS3A226AEYFFR Datasheet
733Kb / 11P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
More results

Description similaire - TS3A226AE

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS3A226AE TI-TS3A226AE Datasheet
733Kb / 11P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
TS3A226E TI1-TS3A226E Datasheet
284Kb / 11P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch
TS3A225E TI1-TS3A225E Datasheet
552Kb / 10P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A225E TI1-TS3A225E_17 Datasheet
1Mb / 37P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A225E TI1-TS3A225E Datasheet
552Kb / 10P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A227E TI1-TS3A227E Datasheet
1Mb / 59P
[Old version datasheet]   Autonomous Audio Accessory Detection and Configuration Switch
logo
Vishay Siliconix
DG2612 VISHAY-DG2612_08 Datasheet
155Kb / 7P
   Low-Voltage, Low rON, SPDT Audio Switch with Negative Swing Capability
Rev. C, 29-Dec-08
DG2612 VISHAY-DG2612 Datasheet
162Kb / 7P
   Low-Voltage, Low rON, SPDT Audio Switch with Negative Swing Capability
Rev. A, 28-Aug-06
DG2612 VISHAY-DG2612_V01 Datasheet
203Kb / 8P
   Low-Voltage, Low RON, SPDT Audio Switch with Negative Swing Capability
02-Oct-12
logo
ON Semiconductor
FSA806 ONSEMI-FSA806 Datasheet
601Kb / 14P
   Audio Switch with Negative Signal Capability
July 2012 Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com