Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

7405 Fiches technique(PDF) 20 Page - C&K Components

No de pièce 7405
Description  Miniature Rocker Lever Handle Switches
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CK-COMPONENTS [C&K Components]
Site Internet  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

7405 Fiches technique(HTML) 20 Page - C&K Components

Back Button 7405 Datasheet HTML 14Page - C&K Components 7405 Datasheet HTML 15Page - C&K Components 7405 Datasheet HTML 16Page - C&K Components 7405 Datasheet HTML 17Page - C&K Components 7405 Datasheet HTML 18Page - C&K Components 7405 Datasheet HTML 19Page - C&K Components 7405 Datasheet HTML 20Page - C&K Components 7405 Datasheet HTML 21Page - C&K Components 7405 Datasheet HTML 22Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
AVAILABLE HARDWARE
7000 Series
Miniature Rocker & Lever Handle Switches
J90 & J91 Actuators
PART NO.
598001000
WHITE
598002263
BLACK
598003000
RED
Material: Nylon
Finish: Matte
J10 & J19 Actuators
PART NO.
769501000
WHITE
769502263
BLACK
769503000
RED
Material: Nylon
Finish: Matte
Fits Z3 Termination
female connector
PART NO.
530100000
Available in loose pieces.
Frame for J11 & J21 Actuators
PART NO.
764500746
BLACK ENAMEL
764500747
WHITE ENAMEL
764601106
RETAINING SPRING
Material: Spring Steel
Frame for J19 Actuator
PART NO.
781000746
BLACK ENAMEL
781000747
WHITE ENAMEL
Material: Spring Steel
Frame for J37 Actuator
PART NO.
445400746
BLACK ENAMEL
445400747
WHITE ENAMEL
Material: Spring Steel
Frame for J52 & J62 Actuators
PART NO.
613301000
WHITE
613302263
BLACK
613303000
RED
Material: Nylon
Finish: Matte
Frame for J16 & J26 Actuators
PART NO.
459101000
WHITE
459102000
BLACK
459103000
RED
Material: Nylon
Finish: Matte
Frame for J51, J61 & J91 Actuators
PART NO.
615601000
WHITE
615602263
BLACK
615603000
RED
Material: Nylon
Finish: Matte
G
G–23
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com


Numéro de pièce similaire - 7405

FabricantNo de pièceFiches techniqueDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
7405 ETC2-7405 Datasheet
222Kb / 1P
   3/4 DIAMETER WIRE-WOUND, MULTI-TURN
74050 ETC2-74050 Datasheet
303Kb / 1P
   Wiha Quality Tools Slotted Bits
Myrra
Myrra
74050 MYRRA-74050 Datasheet
261Kb / 1P
   FLYBACK TRANSFORMER
Molex Electronics Ltd.
Molex Electronics Ltd.
74057-1001 MOLEX8-74057-1001 Datasheet
280Kb / 5P
   2.00mm (.079") Pitch VHDM Board-to-Board Backplane Header, Vertical, 6-Row, Open Signal Module
74057-1002 MOLEX8-74057-1002 Datasheet
280Kb / 5P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 6-RowOpen Signal Module, 60 Circuits, 10 Columns, Pin Length 6.25mm (.246"), 0.76關m
More results

Description similaire - 7405

FabricantNo de pièceFiches techniqueDescription
C&K Components
C&K Components
7201J1A3QE2 CK-COMPONENTS-7201J1A3QE2 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
U411J37ZGE22 CK-COMPONENTS-U411J37ZGE22 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
U15J51ZQE12 CK-COMPONENTS-U15J51ZQE12 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
7103J2ZBE2 CK-COMPONENTS-7103J2ZBE2 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
7201J1ZQE CK-COMPONENTS-7201J1ZQE Datasheet
1Mb / 22P
   7000 Series Miniature Rocker Lever Handle Switches
ITT Industries
ITT Industries
E101J1ABE22 ITT-E101J1ABE22 Datasheet
812Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
C&K Components
C&K Components
E101J1ABE222 CK-COMPONENTS-E101J1ABE222 Datasheet
784Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
E105J1ABE2 CK-COMPONENTS-E105J1ABE2 Datasheet
972Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
E101J1V3BE2 CK-COMPONENTS-E101J1V3BE2 Datasheet
972Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
ITT Industries
ITT Industries
7101J1ZQE2 ITT-7101J1ZQE2 Datasheet
1Mb / 20P
   Rocker and Lever Handle Switches
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Fiches technique Télécharger

Go To PDF Page


Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz