Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

7405 Fiches technique(PDF) 18 Page - C&K Components

No de pièce 7405
Description  Miniature Rocker Lever Handle Switches
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CK-COMPONENTS [C&K Components]
Site Internet  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

7405 Fiches technique(HTML) 18 Page - C&K Components

Back Button 7405 Datasheet HTML 14Page - C&K Components 7405 Datasheet HTML 15Page - C&K Components 7405 Datasheet HTML 16Page - C&K Components 7405 Datasheet HTML 17Page - C&K Components 7405 Datasheet HTML 18Page - C&K Components 7405 Datasheet HTML 19Page - C&K Components 7405 Datasheet HTML 20Page - C&K Components 7405 Datasheet HTML 21Page - C&K Components 7405 Datasheet HTML 22Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
TERMINATIONS
7000 Series
Miniature Rocker & Lever Handle Switches
CONTACT MATERIAL
SEAL
'A'
Actuator Shown In Pos. 1
SNAP-IN
PC MOUNTING
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
Available with C, W through W5, Z & Z3 terminations.
1 CONTACTS & TERMINALS: Copper alloy, with gold plate over nickel plate.
2 END CONTACTS: Coin silver, with gold plate over nickel plate.
3 CENTER CONTACTS & ALL TERMINALS: Copper alloy, with gold plate
over nickel plate.
4 END CONTACTS: Coin silver, silver plated.
5 CENTER CONTACT & ALL TERMINALS: Copper alloy, silver plated.
6 TERMINALS: Copper alloy, with matte-tin over nickel plate.
U11-U415 model numbers
with all options when ordered with
G, Q, S & R contact material.
B contact material standard with all terminations except C, Z & Z3.
Q contact material standard with C, Z & Z3 terminations.
P, S & R, contact materials not available with Z & Z3 terminations.
NOTE: Any models supplied with Q, B, G S, P & R contact material are RoHS compliant.
V4
.630 (16,00)
V9
1.150 (29,21)
DIM ‘A’
OPTION
CODE
SP
.410 (10,41)
DP
.440 (11,18)
3P
.505 (12,83)
4P
.505 (12,83)
DIM ‘A’
NO.
POLES
V4, V9
VERTICAL MOUNT, V-BRACKET
7401J1__BE2
4PDT
E
EPOXY SEAL
I
EPOXY POTTED BASE
Not available with I seal option.
Available actuators, see pages G-7 and G-13.
OPTION
CODE
CONTACT
MATERIAL
TERMINAL
PLATING
RATINGS
SILVER 5
MATTE-TIN 6
GOLD 1
SILVER 4,5
GOLD OVER SILVER 2,3
GOLD 3
MATTE-TIN 6
GOLD 1
MATTE-TIN 6
LOW LEVEL/
DRY CIRCUIT
POWER
LOW LEVEL/DRY
CIRCUIT OR POWER
0.4 VA MAX. @ 20 V AC OR DC MAX.
5 AMPS @ 120 V AC OR 28 V DC; 2 AMPS @ 250 V AC.
0 4 VA MAX @ 20 V AC OR DC MAX OR 5 AMPS @
120 V AC OR 28 V DC; 2 AMPS @ 250 V AC.
B
P
Q
S
G
R
G
G–21
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com


Numéro de pièce similaire - 7405

FabricantNo de pièceFiches techniqueDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
7405 ETC2-7405 Datasheet
222Kb / 1P
   3/4 DIAMETER WIRE-WOUND, MULTI-TURN
74050 ETC2-74050 Datasheet
303Kb / 1P
   Wiha Quality Tools Slotted Bits
Myrra
Myrra
74050 MYRRA-74050 Datasheet
261Kb / 1P
   FLYBACK TRANSFORMER
Molex Electronics Ltd.
Molex Electronics Ltd.
74057-1001 MOLEX8-74057-1001 Datasheet
280Kb / 5P
   2.00mm (.079") Pitch VHDM Board-to-Board Backplane Header, Vertical, 6-Row, Open Signal Module
74057-1002 MOLEX8-74057-1002 Datasheet
280Kb / 5P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 6-RowOpen Signal Module, 60 Circuits, 10 Columns, Pin Length 6.25mm (.246"), 0.76關m
More results

Description similaire - 7405

FabricantNo de pièceFiches techniqueDescription
C&K Components
C&K Components
7201J1A3QE2 CK-COMPONENTS-7201J1A3QE2 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
U411J37ZGE22 CK-COMPONENTS-U411J37ZGE22 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
U15J51ZQE12 CK-COMPONENTS-U15J51ZQE12 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
7103J2ZBE2 CK-COMPONENTS-7103J2ZBE2 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
7201J1ZQE CK-COMPONENTS-7201J1ZQE Datasheet
1Mb / 22P
   7000 Series Miniature Rocker Lever Handle Switches
ITT Industries
ITT Industries
E101J1ABE22 ITT-E101J1ABE22 Datasheet
812Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
C&K Components
C&K Components
E101J1ABE222 CK-COMPONENTS-E101J1ABE222 Datasheet
784Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
E105J1ABE2 CK-COMPONENTS-E105J1ABE2 Datasheet
972Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
E101J1V3BE2 CK-COMPONENTS-E101J1V3BE2 Datasheet
972Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
ITT Industries
ITT Industries
7101J1ZQE2 ITT-7101J1ZQE2 Datasheet
1Mb / 20P
   Rocker and Lever Handle Switches
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Fiches technique Télécharger

Go To PDF Page


Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz