Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6004V3 Fiches technique(PDF) 6 Page - Littelfuse

No de pièce L6004V3
Description  Sensitive Triacs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L6004V3 Fiches technique(HTML) 6 Page - Littelfuse

  L6004V3 Datasheet HTML 1Page - Littelfuse L6004V3 Datasheet HTML 2Page - Littelfuse L6004V3 Datasheet HTML 3Page - Littelfuse L6004V3 Datasheet HTML 4Page - Littelfuse L6004V3 Datasheet HTML 5Page - Littelfuse L6004V3 Datasheet HTML 6Page - Littelfuse L6004V3 Datasheet HTML 7Page - Littelfuse L6004V3 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Sensitive Triacs
Data Sheets
http://www.littelfuse.com
E1 - 6
©2004 Littelfuse, Inc.
+1 972-580-7777
Thyristor Product Catalog
Electrical Isolation
Teccor’s isolated triac packages withstand a minimum high
potential test of 2500 V ac rms from leads to mounting tab over
the device's operating temperature range. The following isolation
table shows standard isolation ratings.
*
UL Recognized File #E71639
* Mounted on 1 cm2 copper foil surface; two-ounce copper foil
Figure E1.1 Maximum Allowable Ambient Temperature versus
On-state Current
Figure E1.2 Maximum Allowable Case Temperature versus
On-state Current (0.8 A and 1 A)
Electrical Isolation
from Leads to Mounting Tab
V AC RMS
TO-220 *
2500
Standard
Thermal Resistance (Steady State) Junction to Mounting Tab
and Junction to Ambient
RθJC [RθJA] °C/W (TYP)
Package Code
EC
F
L
F2
D
V
Type
TO-92
Plastic
Compak
TO-202
Type 1
TO-220
Isolated
TO-202
Type 2
TO-252
D-Pak
TO-251
V-Pak
0.8 A
60 [135]
60 *
1 A
50 [95]
40 *
4A
3.5 [45]
3.6 [50]
6.0 [70]
3.5
6.0 [70]
6A
3.3
3.2
3.2
8A
2.8
2.7
2.7
20
40
60
80
100
120
RMS On-State Current [I
T(RMS)] - Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360
˚
FREE AIR RATING – NO HEATSINK
TO-220 and
TYPE 1 and 3 TO-202
TYPE 2 and 4 TO-202
and TO-251
0.8 A TO-92
1 A TO-92
25
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
50
60
70
80
90
100
110
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360˚
CASE TEMPERATURE: Measured as
shown on Dimensional Drawings
RMS On-State Current [IT(RMS)] – Amps
1 A
0.8 A


Numéro de pièce similaire - L6004V3

FabricantNo de pièceFiches techniqueDescription
logo
Teccor Electronics
L6004V3 TECCOR-L6004V3 Datasheet
168Kb / 8P
   Sensitive Triacs (0.8A to 8A)
logo
Littelfuse
L6004V3 LITTELFUSE-L6004V3 Datasheet
170Kb / 8P
   Sensitive Triacs (0.8 A to 8 A)
L6004V3 LITTELFUSE-L6004V3 Datasheet
905Kb / 10P
   4 Amp Sensitive & Standard Triacs
logo
Teccor Electronics
L6004V3 TECCOR-L6004V3 Datasheet
178Kb / 8P
   Electrically-isolated packages
logo
Littelfuse
L6004V3 LITTELFUSE-L6004V3 Datasheet
176Kb / 8P
   RoHS Compliant
More results

Description similaire - L6004V3

FabricantNo de pièceFiches techniqueDescription
logo
Tiger Electronic Co.,Lt...
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
   Sensitive Gate Triacs
logo
Tiger Electronic Co.,Lt...
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
   Triacs sensitive gate
BT152-500 TGS-BT152-500 Datasheet
76Kb / 1P
   Triacs sensitive gate
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
   Triacs sensitive gate
logo
Unisonic Technologies
BTB04 UTC-BTB04 Datasheet
166Kb / 4P
   SENSITIVE GATE TRIACS
BTB04A UTC-BTB04A Datasheet
143Kb / 3P
   SENSITIVE GATE TRIACS
logo
Kersemi Electronic Co.,...
BTB08-700BW KERSEMI-BTB08-700BW Datasheet
817Kb / 4P
   SENSITIVE GATE TRIACS
logo
NXP Semiconductors
BT138B PHILIPS-BT138B Datasheet
51Kb / 6P
   Triacs sensitive gate
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com