Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS12A4516DR Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TS12A4516DR
Description  DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TS12A4516DR Fiches technique(HTML) 1 Page - Texas Instruments

  TS12A4516DR Datasheet HTML 1Page - Texas Instruments TS12A4516DR Datasheet HTML 2Page - Texas Instruments TS12A4516DR Datasheet HTML 3Page - Texas Instruments TS12A4516DR Datasheet HTML 4Page - Texas Instruments TS12A4516DR Datasheet HTML 5Page - Texas Instruments TS12A4516DR Datasheet HTML 6Page - Texas Instruments TS12A4516DR Datasheet HTML 7Page - Texas Instruments TS12A4516DR Datasheet HTML 8Page - Texas Instruments TS12A4516DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
FEATURES
DESCRIPTION/ORDERING INFORMATION
TS12A4516
,, TS12A4517
www.ti.com ................................................................................................................................................. SCDS236B – DECEMBER 2006 – REVISED APRIL 2009
DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
• ±1-V to ±6-V Dual-Supply Operation
• Specified Low ON-Leakage Currents:
• Specified ON-State Resistance:
5 nA at 25°C
25
Ω Max With ±5-V Supply
10 nA at 85°C
35
Ω Max With ±3.3-V Supply
• Low Charge Injection: 13 pC (±5-V Supply)
47
Ω Max With ±1.8-V Supply
• Fast Switching Speed:
tON = 85 ns, tOFF = 50 ns (±5-V Supply)
• Specified Low OFF-Leakage Currents:
• Break-Before-Make Operation (t
ON > tOFF)
5 nA at 25°C
• Latch-Up Performance Exceeds 100 mA Per
10 nA at 85°C
JESD 78, Class II
• ESD Performance Tested Per JESD 22
2500-V Human-Body Model (A114-F)
1000-V Charged-Device Model (C101-C)
250-V Machine Model (A115-A)
The TS12A4516/TS12A4517 are single pole/single throw (SPST), low-voltage, dual-supply CMOS analog
switches, with very low switch ON-state resistance. The TS12A4516 is normally open (NO). The TS12A4517 is
normally closed (NC).
These CMOS switches can operate continuously with a dual supplies between ±1 V and ±6 V [(2 V < (V+ – V) <
12 V]. Each switch can handle rail-to-rail analog signals. The OFF-leakage current maximum is only 5 nA at 25°C
or 10 nA at 85°C.
For pin-compatible parts for use with single supply, see the TS12A4514/TS12A4515.
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Reel of 1500
TS12A4516D
SOIC – D
YD516
Reel of 2500
TS12A4516DR
SOP (SOT-23) – DBV
Reel of 3000
TS12A4516DBVR
9CL_
–40°C to 85°C
Reel of 1500
TS12A4517D
SOIC – D
YD517
Reel of 2500
TS12A4517DR
SOP (SOT-23) – DBV
Reel of 3000
TS12A4517DBVR
9CM_
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - TS12A4516DR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS12A4516DR TI-TS12A4516DR Datasheet
274Kb / 11P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516DR TI-TS12A4516DR Datasheet
461Kb / 14P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516DR TI-TS12A4516DR Datasheet
519Kb / 15P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516DRG4 TI-TS12A4516DRG4 Datasheet
274Kb / 11P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516DRG4 TI-TS12A4516DRG4 Datasheet
461Kb / 14P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
More results

Description similaire - TS12A4516DR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS12A4516 TI-TS12A4516_10 Datasheet
461Kb / 14P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516_101 TI-TS12A4516_101 Datasheet
519Kb / 15P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516 TI-TS12A4516 Datasheet
274Kb / 11P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
logo
Maxim Integrated Produc...
MAX4516 MAXIM-MAX4516 Datasheet
84Kb / 8P
   Dual-Supply, Low-On-Resistance, SPST, CMOS Analog Switches
Rev 0; 6/96
logo
Texas Instruments
TS12A44513 TI-TS12A44513_10 Datasheet
459Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44513 TI1-TS12A44513_14 Datasheet
936Kb / 19P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44513 TI-TS12A44513 Datasheet
494Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A4514 TI-TS12A4514 Datasheet
269Kb / 15P
[Old version datasheet]   LOW-VOLTAGE, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A44513 TI1-TS12A44513_16 Datasheet
962Kb / 24P
[Old version datasheet]   Low ON-State Resistance 4-Channel SPST CMOS Analog Switches
logo
Renesas Technology Corp
ISL43L120 RENESAS-ISL43L120 Datasheet
651Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com