Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM4006-T Fiches technique(PDF) 8 Page - Rectron Semiconductor

No de pièce FM4006-T
Description  PASSIVATED SILICON RECTIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RECTRON [Rectron Semiconductor]
Site Internet  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FM4006-T Fiches technique(HTML) 8 Page - Rectron Semiconductor

Back Button FM4006-T Datasheet HTML 2Page - Rectron Semiconductor FM4006-T Datasheet HTML 3Page - Rectron Semiconductor FM4006-T Datasheet HTML 4Page - Rectron Semiconductor FM4006-T Datasheet HTML 5Page - Rectron Semiconductor FM4006-T Datasheet HTML 6Page - Rectron Semiconductor FM4006-T Datasheet HTML 7Page - Rectron Semiconductor FM4006-T Datasheet HTML 8Page - Rectron Semiconductor FM4006-T Datasheet HTML 9Page - Rectron Semiconductor FM4006-T Datasheet HTML 10Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
REEL TAPING SPECIFICATIONS FOR
A
E
F
d
P1
P0
W
B
P
SURFACE MOUNT DEVICES-FLAT MELF
D
W1
D2
D1
( SMA/SMB/SMC )
T
MAX. 3
o
MAX. 3
o
A
R
C
Fig.: Configuration of FLAT MELF TAPING
(SMA/SMB/SMC)
ITEM
SYMBOL
DO214AC (SMA) mm(inch)
DO214AA (SMB) mm(inch)
DO214AB (SMC) mm(inch)
Carrier width
Carrier length
Carrier depth
Sprocket hole
Reel outside diameter
Reel inner diameter
Feed hole diameter
Strocket hole position
Punch hole position
Punch hole pitch
Sprocket hole pitch
Embossment center
Totall tape thickness
Tape width
Reel width
A
B
C
d
D
D1
D2
E
F
P
P0
P1
T
W
W1
2.6 0.15 (0.102 0.006)
5.15 0.15 (0.203 0.006)
2.3 0.15 (0.091 0.006)
1.5 0.1 (0.059 0.004)
178 2.0 (7.0 0.079)
50 Min.
13 0.5 (0.512 0.020)
1.5 0.1 (0.059 0.004)
5.65 0.05 (0.222 0.002)
4.0 0.1 (0.157 0.004)
4.0 0.1 (0.157 0.004)
2.0 0.1 (0.079 0.004)
0.30 0.05 (0.012 0.002)
12.0 0.2 (0.472 0.008)
16.8 2.0 (0.661 0.079)
3.65 0.1 (0.144 0.004)
5.69 0.1 (0.224 0.004)
2.67 0.1 (0.105 0.004)
1.5 0.1 (0.059 0.004)
178 2.0 (7.0 0.079)
50 Min.
13 0.5 (0.512 0.020)
1.5 0.1 (0.059 0.004)
5.65 0.05 (0.222 0.002)
8.0 0.1 (0.315 0.004)
4.0 0.1 (0.157 0.004)
2.0 0.1 (0.079 0.004)
0.6 Max.
12.0 0.2 (0.472 0.008)
16.8 2.0 (0.661 0.079) 24.0 2.0 (0.945 0.079)
16.0 0.2 (0.630 0.008)
0.6 Max.
4.0 0.1 (0.157 0.004)
4.0 0.1 (0.157 0.004)
8.0 0.1 (0.315 0.004)
7.65 0.05 (0.301 0.002)
1.5 0.1 (0.059 0.004)
13 0.5 (0.512 0.020)
50 Min.
178 2.0 (7.0 0.079)
1.5 0.1 (0.059 0.004)
2.5 0.1 (0.098 0.004)
8.30 0.1 (0.327 0.004)
6.0 0.1 (0.236 0.004)
Note: 1.Devices are packed in accordance with EIA standard RS-481-A and specification given above.
2.Available on 7 inch ( 1500 ct. ) or 13 inch ( 5000 ct. ) diameter reels.


Numéro de pièce similaire - FM4006-T

FabricantNo de pièceFiches techniqueDescription
logo
Formosa MS
FM4006-L FORMOSA-FM4006-L Datasheet
69Kb / 2P
   Chip Silicon Rectifier - Glass passivated type
FM4006-L FORMOSA-FM4006-L Datasheet
93Kb / 7P
   Chip General Purpose Rectifiers
FM4006-M FORMOSA-FM4006-M Datasheet
67Kb / 2P
   Glass passivated type
logo
PACELEADER INDUSTRIAL
FM4006-M PACELEADER-FM4006-M Datasheet
268Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
logo
Shenzhen Luguang Electr...
FM4006-M LUGUANG-FM4006-M Datasheet
171Kb / 2P
   1.0A Surface Mount General Purpose Rectifiers
More results

Description similaire - FM4006-T

FabricantNo de pièceFiches techniqueDescription
logo
Central Semiconductor C...
1N5415 CENTRAL-1N5415 Datasheet
287Kb / 2P
   PASSIVATED SILICON RECTIFIER
logo
Sangdest Microelectroni...
RL101 SMC-RL101 Datasheet
178Kb / 4P
   PASSIVATED SILICON RECTIFIER
logo
Central Semiconductor C...
1N5188 CENTRAL-1N5188_15 Datasheet
289Kb / 2P
   PASSIVATED SILICON RECTIFIER
logo
Rectron Semiconductor
FM501 RECTRON-FM501 Datasheet
23Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (GLASS PASSIVATED SILICON RECTIFIER)
logo
Changzhou Shunye Electr...
1N4001G SY-1N4001G Datasheet
232Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
6A05G SY-6A05G Datasheet
1,002Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Chenmko Enterprise Co. ...
SBM4001PT CHENMKO-SBM4001PT Datasheet
72Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Shunye Enterprise
1N4001SG SHUNYE-1N4001SG_17 Datasheet
594Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
1N5400G SHUNYE-1N5400G_17 Datasheet
1Mb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
BY127G SHUNYE-BY127G_17 Datasheet
991Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com