Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS5A3154 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce TS5A3154
Description  0.9-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A3154 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TS5A3154_14 Datasheet HTML 2Page - Texas Instruments TS5A3154_14 Datasheet HTML 3Page - Texas Instruments TS5A3154_14 Datasheet HTML 4Page - Texas Instruments TS5A3154_14 Datasheet HTML 5Page - Texas Instruments TS5A3154_14 Datasheet HTML 6Page - Texas Instruments TS5A3154_14 Datasheet HTML 7Page - Texas Instruments TS5A3154_14 Datasheet HTML 8Page - Texas Instruments TS5A3154_14 Datasheet HTML 9Page - Texas Instruments TS5A3154_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
TS5A3154
SCDS191C
– MARCH 2005 – REVISED FEBRUARY 2012
www.ti.com
Electrical Characteristics for 3.3-V Supply
(1)
V+ = 3 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog
Switch
Analog signal
VCOM, VNO,
0
V+
V
range
VNC
25
°C
1.3
1.6
Peak ON
0
≤ (VNO or VNC) ≤ V+,
Switch ON,
rpeak
3 V
resistance
ICOM = –100 mA,
See Figure 13
Full
1.9
25
°C
1.2
1.5
ON-state
VNO or VNC = 2 V,
Switch ON,
ron
3 V
resistance
ICOM = –100 mA,
See Figure 13
Full
1.7
ON-state
25
°C
0.08
0.15
resistance
VNO or VNC = 2 V, 0.8 V
Switch ON,
match
Δron
3 V
ICOM = –100 mA,
See Figure 13
Full
0.15
between
channels
25
°C
0.3
0
≤ (VNO or VNC) ≤ V+,
Switch ON,
ON-state
ICOM = –100 mA,
See Figure 13
Full
resistance
ron(flat)
3 V
25
°C
0.09
0.15
VNO or VNC = 2 V, 0.8 V,
Switch ON,
flatness
ICOM = –100 mA,
See Figure 13
Full
0.15
VNC or VNO = 1 V, VCOM = 3 V,
25
°C
–20
2
20
INC(OFF),
Switch OFF,
or
3.6 V
nA
NC, NO
INO(OFF)
See Figure 14
Full
–50
50
VNC or VNO = 3 V, VCOM = 1 V,
OFF leakage
current
25
°C
–1
0.2
1
INC(PWROFF),
VNC or VNO = 0 to 3.6 V,
Switch OFF,
0 V
μA
INO(PWROFF)
VCOM = 3.6 V to 0 V,
See Figure 14
Full
–15
15
NC, NO
VNC or VNO = 1 V, VCOM = Open,
25
°C
–20
2
20
INC(ON),
Switch ON,
ON leakage
or
3.6 V
nA
INO(ON)
See Figure 15
Full
–50
50
current
VNC or VNO = 3 V, VCOM = Open,
VCOM = 1 V, VNC or VNO = 3 V,
25
°C
–20
2
20
Switch OFF,
ICOM(OFF)
or
3.6 V
nA
COM
See Figure 14
Full
–50
50
VCOM = 3 V, VNC or VNO = 1 V,
OFF leakage
current
25
°C
–1
0.2
1
VNC or VNO = 0 to 3.6 V,
Switch OFF,
ICOM(PWROFF)
0 V
μA
VCOM = 3.6 V to 0,
See Figure 14
Full
–15
15
COM
VCOM = 1 V, VNC or VNO = Open,
25
°C
–20
2
20
Switch ON,
ON leakage
ICOM(ON)
or
3.6 V
nA
See Figure 15
Full
–50
50
current
VCOM = 3 V, VNC or VNO = Open
Digital Control Inputs (IN, EN)(2)
Input logic high
VIH
Full
2
5.5
V
Input logic low
VIL
Full
0
0.8
V
25
°C
–100
25
100
Input leakage
IIH, IIL
VI = 5.5 V or 0
3.6 V
nA
current
Full
–100
100
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum.
(2)
All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
6
Submit Documentation Feedback
Copyright
© 2005–2012, Texas Instruments Incorporated
Product Folder Link(s): TS5A3154


Numéro de pièce similaire - TS5A3154_14

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A3154 TI-TS5A3154_10 Datasheet
781Kb / 26P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154 TI-TS5A3154_15 Datasheet
913Kb / 28P
[Old version datasheet]   0.9-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results

Description similaire - TS5A3154_14

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A3154 TI-TS5A3154_15 Datasheet
913Kb / 28P
[Old version datasheet]   0.9-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154 TI-TS5A3154 Datasheet
286Kb / 22P
[Old version datasheet]   0.9-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI1-TS5A3159A_14 Datasheet
778Kb / 32P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160 TI1-TS5A3160_14 Datasheet
724Kb / 31P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI-TS5A3159A_10 Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A63157 TI1-TS5A63157_14 Datasheet
810Kb / 32P
[Old version datasheet]   12-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A63157 TI-TS5A63157_15 Datasheet
984Kb / 31P
[Old version datasheet]   12-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23160 TI-TS5A23160 Datasheet
276Kb / 22P
[Old version datasheet]   0.9-ohm DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23160 TI-TS5A23160_09 Datasheet
543Kb / 25P
[Old version datasheet]   0.9-W DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23160 TI1-TS5A23160_14 Datasheet
528Kb / 26P
[Old version datasheet]   0.9-W DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com