Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

V-16-1AL5 Fiches technique(PDF) 1 Page - Omron Electronics LLC

No de pièce V-16-1AL5
Description  Snap Action Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V-16-1AL5 Fiches technique(HTML) 1 Page - Omron Electronics LLC

  V-16-1AL5 Datasheet HTML 1Page - Omron Electronics LLC V-16-1AL5 Datasheet HTML 2Page - Omron Electronics LLC V-16-1AL5 Datasheet HTML 3Page - Omron Electronics LLC V-16-1AL5 Datasheet HTML 4Page - Omron Electronics LLC V-16-1AL5 Datasheet HTML 5Page - Omron Electronics LLC V-16-1AL5 Datasheet HTML 6Page - Omron Electronics LLC V-16-1AL5 Datasheet HTML 7Page - Omron Electronics LLC V-16-1AL5 Datasheet HTML 8Page - Omron Electronics LLC V-16-1AL5 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Snap Action Switch
V
121
Snap Action Switch
V
General Purpose Snap Action Switch
• Industry standard design with switching currents of 10A to 21A
• Widely used for applications where long life expectancy and
high reliability is required.
• Choose from a variety of levers, terminals and operating forces.
• Right and Left Barrier options are available for the V-21 and
V-16 models
• Heat resistant versions of the V-15 and V-10 are available.
• RoHS Compliant
Ordering Information
■ Model Number Legend
V -
-
-
-
1.
Ratings
21:
21 A at 250 VAC
16:
16 A at 250 VAC
2.
Contact Gap
None: 1 mm (F gap)
G:
0.5 mm (G gap)
15:
15 A at 250 VAC
11:
11 A at 250 VAC
10:
10 A at 250 VAC
4:
100 gf
7.
Maximum Operating Force
6:
400 gf
5:
200 gf
8.
Special Purpose
T:
Heat resistive
(V-15 and V-10, only)
4.
Contact Form
1:
SPDT
COM Terminal, Bottom position:
COM Terminal, Side position:
2:
SPST-NC
9.
Mounting Hole Size
None: 3.1 mm
None: Standard
K:
2.9 mm
3:
SPST-NO
4:
SPDT
5:
SPST-NC
6:
SPST-NO
6.
Insulation Barrier
None: Without Barrier
R:
Right-hand barrier
L:
Left-hand barrier
Note: These OF values are for
the pin plunger models.
3.
Actuator
None: Pin plunger
1:
Short hinge lever
2:
Hinge lever
3:
Long hinge lever
4:
Simulated roller lever
5:
Short hinge roller lever
6:
Hinge roller lever
5.
Terminals
A:
Solder terminals
C2:
Quick-connect terminal (#187)
C:
Quick-connect terminal (#250)
3
4
5
2
1
7
8
9
6
(Barriers available for V-21 and V-16, only)
Note: Consult Omron regarding nomenclature combinations and part numbers
not found in this datasheet.


Numéro de pièce similaire - V-16-1AL5

FabricantNo de pièceFiches techniqueDescription
logo
Omron Electronics LLC
V-16-1AL5 OMRON-V-16-1AL5 Datasheet
1Mb / 16P
   Snap Action Switch
V-16-1AL5 OMRON-V-16-1AL5 Datasheet
1Mb / 16P
   Snap Action Switch
More results

Description similaire - V-16-1AL5

FabricantNo de pièceFiches techniqueDescription
logo
Omron Electronics LLC
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
   Snap Action Switch
A-20G OMRON-A-20G Datasheet
988Kb / 8P
   Snap Action Switch
logo
Highly Electric Co., Lt...
SRO HIGHLY-SRO Datasheet
7Mb / 4P
   SNAP ACTION SWITCH
Z15G HIGHLY-Z15G Datasheet
436Kb / 5P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
VX-5-1A2 OMRON-VX-5-1A2 Datasheet
681Kb / 8P
   Snap Action Switch
D2F OMRON-D2F Datasheet
703Kb / 8P
   Snap Action Switch
V15G1C25T OMRON-V15G1C25T Datasheet
1Mb / 16P
   Snap Action Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com