Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD103CW-7 Fiches technique(PDF) 2 Page - Diodes Incorporated

No de pièce SD103CW-7
Description  SCHOTTKY BARRIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SD103CW-7 Fiches technique(HTML) 2 Page - Diodes Incorporated

  SD103CW-7 Datasheet HTML 1Page - Diodes Incorporated SD103CW-7 Datasheet HTML 2Page - Diodes Incorporated SD103CW-7 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SD103AW - SD103CW
0.01
0.1
1
0.001
0.0001
0
800
600
400
200
1,000
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
Fig. 1 Typical Forward Characteristics
F
T = 25 C
A
°
T = 75 C
A
°
T = 125 C
A
°
T = 0 C
A
°
T = -40 C
A
°
0.01
0.1
1
10
100
1,000
0
25
75
50
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 2 Typical Reverse Characteristics
100
0
10
5
15
25
20
30
0
25
50
75
100
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 3 Total Capacitance vs. Reverse Voltage
f = 1.0MHz
0
100
200
500
025
50
75
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 4 Power Derating Curve
A
100
300
400
Note 1
Ordering Information (Note 5)
Part Number
Case
Packaging
SD103AW-7-F
SOD-123
3000/Tape and Reel
SD103BW-7-F
SOD-123
3000/Tape and Reel
SD103CW-7-F
SOD-123
3000/Tape and Reel
SD103CW-13-F
SOD-123
10,000/Tape and Reel
Notes:
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
SD103AW - SD103CW
Document number: DS11013 Rev. 24 - 2
2 of 3
www.diodes.com
July 2008
© Diodes Incorporated


Numéro de pièce similaire - SD103CW-7

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
SD103CW-7-F DIODES-SD103CW-7-F Datasheet
246Kb / 3P
   SCHOTTKY BARRIER SWITCHING DIODE
DS11013 Rev. 21 - 2
SD103CW-7-F DIODES-SD103CW-7-F Datasheet
119Kb / 3P
   SCHOTTKY BARRIER DIODE
DS11013 Rev. 24 - 2
logo
Rohm
SD103CW-7-F ROHM-SD103CW-7-F Datasheet
119Kb / 3P
   Low Forward Voltage Drop
logo
Diodes Incorporated
SD103CW-7-F DIODES-SD103CW-7-F Datasheet
119Kb / 3P
   SCHOTTKY BARRIER DIODE
SD103CW-7-F DIODES-SD103CW-7-F Datasheet
297Kb / 4P
   SCHOTTKY BARRIER DIODE
More results

Description similaire - SD103CW-7

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com