Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS272 Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce TS272
Description  HIGH PERFORMANCE CMOS DUAL OPERATIONAL AMPLIFIERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS272 Fiches technique(HTML) 2 Page - STMicroelectronics

  TS272 Datasheet HTML 1Page - STMicroelectronics TS272 Datasheet HTML 2Page - STMicroelectronics TS272 Datasheet HTML 3Page - STMicroelectronics TS272 Datasheet HTML 4Page - STMicroelectronics TS272 Datasheet HTML 5Page - STMicroelectronics TS272 Datasheet HTML 6Page - STMicroelectronics TS272 Datasheet HTML 7Page - STMicroelectronics TS272 Datasheet HTML 8Page - STMicroelectronics TS272 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TS272C,I,M
2/9
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
OPERATING CONDITIONS
E
E
Input
differential
Second
stage
Output
stage
Output
CC
V
CC
V
Current
source
x I
Symbol
Parameter
TS272C/AC/BC
TS272I/AI/BI
TS272M/AM/BM
Unit
VCC
+
Supply Voltage 1)
18
V
Vid
Differential Input Voltage 2)
±18
V
Vi
Input Voltage 3)
-0.3 to 18
V
Io
Output Current for VCC
+
≥ 15V
±30
mA
Iin
Input Current
±5
mA
Toper
Operating Free-Air Temperature Range
0 to +70
-40 to +125
-55 to +125
°C
Tstg
Storage Temperature Range
-65 to +150
°C
1. All values, except differential voltage are with respect to network ground terminal.
2. Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
3. The magnitude of the input and the output voltages must never exceed the magnitude of the positive supply voltage.
Symbol
Parameter
Value
Unit
VCC
+
Supply Voltage
3 to 16
V
Vicm
Common Mode Input Voltage Range
0 to VCC
+ - 1.5
V


Numéro de pièce similaire - TS272

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TS272 STMICROELECTRONICS-TS272 Datasheet
216Kb / 9P
   HIGH SPEED CMOS DUAL OPERATIONAL AMPLIFIERS
TS272AC STMICROELECTRONICS-TS272AC Datasheet
216Kb / 9P
   HIGH SPEED CMOS DUAL OPERATIONAL AMPLIFIERS
TS272AI STMICROELECTRONICS-TS272AI Datasheet
216Kb / 9P
   HIGH SPEED CMOS DUAL OPERATIONAL AMPLIFIERS
TS272AID STMICROELECTRONICS-TS272AID Datasheet
208Kb / 9P
   HIGH PERFORMANCE CMOS DUAL OPERATIONAL AMPLIFIERS
TS272AIN STMICROELECTRONICS-TS272AIN Datasheet
208Kb / 9P
   HIGH PERFORMANCE CMOS DUAL OPERATIONAL AMPLIFIERS
More results

Description similaire - TS272

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TS272AID STMICROELECTRONICS-TS272AID Datasheet
208Kb / 9P
   HIGH PERFORMANCE CMOS DUAL OPERATIONAL AMPLIFIERS
TS272IDT STMICROELECTRONICS-TS272IDT Datasheet
208Kb / 9P
   HIGH PERFORMANCE CMOS DUAL OPERATIONAL AMPLIFIERS
TS272AIN STMICROELECTRONICS-TS272AIN Datasheet
208Kb / 9P
   HIGH PERFORMANCE CMOS DUAL OPERATIONAL AMPLIFIERS
logo
Sanyo Semicon Device
LA6462M SANYO-LA6462M Datasheet
107Kb / 5P
   High-Performance Dual Operational Amplifiers
LA6358N SANYO-LA6358N_10 Datasheet
164Kb / 7P
   High-Performance Dual Operational Amplifiers
logo
National Semiconductor ...
LH2101A NSC-LH2101A Datasheet
85Kb / 3P
   DUAL HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
logo
Sanyo Semicon Device
LA6458D SANYO-LA6458D Datasheet
160Kb / 4P
   High-Performance Dual Operational Amplifiers
logo
STMicroelectronics
MC1458 STMICROELECTRONICS-MC1458 Datasheet
136Kb / 6P
   HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIERS
logo
Sanyo Semicon Device
LA6358N SANYO-LA6358N Datasheet
108Kb / 4P
   High-Performance Dual Operational Amplifiers
LA6458M SANYO-LA6458M Datasheet
99Kb / 5P
   High-Performance Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com