Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3431 Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce LM3431
Description  3-Channel Constant Current LED Driver with Integrated Boost Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM3431 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button LM3431_14 Datasheet HTML 7Page - Texas Instruments LM3431_14 Datasheet HTML 8Page - Texas Instruments LM3431_14 Datasheet HTML 9Page - Texas Instruments LM3431_14 Datasheet HTML 10Page - Texas Instruments LM3431_14 Datasheet HTML 11Page - Texas Instruments LM3431_14 Datasheet HTML 12Page - Texas Instruments LM3431_14 Datasheet HTML 13Page - Texas Instruments LM3431_14 Datasheet HTML 14Page - Texas Instruments LM3431_14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
VSS/SH
1V/Div
ILED
100 mA/Div
Vout
10V/Div
VEN
5V/Div
4 ms/DIV
C6 =
tss x 19 PA
1.85V
LM3431
www.ti.com
SNVS547F – NOVEMBER 2007 – REVISED MARCH 2009
As input voltage approaches the nominal output voltage, duty cycle and switch on time are reduced. When the
on time reaches minimum, pulse skipping will occur. This increases the output ripple voltage and can cause
regulator saturation and poor LED current regulation. If input voltage equals or exceeds the set output voltage,
switching will stop and the output voltage will become unregulated. This will force an increase in the LED
cathode voltage and NPN regulator power dissipation. Although this condition can be tolerated, it is not
recommended.
Therefore, input voltage should be restricted to keep on time above the minimum (see Switching Frequency
section) and at least 1V below the set output voltage.
ENABLE and UVLO
The EN pin is a dual function pin combining both enable and programmable undervoltage lockout (UVLO). The
shutdown threshold is 0.75V. When EN is pulled below this threshold, the LM3431 will shutdown and IQ will be
reduced to 15 µA typically. The typical EN pin UVLO threshold is 1.23V. When the EN voltage is above this
threshold, the LM3431 will begin softstart. Below the UVLO threshold, the LM3431 will remain in standby mode.
A resistor divider, shown as R1 and R2 in Figure 14, can be used to program the UVLO threshold at the EN pin.
This feature is used to shutdown the IC at an input voltage higher than the internal VCC UVLO threshold of 4.4V.
The EN UVLO should be set just below the minimum input voltage for the application.
The internal UVLO is monitored at the VCC pin. When VCC is below the threshold of 4.4V, the LM3431 is in
standby mode (See VCC section).
Soft-Start
The SS/SH pin is a dual function softstart and sample/hold pin. The SH function is described in sections below.
When the EN pin is pulled above the programmable UVLO threshold and VCC rises above the internal UVLO
threshold, the SS/SH pin begins sourcing current. This charges the SS cap (C6) and the SS pin voltage in turn
controls the output voltage ramp-up, sensed via the AFB pin. The softstart capacitor is calculated as shown
below, where 20 µA is the typical softstart source current:
(3)
The LED current regulators are held off until softstart is completed. During softstart, current limit is active and the
CFB pin is monitored for a cathode short fault (See LED Protection section). When the SS/SH voltage reaches
1.85V, the current regulators are activated, LED current begins flowing, and output voltage control is transferred
to the CFB pin. Typical startup is shown below in Figure 15.
Figure 15. Typical Startup Waveforms (From power-on, DIM = high)
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3431


Numéro de pièce similaire - LM3431_14

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3431A NSC-LM3431A Datasheet
540Kb / 24P
   3-Channel Constant Current LED Driver with Integrated Boost Controller
LM3431A NSC-LM3431A Datasheet
541Kb / 24P
   3-Channel Constant Current LED Driver with Integrated Boost Controller
LM3431A NSC-LM3431A Datasheet
605Kb / 24P
   3-Channel Constant Current LED Driver with Integrated Boost Controller
LM3431AMH NSC-LM3431AMH Datasheet
540Kb / 24P
   3-Channel Constant Current LED Driver with Integrated Boost Controller
LM3431AMH NSC-LM3431AMH Datasheet
541Kb / 24P
   3-Channel Constant Current LED Driver with Integrated Boost Controller
More results

Description similaire - LM3431_14

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3431 NSC-LM3431_09 Datasheet
605Kb / 24P
   3-Channel Constant Current LED Driver with Integrated Boost Controller
LM3431 NSC-LM3431_08 Datasheet
541Kb / 24P
   3-Channel Constant Current LED Driver with Integrated Boost Controller
LM3431 NSC-LM3431 Datasheet
540Kb / 24P
   3-Channel Constant Current LED Driver with Integrated Boost Controller
logo
Marktech Corporate
TCA62724FMG MARKTECH-TCA62724FMG Datasheet
212Kb / 15P
   3-Channel Constant-Current LED Driver
logo
List of Unclassifed Man...
GS8206 ETC-GS8206 Datasheet
550Kb / 11P
   3 channel constant current LED driver
June 12,2016 version0.2
logo
Comchip Technology
TCA62724FMG COMCHIP-TCA62724FMG_15 Datasheet
212Kb / 15P
   3-Channel Constant-Current LED Driver
logo
List of Unclassifed Man...
UCS1903 ETC2-UCS1903 Datasheet
1Mb / 10P
   3-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4103V-GT2 ONSEMI-CAT4103V-GT2 Datasheet
243Kb / 13P
   3-Channel Constant-Current RGB LED Driver
Doc. No. MD-5038, Rev. A
CAT4103 ONSEMI-CAT4103 Datasheet
162Kb / 13P
   3-Channel Constant-Current RGB LED Driver
March, 2010 ??Rev. 1
CAT4109 ONSEMI-CAT4109_15 Datasheet
187Kb / 10P
   3-Channel Constant-Current RGB LED Driver
May, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com