Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS61161 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS61161
Description  White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61161 Fiches technique(HTML) 5 Page - Texas Instruments

  TPS61161 Datasheet HTML 1Page - Texas Instruments TPS61161 Datasheet HTML 2Page - Texas Instruments TPS61161 Datasheet HTML 3Page - Texas Instruments TPS61161 Datasheet HTML 4Page - Texas Instruments TPS61161 Datasheet HTML 5Page - Texas Instruments TPS61161 Datasheet HTML 6Page - Texas Instruments TPS61161 Datasheet HTML 7Page - Texas Instruments TPS61161 Datasheet HTML 8Page - Texas Instruments TPS61161 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
SW
Ramp
Generator
Oscillator
Current
Sensor
OLP
CTRL
GND
C3
L1
+
FB
Reference
Control
D1
Error
Amplifer
2
1
Rset
C2
Vin
C1
PWM Control
4
6
Soft
Start-up
5
3
COMP
TPS61160
TPS61161
www.ti.com
SLVS791C – NOVEMBER 2007 – REVISED APRIL 2012
FUNCTIONAL BLOCK DIAGRAM
TYPICAL CHARACTERISTICS
TABLE OF GRAPHS
FIGURE
Efficiency TPS61160/1
VIN = 3.6 V; 4, 6, 8, 10 LEDs; L = 22
μH
Figure 2
Efficiency TPS61160
Figure 3
Efficiency TPS61161
Figure 4
Current limit
TA = 25°C
Figure 5
Current limit
Figure 6
Easyscale step
Figure 7
PWM dimming linearity
VIN = 3.6 V; PWM Freq = 10 kHz and 40 kHz
Figure 7
Output ripple at PWM dimming
8 LEDs; VIN = 3.6 V; ILOAD = 20 mA; PWM Freq = 10 kHz
Figure 9
Switching waveform
8 LEDs; VIN = 3.6 V; ILOAD = 20 mA; L = 22 μH
Figure 10
Start-up
8 LEDs; VIN = 3.6 V; ILOAD = 20 mA; L =22 μH
Figure 11
Open LED protection
8 LEDs; VIN = 3.6 V; ILOAD = 20 mA; L = 22 μH
Figure 12
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS61160 TPS61161


Numéro de pièce similaire - TPS61161

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61161 TI-TPS61161 Datasheet
557Kb / 21P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
TPS61161 TI1-TPS61161 Datasheet
1Mb / 39P
[Old version datasheet]   White LED Drivers With Digital and PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61161-Q1 TI1-TPS61161-Q1 Datasheet
885Kb / 25P
[Old version datasheet]   WHITE LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL FOR UP TO 10 LEDs IN SERIES
TPS61161-Q1 TI1-TPS61161-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   White LED Drivers With Digital and PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61161A TI1-TPS61161A Datasheet
1Mb / 31P
[Old version datasheet]   TPS6116xA White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
More results

Description similaire - TPS61161

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61160DRVRG4 TI1-TPS61160DRVRG4 Datasheet
1Mb / 27P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61165 TI-TPS61165 Datasheet
503Kb / 21P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN Package
logo
Global Mixed-mode Techn...
G5139 GMT-G5139 Datasheet
54Kb / 1P
   Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
G5129 GMT-G5129 Datasheet
53Kb / 1P
   Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
logo
Texas Instruments
TPS61160 TI-TPS61160 Datasheet
557Kb / 21P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
TPS61160A TI-TPS61160A Datasheet
834Kb / 20P
[Old version datasheet]   White LED Driver With PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
TPS61165 TI-TPS61165_10 Datasheet
862Kb / 26P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN and SOT-23 Packages
logo
Will Semiconductor Ltd.
WD3138 WILLSEMI-WD3138 Datasheet
1Mb / 23P
   White LED Driver with Digital and PWM Brightness Control in Tiny Package
logo
Micrel Semiconductor
MIC3287 MICREL-MIC3287 Datasheet
339Kb / 9P
   1.2MHz PWM White LED Driver with OVP in Thin SOT-23 and 2mm x 2mm MFL
logo
Shanghai awinic technol...
AW9961 AWINIC-AW9961 Datasheet
2Mb / 30P
   White LED Driver with Flexible Digital and PWM Brightness Control in Small Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com