Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS61160 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS61160
Description  White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61160 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS61160 Datasheet HTML 2Page - Texas Instruments TPS61160 Datasheet HTML 3Page - Texas Instruments TPS61160 Datasheet HTML 4Page - Texas Instruments TPS61160 Datasheet HTML 5Page - Texas Instruments TPS61160 Datasheet HTML 6Page - Texas Instruments TPS61160 Datasheet HTML 7Page - Texas Instruments TPS61160 Datasheet HTML 8Page - Texas Instruments TPS61160 Datasheet HTML 9Page - Texas Instruments TPS61160 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
40
50
60
70
80
90
100
0
10
20
30
40
50
6LEDs- TPS61160
V =3.6V
I
V =3V
I
V =4.2V
I
OutputCurrent-mA
40
50
60
70
80
90
100
0
10
20
30
40
50
OutputCurrent-mA
4(12.8V),6(19.2V)LEDs
8(25.6V),10(32V)LEDs
6LEDs
V =3.6V
I
4LEDs
8LEDs
10LEDs
40
50
60
70
80
90
100
0
10
20
30
40
50
10 LEDs - TPS61161
V = 3.6 V
I
V = 12 V
I
Output Current - mA
V = 5 V
I
300
400
500
600
700
800
900
1000
20
30
40
50
60
70
80
90
DutyCycle-%
300
400
500
600
700
800
900
1000
-40
-20
0
20
40
60
80
100
120
140
Temperature- C
°
0
20
40
60
80
100
120
140
160
180
200
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
EasyScaleStepStep
TPS61160
TPS61161
SLVS791C – NOVEMBER 2007 – REVISED APRIL 2012
www.ti.com
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 2.
Figure 3.
EFFICIENCY
SWITCH CURRENT LIMIT
vs
vs
OUTPUT CURRENT
DUTY CYCLE
Figure 4.
Figure 5.
SWITCH CURRENT LIMIT vs TEMPERATURE
FB VOLTAGE vs EASY SCALE STEP
Figure 6.
Figure 7.
6
Submit Documentation Feedback
Copyright © 2007–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS61160 TPS61161


Numéro de pièce similaire - TPS61160

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61160 TI-TPS61160 Datasheet
557Kb / 21P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
TPS61160 TI1-TPS61160 Datasheet
1Mb / 39P
[Old version datasheet]   White LED Drivers With Digital and PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61160A TI-TPS61160A Datasheet
834Kb / 20P
[Old version datasheet]   White LED Driver With PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
TPS61160A TI1-TPS61160A Datasheet
1Mb / 31P
[Old version datasheet]   TPS6116xA White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61160A TI1-TPS61160A Datasheet
1Mb / 31P
[Old version datasheet]   White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
More results

Description similaire - TPS61160

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61160DRVRG4 TI1-TPS61160DRVRG4 Datasheet
1Mb / 27P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61165 TI-TPS61165 Datasheet
503Kb / 21P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN Package
logo
Global Mixed-mode Techn...
G5139 GMT-G5139 Datasheet
54Kb / 1P
   Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
G5129 GMT-G5129 Datasheet
53Kb / 1P
   Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
logo
Texas Instruments
TPS61160 TI-TPS61160 Datasheet
557Kb / 21P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
TPS61160A TI-TPS61160A Datasheet
834Kb / 20P
[Old version datasheet]   White LED Driver With PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
TPS61165 TI-TPS61165_10 Datasheet
862Kb / 26P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN and SOT-23 Packages
logo
Will Semiconductor Ltd.
WD3138 WILLSEMI-WD3138 Datasheet
1Mb / 23P
   White LED Driver with Digital and PWM Brightness Control in Tiny Package
logo
Micrel Semiconductor
MIC3287 MICREL-MIC3287 Datasheet
339Kb / 9P
   1.2MHz PWM White LED Driver with OVP in Thin SOT-23 and 2mm x 2mm MFL
logo
Shanghai awinic technol...
AW9961 AWINIC-AW9961 Datasheet
2Mb / 30P
   White LED Driver with Flexible Digital and PWM Brightness Control in Small Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com