Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STX-3120-5B-284C Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce STX-3120-5B-284C
Description  3.5mm Audio Jack All Plastic PCB Mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

STX-3120-5B-284C Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  STX-3120-5B-284C Datasheet HTML 1Page - List of Unclassifed Manufacturers STX-3120-5B-284C Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mouser Electronics
Authorized Distributor
Click to View Pricing, Inventory, Delivery & Lifecycle Information:
Kycon:
STX-3120-5B-577C STX-3120-3B-284C STX-3120-3B STX-3120-5B STX-3120-3B-701C STX-3120-3B-577C
STX-3120-5B-284C STX-3120-5B-701C STX-3120-3BM STX-3120-5B-157C STX-3120-3B-157C


Numéro de pièce similaire - STX-3120-5B-284C

FabricantNo de pièceFiches techniqueDescription
logo
Kycon, Inc.
STX-3120-5B-284C KYCON-STX-3120-5B-284C Datasheet
436Kb / 1P
   3.5mm Audio Jack All Plastic PCB Mount
More results

Description similaire - STX-3120-5B-284C

FabricantNo de pièceFiches techniqueDescription
logo
Kycon, Inc.
STX3120 KYCON-STX3120 Datasheet
436Kb / 1P
   3.5mm Audio Jack All Plastic PCB Mount
logo
List of Unclassifed Man...
STX-3000 ETC2-STX-3000 Datasheet
830Kb / 2P
   3.5mm Audio Jack All Plastic PCB Mount
logo
Kycon, Inc.
STX3000 KYCON-STX3000 Datasheet
366Kb / 1P
   3.5mm Audio Jack All Plastic PCB Mount
STX3100 KYCON-STX3100 Datasheet
514Kb / 1P
   PCB Mount 3.5mm Audio Jack
STX3200 KYCON-STX3200 Datasheet
479Kb / 1P
   PCB Mount 3.5mm Audio Jack
STX3081 KYCON-STX3081 Datasheet
544Kb / 1P
   PCB Mount 3.5mm Low Profile Audio Jack
logo
Dubilier
DBCEJ0365A-5 DUBILIER-DBCEJ0365A-5 Datasheet
79Kb / 1P
   AUDIO PCB 3.5mm EARPHONE JACK
DBCEJ3530K DUBILIER-DBCEJ3530K Datasheet
109Kb / 1P
   AUDIO PCB 3.5mm EARPHONE JACK
DBCEJ0351 DUBILIER-DBCEJ0351 Datasheet
100Kb / 1P
   AUDIO PCB 3.5mm EARPHONE JACK
DBCEJ0368-2T DUBILIER-DBCEJ0368-2T Datasheet
126Kb / 1P
   AUDIO PCB 3.5mm EARPHONE JACK
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com