Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST1S32PUR Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce ST1S32PUR
Description  4 A DC step-down switching regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S32PUR Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button ST1S32PUR Datasheet HTML 2Page - STMicroelectronics ST1S32PUR Datasheet HTML 3Page - STMicroelectronics ST1S32PUR Datasheet HTML 4Page - STMicroelectronics ST1S32PUR Datasheet HTML 5Page - STMicroelectronics ST1S32PUR Datasheet HTML 6Page - STMicroelectronics ST1S32PUR Datasheet HTML 7Page - STMicroelectronics ST1S32PUR Datasheet HTML 8Page - STMicroelectronics ST1S32PUR Datasheet HTML 9Page - STMicroelectronics ST1S32PUR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Electrical characteristics
ST1S32
6/29
Doc ID 023246 Rev 1
Power Good
PG
PG threshold
92
%VFB
PG hystereris
30
50
mV
PG output voltage low
Isink= 6 mA open drain
400
PG rise delay
170
μs
Soft-start
TSS
Soft-start duration
400
μs
Protection
TSHDN
Thermal shutdown
150
°C
Hystereris
20
1.
Specifications referred to TJ from -40 to +125 °C. Specifications in the -40 to +125 °C temperature range
are assured by design, characterization and statistical correlation.
2.
Guaranteed by design.
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Values
Unit
Min.
Typ.
Max.


Numéro de pièce similaire - ST1S32PUR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST1S30 STMICROELECTRONICS-ST1S30 Datasheet
193Kb / 11P
   3 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
ST1S30IPUR STMICROELECTRONICS-ST1S30IPUR Datasheet
193Kb / 11P
   3 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
ST1S30PUR STMICROELECTRONICS-ST1S30PUR Datasheet
193Kb / 11P
   3 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
ST1S31 STMICROELECTRONICS-ST1S31 Datasheet
1Mb / 35P
   3 A DC step-down switching regulator
March 2016 Rev 4
ST1S31D-R STMICROELECTRONICS-ST1S31D-R Datasheet
1Mb / 35P
   3 A DC step-down switching regulator
March 2016 Rev 4
More results

Description similaire - ST1S32PUR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST1S40 STMICROELECTRONICS-ST1S40_V01 Datasheet
849Kb / 30P
   3 A DC step-down switching regulator
August 2019
ST1S40 STMICROELECTRONICS-ST1S40 Datasheet
1Mb / 29P
   3 A DC step-down switching regulator
ST1S40IPUR STMICROELECTRONICS-ST1S40IPUR Datasheet
1Mb / 30P
   3 A DC step-down switching regulator
ST1S31 STMICROELECTRONICS-ST1S31 Datasheet
1Mb / 35P
   3 A DC step-down switching regulator
March 2016 Rev 4
logo
Texas Instruments
LM2833 TI1-LM2833 Datasheet
1Mb / 30P
[Old version datasheet]   Step-Down DC-DC Switching Regulator
logo
ON Semiconductor
NCP3120 ONSEMI-NCP3120 Datasheet
1Mb / 39P
   Dual 2.0 A, Step-Down DC/DC Switching Regulator
January, 2008 - Rev. 0
NCP3121 ONSEMI-NCP3121 Datasheet
2Mb / 41P
   Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
NCP3122 ONSEMI-NCP3122 Datasheet
2Mb / 42P
   Dual 2.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
NCP3123 ONSEMI-NCP3123 Datasheet
2Mb / 41P
   Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
logo
Texas Instruments
LM2738 TI1-LM2738_16 Datasheet
1Mb / 40P
[Old version datasheet]   1.5A Step-Down DC-DC Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com