Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM30TY Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce SM30TY
Description  Automotive 3000 W Transil
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM30TY Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button SM30TY Datasheet HTML 4Page - STMicroelectronics SM30TY Datasheet HTML 5Page - STMicroelectronics SM30TY Datasheet HTML 6Page - STMicroelectronics SM30TY Datasheet HTML 7Page - STMicroelectronics SM30TY Datasheet HTML 8Page - STMicroelectronics SM30TY Datasheet HTML 9Page - STMicroelectronics SM30TY Datasheet HTML 10Page - STMicroelectronics SM30TY Datasheet HTML 11Page - STMicroelectronics SM30TY Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
DocID022065 Rev 3
11/12
SM30TY
Ordering information
12
4
Ordering information
Figure 19. Ordering information scheme
5
Revision history
Table 5. Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
SM30TxxAY/CAY(1)
1.
Where xxx is nominal value of VBR and A or CA indicates unidirectional or bidirectional version. See
Table 2 for list of available devices and their order codes
See Table 4 on page 10
SMC
0.25 g
2500
Tape and reel
SM
30T
xx
CA
Y
Surface mount
Surge rating
30 = 3000 W Transil in SMC
Breakdown voltage
Type
A = Unidirectinal
CA = Bidirectional
Automotive grade
Table 6. Document revision history
Date
Revision
Changes
28-Jul-2011
1
Initial release.
27-Mar-2012
2
Updated footnote on page 1. Removed Table 2. Thermal
parameter.
23-Jun-2014
3
Updated : Features, Table 2, Table 4 and reformatted to
current standard.


Numéro de pièce similaire - SM30TY

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
SM30T100AY STMICROELECTRONICS-SM30T100AY Datasheet
1Mb / 16P
   Automotive 3000 W TVS in SMC
Rev 12 - February 2023
SM30T100CAY STMICROELECTRONICS-SM30T100CAY Datasheet
1Mb / 16P
   Automotive 3000 W TVS in SMC
Rev 12 - February 2023
SM30T10AY STMICROELECTRONICS-SM30T10AY Datasheet
1Mb / 16P
   Automotive 3000 W TVS in SMC
Rev 12 - February 2023
SM30T10CAY STMICROELECTRONICS-SM30T10CAY Datasheet
1Mb / 16P
   Automotive 3000 W TVS in SMC
Rev 12 - February 2023
SM30T117AY STMICROELECTRONICS-SM30T117AY Datasheet
1Mb / 16P
   Automotive 3000 W TVS in SMC
Rev 12 - February 2023
More results

Description similaire - SM30TY

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
SM30T18AY STMICROELECTRONICS-SM30T18AY Datasheet
236Kb / 13P
   Automotive 3000 W Transil?
SMC30J10A STMICROELECTRONICS-SMC30J10A Datasheet
132Kb / 10P
   3000 W Transil?
SMC30J10CA STMICROELECTRONICS-SMC30J10CA Datasheet
132Kb / 10P
   3000 W Transil
SM15T39CAY STMICROELECTRONICS-SM15T39CAY Datasheet
227Kb / 12P
   Automotive 1500 W Transil
SM4T28AY STMICROELECTRONICS-SM4T28AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM6T6V8CAY STMICROELECTRONICS-SM6T6V8CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T36CAY STMICROELECTRONICS-SM6T36CAY Datasheet
228Kb / 12P
   Automotive 600 W Transil
SM4T68AY STMICROELECTRONICS-SM4T68AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM6T68CAY STMICROELECTRONICS-SM6T68CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T56CAY STMICROELECTRONICS-SM6T56CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com