Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM4T6V7AYCAY Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce SM4T6V7AYCAY
Description  Automotive 400 W Transil
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM4T6V7AYCAY Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button SM4T6V7AYCAY Datasheet HTML 4Page - STMicroelectronics SM4T6V7AYCAY Datasheet HTML 5Page - STMicroelectronics SM4T6V7AYCAY Datasheet HTML 6Page - STMicroelectronics SM4T6V7AYCAY Datasheet HTML 7Page - STMicroelectronics SM4T6V7AYCAY Datasheet HTML 8Page - STMicroelectronics SM4T6V7AYCAY Datasheet HTML 9Page - STMicroelectronics SM4T6V7AYCAY Datasheet HTML 10Page - STMicroelectronics SM4T6V7AYCAY Datasheet HTML 11Page - STMicroelectronics SM4T6V7AYCAY Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Application and design guidelines
SM4TY
8/12
Doc ID 17862 Rev 3
2
Application and design guidelines
More information is available in the Application note AN2689 “Protection of automotive
electronics from electrical hazards, guidelines for design and component selection”.
3
Ordering information scheme
Figure 16.
Ordering information scheme
Surface mount
Surge rating
4 = 400 W Transil in SMA
Breakdown voltage
Types
CA = Bidirectional
A = Unidirectional
Automotive grade
SM
4T
XX
CA
Y


Numéro de pièce similaire - SM4T6V7AYCAY

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
SM4T6V7AY STMICROELECTRONICS-SM4T6V7AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM4T6V7AY STMICROELECTRONICS-SM4T6V7AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM4T6V7AY STMICROELECTRONICS-SM4T6V7AY Datasheet
642Kb / 14P
   Automotive 400 W TVS in SMA
Rev 5 - January 2022
More results

Description similaire - SM4T6V7AYCAY

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
SM4T28AY STMICROELECTRONICS-SM4T28AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM4T68AY STMICROELECTRONICS-SM4T68AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM4T6V7AY STMICROELECTRONICS-SM4T6V7AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM4T18CAY STMICROELECTRONICS-SM4T18CAY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM15T39CAY STMICROELECTRONICS-SM15T39CAY Datasheet
227Kb / 12P
   Automotive 1500 W Transil
SM6T6V8CAY STMICROELECTRONICS-SM6T6V8CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T36CAY STMICROELECTRONICS-SM6T36CAY Datasheet
228Kb / 12P
   Automotive 600 W Transil
SM6T68CAY STMICROELECTRONICS-SM6T68CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T56CAY STMICROELECTRONICS-SM6T56CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T39CAY STMICROELECTRONICS-SM6T39CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com