Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MB3883 Datasheet(Fiches technique) 4 Page - Fujitsu Component Limited.

Numéro de pièce MB3883
Description  6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
Télécharger  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FUJITSU [Fujitsu Component Limited.]
Site Internet  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB3883 Datasheet(HTML) 4 Page - Fujitsu Component Limited.

 
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
MB3883
4
s
s
s
s PIN DESCRIPTION
(Continued)
Pin No.
Symbol
I/O
Descriptions
CH1
35
FB1
O
Error amplifier output pin.
34
−IN1
I
Error amplifier inverted input pin.
36
DTC1
I
Dead time control pin.
37
OUT1-1
O
Main side output pin.
38
OUT1-2
O
Synchronous rectifier side output pin.
CH2
32
FB2
O
Error amplifier output pin.
31
−IN2
I
Error amplifier inverted input pin.
33
DTC2
I
Dead time control pin.
39
OUT2-1
O
Main side output pin.
40
OUT2-2
O
Synchronous rectifier side output pin.
CH3
29
FB3
O
Error amplifier output pin.
28
−IN3
I
Error amplifier inverted input pin.
30
DTC3
I
Dead time control pin.
41
OUT3
O
Output pin.
CH4
11
FB4
O
Error amplifier output pin.
12
−IN4
I
Error amplifier inverted input pin.
14
DTC4
I
Dead time control pin.
43
OUT4
O
Output pin.
9
−IN (A) 4
I
Inverting amplifier input pin.
10
OUT (A) 4
O
Inverting amplifier output pin.
13
−IN (S) 4
I
Short detection comparator inverted input pin.
CH5
7
FB5
O
Error amplifier output pin.
8
−IN5
I
Error amplifier inverted input pin.
6
DTC5
I
Dead time control pin.
45
OUT5-1
O
Main side output pin.
46
OUT5-2
O
Synchronous rectifier side output pin.
CH6
3
FB6
O
Error amplifier output pin.
4
−IN6
I
Error amplifier inverted input pin.
5C
+IN6
I
Soft start capacitor connection pin.
48
RB6
O
Output current setting resistor connection pin.
47
OUT6
O
Output pin.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn