Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MB3883 Fiches technique(PDF) 22 Page - Fujitsu Component Limited.

No de pièce MB3883
Description  6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJITSU [Fujitsu Component Limited.]
Site Internet  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3883 Fiches technique(HTML) 22 Page - Fujitsu Component Limited.

Back Button MB3883 Datasheet HTML 18Page - Fujitsu Component Limited. MB3883 Datasheet HTML 19Page - Fujitsu Component Limited. MB3883 Datasheet HTML 20Page - Fujitsu Component Limited. MB3883 Datasheet HTML 21Page - Fujitsu Component Limited. MB3883 Datasheet HTML 22Page - Fujitsu Component Limited. MB3883 Datasheet HTML 23Page - Fujitsu Component Limited. MB3883 Datasheet HTML 24Page - Fujitsu Component Limited. MB3883 Datasheet HTML 25Page - Fujitsu Component Limited. MB3883 Datasheet HTML 26Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
MB3883
22
2. Soft Start Settings
• CH6 soft start time
The soft start operation is determined by the capacitor (C+IN6) connected to the C+IN6 terminal (pin 5). The
soft start time depends on the input voltage and load current.
CH6 soft start time
CH6 soft start equivalent circuit
Example: The soft start time until CH6 output voltage reaches 95% of the set voltage is determined as follows:
ts (s) := 0.07
× C+IN6 (µF)
• CH1 to CH5 soft start time
CH1 to CH5 soft start time
ts (s) := 1.25
× CS (µF)
Note : The short-circuit detection function remains working during soft start operation on channels 1 through 5.
s
s
s
s SETTING THE TRIANGULAR OSCILLATOR FREQUENCY
The triangular oscillator frequency is determined by the timing capacitor (CT) connected to the CT terminal (pin
26), and the timing resistor (RT) connected to the RT terminal (pin 25).
Triangular oscillator frequency
ts (s)
= − C+IN6 (F) × 37.5 (kΩ) × 62.5 (kΩ)
100 (k
Ω)
VC+IN6 (V)
1.26 (V)
(
)
ln
1
+
C
+IN6
VC
+IN6
C
+IN6
(37.5 k
Ω)
(62.5 k
Ω)
Error
Amp.6
(1.26 V)
(VB : 2 V)
5
fOSC (kHz) :=
900000
CT (pF)
•RT (kΩ)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn