Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MB3883 Fiches technique(PDF) 17 Page - Fujitsu Component Limited.

No de pièce MB3883
Description  6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJITSU [Fujitsu Component Limited.]
Site Internet  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3883 Fiches technique(HTML) 17 Page - Fujitsu Component Limited.

Back Button MB3883 Datasheet HTML 13Page - Fujitsu Component Limited. MB3883 Datasheet HTML 14Page - Fujitsu Component Limited. MB3883 Datasheet HTML 15Page - Fujitsu Component Limited. MB3883 Datasheet HTML 16Page - Fujitsu Component Limited. MB3883 Datasheet HTML 17Page - Fujitsu Component Limited. MB3883 Datasheet HTML 18Page - Fujitsu Component Limited. MB3883 Datasheet HTML 19Page - Fujitsu Component Limited. MB3883 Datasheet HTML 20Page - Fujitsu Component Limited. MB3883 Datasheet HTML 21Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
MB3883
17
(Continued)
−+
+
+
40
20
0
1 k
10 k
100 k
1 M
10 M
−180
−90
0
90
180
1
µF
−20
−40
AV
φ
Ta
= +25 °C
VCC
= 5 V
240 k
2.4 k
10 k
10 k
CS CTL Logic
Error Amp.1
1.25 V
IN
OUT
35
34
−+
+
+
40
20
0
1 k
10 k
100 k
1 M
10 M
−180
−90
0
90
180
1
µF
−20
−40
AV
φ
Ta
= +25 °C
VCC
= 5 V
240 k
2.4 k
10 k
10 k
CS CTL Logic
Error Amp.6
1.26 V
IN
OUT
VB
3
4
1000
800
600
400
200
0
−40
−20
0
20
40
60
80
100
860
1000
800
600
400
200
0
−40
−20
0
20
40
60
80
100
710
Error amplifier gain and phase vs. frequency (CH1)
Frequency f (Hz)
Error amplifier gain and phase vs. frequency (CH6)
Power dissipation vs. ambient temperature
(LQFP-48P)
Ambient temperature Ta (
°C)
Frequency f (Hz)
Power dissipation vs. ambient temperature
(BCC-48P)
Ambient temperature Ta (
°C)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn