Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MB3883 Fiches technique(PDF) 16 Page - Fujitsu Component Limited.

No de pièce MB3883
Description  6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJITSU [Fujitsu Component Limited.]
Site Internet  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3883 Fiches technique(HTML) 16 Page - Fujitsu Component Limited.

Back Button MB3883 Datasheet HTML 12Page - Fujitsu Component Limited. MB3883 Datasheet HTML 13Page - Fujitsu Component Limited. MB3883 Datasheet HTML 14Page - Fujitsu Component Limited. MB3883 Datasheet HTML 15Page - Fujitsu Component Limited. MB3883 Datasheet HTML 16Page - Fujitsu Component Limited. MB3883 Datasheet HTML 17Page - Fujitsu Component Limited. MB3883 Datasheet HTML 18Page - Fujitsu Component Limited. MB3883 Datasheet HTML 19Page - Fujitsu Component Limited. MB3883 Datasheet HTML 20Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
MB3883
16
(Continued)
Ta
= +25 °C
VCC
= 5 V
RT
= 18 kΩ
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
200
400
600
800
1000
1200
VCC
= 5 V
RT
= 18 kΩ
CT
= 100 pF
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
−40
−20
0
20
40
60
80
100
Ta
= +25 °C
VCC
= 5 V
10000
1000
100
10
10
100
1000
10000
RT
= 100 kΩ
RT
= 18 kΩ
RT
= 4.3 kΩ
Ta
= +25 °C
VCC
= 5 V
10000
1000
100
10
1 k
10 k
100 k
1 M
CT
= 1000 pF
CT
= 100 pF
CT
= 47 pF
CT
= 470 pF CT = 220 pF
VCC
= 5 V
CTL
= CTL1, 2 = CTL3 = CTL4 = CTL5 = 5 V
RT
= 18 kΩ
CT
= 100 pF
560
540
520
500
480
460
440
−40
−20
0
20
40
60
80
100
Triangular wave upper and lower limit voltage
vs. ambient temperature
Ambient temperature Ta (
°C)
Triangular wave oscillator frequency
vs. timing capacitor
Timing capacitor CT (pF)
Triangular wave oscillator frequency
vs. timing resistor
Timing resistor RT (
Ω)
Triangular wave oscillator frequency
vs. ambient temperature
Ambient temperature Ta (
°C)
Upper
Lower
Triangular wave upper and lower limit voltage
vs. triangular wave oscillator frequency
Triangular wave oscillator frequency fOSC (kHz)
Upper
Lower


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn