Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MB3883 Fiches technique(PDF) 14 Page - Fujitsu Component Limited.

No de pièce MB3883
Description  6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJITSU [Fujitsu Component Limited.]
Site Internet  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3883 Fiches technique(HTML) 14 Page - Fujitsu Component Limited.

Back Button MB3883 Datasheet HTML 10Page - Fujitsu Component Limited. MB3883 Datasheet HTML 11Page - Fujitsu Component Limited. MB3883 Datasheet HTML 12Page - Fujitsu Component Limited. MB3883 Datasheet HTML 13Page - Fujitsu Component Limited. MB3883 Datasheet HTML 14Page - Fujitsu Component Limited. MB3883 Datasheet HTML 15Page - Fujitsu Component Limited. MB3883 Datasheet HTML 16Page - Fujitsu Component Limited. MB3883 Datasheet HTML 17Page - Fujitsu Component Limited. MB3883 Datasheet HTML 18Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
MB3883
14
(Continued)
(Ta
= +25 °C, VCC = 5 V)
*: Standard design value.
Parameter
Symbol
Pin No.
Conditions
Value
Unit
Min.
Typ.
Max.
SW input voltage
VIH
5SWOUT
= “L” level
1.5
9V
VIL
5SWOUT
= “H” level
0
0.5
V
Input current
ISWIN
5SWIN
= 5 V
100
200
µA
Output source
current
ISOURCE
1
Duty
≤ 5 %,
SWOUT
= 0 V
−9
mA
Output sink current
ISINK
1
Duty
≤ 5 %,
SWOUT
= 5 V
17
mA
Output ON resistor
ROH
1SWOUT
= −4 mA
250
400
ROL
1SWOUT
= 4 mA
100
150
CTL input voltage
VIH
20, 21, 22,
23, 24
Active mode
1.5
9V
VIL
20, 21, 22,
23, 24
Standby mode
0
0.5
V
Input current
ICTL
20, 21, 22,
23, 24
CTL
= 5 V
100
200
µA
Standby current
ICCS
19
CTL
= 0 V

10
µA
ICCS (O)
42
CTL
= 0 V

10
µA
Power supply current
ICC
19, 42
CTL
= CTL1, 2 = CTL3
= CTL4 = CTL5 = 5 V
69
mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn