Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MB3881 Fiches technique(PDF) 12 Page - Fujitsu Component Limited.

No de pièce MB3881
Description  8-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJITSU [Fujitsu Component Limited.]
Site Internet  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3881 Fiches technique(HTML) 12 Page - Fujitsu Component Limited.

Back Button MB3881 Datasheet HTML 8Page - Fujitsu Component Limited. MB3881 Datasheet HTML 9Page - Fujitsu Component Limited. MB3881 Datasheet HTML 10Page - Fujitsu Component Limited. MB3881 Datasheet HTML 11Page - Fujitsu Component Limited. MB3881 Datasheet HTML 12Page - Fujitsu Component Limited. MB3881 Datasheet HTML 13Page - Fujitsu Component Limited. MB3881 Datasheet HTML 14Page - Fujitsu Component Limited. MB3881 Datasheet HTML 15Page - Fujitsu Component Limited. MB3881 Datasheet HTML 16Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
MB3881
12
(Continued)
(Ta
= +25 °C, VCC = 9 V, VSS = 4.4 V, VDD = 5 V)
*: Standard design value.
(Continued)
Parameter
Sym-
bol
Pin No.
Conditions
Value
Unit
Min.
Typ.
Max.
Input offset voltage
VIO
4, 5
FB
= 0.55 V
−15
0
15
mV
Input bias current
IB
6
+IN = 0 V
−100
−20
nA
5FB
= 0.55 V
−50
−10
nA
Common mode input
voltage range
VCM
4
0
VCC
− 0.9
V
Voltage gain
AV
4DC
60
75
dB
Frequency bandwidth
BW
4
AV
= 0 dB
1.2*
MHz
Output voltage
VOH
4
1.1
1.3
V
VOL
4

5
200
mV
Output source current
ISOURCE
4FB
= 0.55 V
−2.0
−1.0
mA
Output sink current
ISINK
4FB
= 0.55 V
60
140
µA
Threshold voltage
VTH
50, 53, 56, 57 CH1 to CH4
0.97
1.00
1.03
V
62
+IN = 1 V (CH7)
0.77
0.80
0.83
V
Input bias current
IB
46, 43, 40,
11, 37
−IN = 0 V
−320
−60
nA
Input offset voltage
VIO
60, 61
0.55
0.60
0.65
V
Input bias current
IB
23, 17
−IN (C) = 0 V
−200
−40
nA
Common mode input
voltage range
VCM
60, 61
0
VCC
− 1.8
V
Input offset voltage
VIO
64
−15
0
15
mV
Input bias current
IB
7FB
= 0.55 V
−50
−10
nA
Common mode input
voltage range
VCM
64
0
VCC
− 0.9
V
Threshold voltage
VT0
50
Duty cycle
= 0%
0.9
1.0
V
VT100
50
Duty cycle
= 100%
1.73
1.83
V
Input bias current
IDTC
48, 45, 42, 39,
19, 13, 9
DTC
= 0.4 V
(CH1 to CH7)
−1.0
−0.3
µA


Numéro de pièce similaire - MB3881

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
MB3882 FUJITSU-MB3882 Datasheet
254Kb / 30P
   2-channel DC/DC Converter IC with Synchronous Rectifier
MB3882PFV FUJITSU-MB3882PFV Datasheet
254Kb / 30P
   2-channel DC/DC Converter IC with Synchronous Rectifier
MB3883 FUJITSU-MB3883 Datasheet
473Kb / 39P
   6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
MB3883 FUJITSU-MB3883 Datasheet
452Kb / 40P
   6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
MB3883PFV FUJITSU-MB3883PFV Datasheet
473Kb / 39P
   6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
More results

Description similaire - MB3881

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
MB3883 FUJITSU-MB3883_02 Datasheet
452Kb / 40P
   6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
MB3827 FUJITSU-MB3827 Datasheet
557Kb / 41P
   6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
MB3883 FUJITSU-MB3883 Datasheet
473Kb / 39P
   6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
logo
Linear Technology
LT3433 LINER-LT3433_1 Datasheet
238Kb / 16P
   High Voltage Step-Up/Step-Down DC/DC Converter
LT3433 LINER-LT3433 Datasheet
183Kb / 12P
   High Voltage Step-Up/Step-Down DC/DC Converter
LT3433 LINER-LT3433_15 Datasheet
243Kb / 16P
   High Voltage Step-Up/Step-Down DC/DC Converter
logo
Diodes Incorporated
AP3405 DIODES-AP3405 Datasheet
574Kb / 9P
   600mA Step-down DC/DC Converter with Synchronous Rectifier
AP3403 DIODES-AP3403 Datasheet
598Kb / 9P
   600mA STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
logo
RICOH electronics devic...
R1232D RICOH-R1232D Datasheet
845Kb / 24P
   PWM STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
logo
Panasonic Semiconductor
AN8014S PANASONIC-AN8014S Datasheet
151Kb / 18P
   Step-down, step-up, or inverting DC-DC converter control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com