Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3502SQ-35 Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce LM3502SQ-35
Description  Step-Up Converter for White LED Applications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM3502SQ-35 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button LM3502SQ-35 Datasheet HTML 7Page - Texas Instruments LM3502SQ-35 Datasheet HTML 8Page - Texas Instruments LM3502SQ-35 Datasheet HTML 9Page - Texas Instruments LM3502SQ-35 Datasheet HTML 10Page - Texas Instruments LM3502SQ-35 Datasheet HTML 11Page - Texas Instruments LM3502SQ-35 Datasheet HTML 12Page - Texas Instruments LM3502SQ-35 Datasheet HTML 13Page - Texas Instruments LM3502SQ-35 Datasheet HTML 14Page - Texas Instruments LM3502SQ-35 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
INPUT VOLTAGE (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
320
340
360
380
420
440
460
480
400
T = -40
oC
T = 25
oC
T = 85
oC
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
-40
oC
INMOS = 20 mA
125
oC
25
oC
2.0
12.0
22.0
32.0
42.0
3
4
5
6
7
8
9
10
VOUT1 PIN VOLTAGE (V)
125
oC
IPMOS = 20 mA
25
oC
-40
oC
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
300
400
500
600
700
800
900
1000
125
oC
INMOS = 400 mA
25
oC
-40
oC
8
16
24
32
40
48
VOUT1 PIN VOLTAGE (V)
0
20
40
60
80
100
120
140
160
0
125
oC
25
oC
-40
oC
LM3502
www.ti.com
SNVS339A – SEPTEMBER 2005 – REVISED AUGUST 2006
Typical Performance Characteristics (continued)
( Circuit in Figure 1: L = DO1608C-223 and D = MBRM140T3. Efficiency:
η = POUT/PIN = [(VOUT – VFb) * IOUT]/[VIN * IIN]. TA=
25°C, unless otherwise stated.)
VOUT1 Pin Current
Power NMOS RDS(ON) (Figure 4: N1)
vs
vs
VOUT1 Pin Voltage
VIN
Figure 19.
Figure 20.
NMOS RDS(ON) (Figure 4: N2)
PMOS RDS(ON) (Figure 4: P1)
vs
vs
VIN
VIN
Figure 21.
Figure 22.
Feedback Voltage
Current Limit (LM3502-16)
vs
vs
Temperature
VIN
Figure 23.
Figure 24.
Copyright © 2005–2006, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3502


Numéro de pièce similaire - LM3502SQ-35

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3502SQ-35 NSC-LM3502SQ-35 Datasheet
928Kb / 18P
   Step-Up Converter for White LED Applications
LM3502SQ-35 NSC-LM3502SQ-35 Datasheet
924Kb / 18P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3502SQ-35/NOPB TI1-LM3502SQ-35/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
More results

Description similaire - LM3502SQ-35

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
LM3502 NSC-LM3502_06 Datasheet
924Kb / 18P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3557 TI1-LM3557 Datasheet
944Kb / 19P
[Old version datasheet]   Step-Up Converter for White LED Applications
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3502 TI1-LM3502_15 Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
logo
National Semiconductor ...
LM3502 NSC-LM3502 Datasheet
928Kb / 18P
   Step-Up Converter for White LED Applications
LM3501 NSC-LM3501 Datasheet
1Mb / 18P
   Synchronous Step-up DC/DC Converter for White LED Applications
logo
Texas Instruments
LM3500 TI1-LM3500_14 Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501_14 Datasheet
1Mb / 26P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com