Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3502ITLX-35NOPB Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce LM3502ITLX-35NOPB
Description  Step-Up Converter for White LED Applications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM3502ITLX-35NOPB Fiches technique(HTML) 4 Page - Texas Instruments

  LM3502ITLX-35NOPB Datasheet HTML 1Page - Texas Instruments LM3502ITLX-35NOPB Datasheet HTML 2Page - Texas Instruments LM3502ITLX-35NOPB Datasheet HTML 3Page - Texas Instruments LM3502ITLX-35NOPB Datasheet HTML 4Page - Texas Instruments LM3502ITLX-35NOPB Datasheet HTML 5Page - Texas Instruments LM3502ITLX-35NOPB Datasheet HTML 6Page - Texas Instruments LM3502ITLX-35NOPB Datasheet HTML 7Page - Texas Instruments LM3502ITLX-35NOPB Datasheet HTML 8Page - Texas Instruments LM3502ITLX-35NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LM3502
SNVS339A – SEPTEMBER 2005 – REVISED AUGUST 2006
www.ti.com
Absolute Maximum Ratings
(1) (2) (3)
VIN Pin
−0.3V to +5.5V
Sw Pin
−0.3V to +48V
Fb Pin
−0.3V to +5.5V
Cntrl Pin
−0.3V to +5.5V
VOUT1 Pin
−0.3V to +48V
VOUT2 Pin
−0.3V to VOUT1
En1
−0.3V to +5.5V
En2
−0.3V to +5.5V
Continuous Power Dissipation
Internally Limited
Maximum Junction Temperature
(TJ-MAX)
+150°C
Storage Temperature Range
−65°C to +150°C
ESD Rating (4)
Human Body Model:
2 kV
Machine Model:
200V
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Absolute maximum ratings indicate limits beyond which damage to the device may occur. Electrical characteristic specifications do not
apply when operating the device outside of its rated operating conditions.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF
capacitor discharged directly into each pin.
Operating Conditions
(1) (2)
Junction Temperature (TJ) Range
−40°C to +125°C
Ambient Temperature (TA) Range
−40°C to +85°C
Input Voltage, VIN Pin
2.5V to 5.5V
Cntrl, En1, and En2 Pins
0V to 5.5V
(1)
Absolute maximum ratings indicate limits beyond which damage to the device may occur. Electrical characteristic specifications do not
apply when operating the device outside of its rated operating conditions.
(2)
All voltages are with respect to the potential at the GND pin.
Thermal Properties
(1)
Junction-to-Ambient Thermal Resistance (
θJA)
DSBGA Package
65°C/W
WQFN Package
49°C/W
(1)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal
resistance,
θJA, and the ambient temperature, TA. See Thermal Properties for the thermal resistance. The maximum allowable power
dissipation at any ambient temperature is calculated using: PD(MAX) = (TJ(MAX) – TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature. For more information on this topic, please refer to Application Note 1187: Leadless
Leadframe Package (LLP) and Application Note 1112 (AN1112) for DSBGA chip scale package.
Preliminary Electrical Characteristics
(1) (2)
Limits in standard typeface are for TJ = 25°C. Limits in bold typeface apply over the full operating junction temperature range
(
−40°C ≤ TJ ≤ +125°C). Unless otherwise specified, VIN = 2.5V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN
Input Voltage
2.5
5.5
V
IQ
Non-Switching
Fb > 0.25V
0.5
1
mA
Switching
Fb = 0V, Sw Is Floating
1.9
3
mA
Shutdown
Cntrl = 0V
0.1
3
µA
Low IQ Shutdown
Cntrl = 1.5V, En1 = En2 = 0V
6
15
µA
VFb
Feedback Voltage
0.18
0.25
0.3
V
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are guaranteed by design, test, or statistical analysis. Typical numbers are not guaranteed, but do represent the
most likely norm.
4
Submit Documentation Feedback
Copyright © 2005–2006, Texas Instruments Incorporated
Product Folder Links: LM3502


Numéro de pièce similaire - LM3502ITLX-35NOPB

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3502ITLX-35 NSC-LM3502ITLX-35 Datasheet
928Kb / 18P
   Step-Up Converter for White LED Applications
LM3502ITLX-35 NSC-LM3502ITLX-35 Datasheet
924Kb / 18P
   Step-Up Converter for White LED Applications
More results

Description similaire - LM3502ITLX-35NOPB

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
LM3502 NSC-LM3502_06 Datasheet
924Kb / 18P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3557 TI1-LM3557 Datasheet
944Kb / 19P
[Old version datasheet]   Step-Up Converter for White LED Applications
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3502 TI1-LM3502_15 Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
logo
National Semiconductor ...
LM3502 NSC-LM3502 Datasheet
928Kb / 18P
   Step-Up Converter for White LED Applications
LM3501 NSC-LM3501 Datasheet
1Mb / 18P
   Synchronous Step-up DC/DC Converter for White LED Applications
logo
Texas Instruments
LM3500 TI1-LM3500_14 Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501_14 Datasheet
1Mb / 26P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com