Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3502ITL-35NOPB Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce LM3502ITL-35NOPB
Description  Step-Up Converter for White LED Applications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM3502ITL-35NOPB Fiches technique(HTML) 2 Page - Texas Instruments

  LM3502ITL-35NOPB Datasheet HTML 1Page - Texas Instruments LM3502ITL-35NOPB Datasheet HTML 2Page - Texas Instruments LM3502ITL-35NOPB Datasheet HTML 3Page - Texas Instruments LM3502ITL-35NOPB Datasheet HTML 4Page - Texas Instruments LM3502ITL-35NOPB Datasheet HTML 5Page - Texas Instruments LM3502ITL-35NOPB Datasheet HTML 6Page - Texas Instruments LM3502ITL-35NOPB Datasheet HTML 7Page - Texas Instruments LM3502ITL-35NOPB Datasheet HTML 8Page - Texas Instruments LM3502ITL-35NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
A1
A2
A3
B1
B3
C1
C3
D1
D2
D3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
LM3502
SNVS339A – SEPTEMBER 2005 – REVISED AUGUST 2006
www.ti.com
Connection Diagrams
Figure 2. TOP VIEW
Figure 3. TOP VIEW
10-Bump Thin DSBGA
16-Lead Thin WQFN
See Package Number (YPA0010)
See Package Number (RGH0016A)
PIN DESCRIPTIONS
Bump #
Pin #
Name
Description
A1
9
Cntrl
Shutdown Control Connection
B1
7
Fb
Feedback Voltage Connection
C1
6
VOUT2
Drain Connections of The NMOS and PMOS Field Effect Transistor (FET) Switches (Figure 4: N2
and P1)
D1
4
VOUT1
Over-Voltage Protection (OVP) and Source Connection of The PMOS FET Switch (Figure 4: P1)
D2
2 and 3
Sw
Drain Connection of The Power NMOS Switch (Figure 4: N1)
D3
15 and 16
PGND
Power Ground Connection
C3
14
AGND
Analog Ground Connection
B3
13
VIN
Supply or Input Voltage Connection
A3
12
En2
NMOS FET Switch Control Connection
A2
10
En1
PMOS FET Switch Control Connection
1
NC
No Connection
5
NC
No Connection
8
NC
No Connection
11
NC
No Connection
DAP
DAP
Die Attach Pad (DAP), must be soldered to the printed circuit board’s ground plane for enhanced
thermal dissipation.
Cntrl (Bump A1): Shutdown control pin
When VCntrl is ≥ 1.4V, the LM3502 is enabled or ON. When VCntrl is ≤ 0.3V, the LM3502 will
enter into shutdown mode operation. The LM3502 has an internal pull down resistor on the
Cntrl pin, thus the device is normally in the off state or shutdown mode of operation.
Fb (Bump B1): Output voltage feedback connection
The white LED string network current is set/programmed using a resistor from this pin to
ground.
VOUT2 (Bump C1): Drain connections of the internal PMOS and NMOS FET switches
. (Figure 4: P1 and N2). It is recommended to connect 100nF at VOUT2 for the LM3502-35V
and LM3502-44 versions if VOUT2 is not used.
VOUT1 (Bump D1): Source connection of the internal PMOS FET switch (Figure 4: P1) and OVP sensing node
The output capacitor must be connected as close to the device as possible, between the
VOUT1 pin and ground plane. Also connect the Schottky diode as close as possible to the
2
Submit Documentation Feedback
Copyright © 2005–2006, Texas Instruments Incorporated
Product Folder Links: LM3502


Numéro de pièce similaire - LM3502ITL-35NOPB

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3502ITL-35 NSC-LM3502ITL-35 Datasheet
928Kb / 18P
   Step-Up Converter for White LED Applications
LM3502ITL-35 NSC-LM3502ITL-35 Datasheet
924Kb / 18P
   Step-Up Converter for White LED Applications
More results

Description similaire - LM3502ITL-35NOPB

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
LM3502 NSC-LM3502_06 Datasheet
924Kb / 18P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3557 TI1-LM3557 Datasheet
944Kb / 19P
[Old version datasheet]   Step-Up Converter for White LED Applications
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3502 TI1-LM3502_15 Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
logo
National Semiconductor ...
LM3502 NSC-LM3502 Datasheet
928Kb / 18P
   Step-Up Converter for White LED Applications
LM3501 NSC-LM3501 Datasheet
1Mb / 18P
   Synchronous Step-up DC/DC Converter for White LED Applications
logo
Texas Instruments
LM3500 TI1-LM3500_14 Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501_14 Datasheet
1Mb / 26P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com