Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3519 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM3519
Description  High Frequency Boost White LED Driver with High-Speed PWM Brightness Control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM3519 Fiches technique(HTML) 1 Page - Texas Instruments

  LM3519 Datasheet HTML 1Page - Texas Instruments LM3519 Datasheet HTML 2Page - Texas Instruments LM3519 Datasheet HTML 3Page - Texas Instruments LM3519 Datasheet HTML 4Page - Texas Instruments LM3519 Datasheet HTML 5Page - Texas Instruments LM3519 Datasheet HTML 6Page - Texas Instruments LM3519 Datasheet HTML 7Page - Texas Instruments LM3519 Datasheet HTML 8Page - Texas Instruments LM3519 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LM3519
Cin
4.7 PF
L
2.2 PH
D
Cout
1 PF
Gnd
LED_rtn
Vout
Vin
Sw
En
Vin
Vout
Vx
Logic
Voltage
Signal
Input
LM3519
www.ti.com
SNVS394A – AUGUST 2005 – REVISED SEPTEMBER 2005
LM3519 High Frequency Boost White LED Driver with High-Speed PWM Brightness
Control
Check for Samples: LM3519
1
FEATURES
Wide Input Voltage Range: 2.7V to 5.5V
Small Footprint SOT23-6 Package
2
Drives 2 to 4 LEDs at 20mA
Up to 30kHz PWM Dimming Control Capability
APPLICATIONS
>80% Peak Efficiency
LCD, White LED Backlighting on Mobile
Up to 8MHz Switching Frequency
Phones
Small External Components: 1µH -
Digital Still Cameras and PDAs
3.3µH(typ.2.2
μH) Inductor and 1µF Output
General Purpose LED Lighting in Handheld
Capacitor
Devices
True Shutdown Isolation
Over-Voltage Protection
DESCRIPTION
The LM3519 drives up to 4 white LEDs with constant current to provide LCD backlighting in handheld devices.
The LED current is internally set to 20mA. The series connection allows the LED current to be identical for
uniform brightness and minimizes the number of traces to the LEDs. Brightness control is achieved by applying a
PWM signal on enable with frequencies up to 30kHz.
The LM3519 features a proprietary PFM regulation architecture with switching frequencies between 2MHz to
8MHz, minimizing inductor size.
Over-voltage protection circuitry and high frequency operation permit the use of low-cost small output capacitors.
During shutdown, the output is disconnected from the input in order to avoid leakage current path through the
LEDs to ground.
The LM3519 is available in a tiny 6-pin SOT23 package.
Typical Application
Figure 1. Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - LM3519

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3519 NSC-LM3519 Datasheet
1Mb / 14P
   High Frequency Boost White LED Driver with High-Speed PWM Brightness Control
LM3519MK-20 NSC-LM3519MK-20 Datasheet
1Mb / 14P
   High Frequency Boost White LED Driver with High-Speed PWM Brightness Control
LM3519MKX-20 NSC-LM3519MKX-20 Datasheet
1Mb / 14P
   High Frequency Boost White LED Driver with High-Speed PWM Brightness Control
More results

Description similaire - LM3519

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3519 NSC-LM3519 Datasheet
1Mb / 14P
   High Frequency Boost White LED Driver with High-Speed PWM Brightness Control
logo
Maxic Technology Corpor...
MT7261 MAXIC-MT7261 Datasheet
167Kb / 1P
   Boost White LED Driver With High Frequency PWM Dimming
logo
Rohm
BD60A00NUX ROHM-BD60A00NUX_13 Datasheet
956Kb / 26P
   White LED Driver With PWM Brightness Control
logo
Maxic Technology Corpor...
MT7282 MAXIC-MT7282 Datasheet
353Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
MT7285 MAXIC-MT7285 Datasheet
190Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
logo
Global Mixed-mode Techn...
G5139 GMT-G5139 Datasheet
54Kb / 1P
   Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
G5129 GMT-G5129 Datasheet
53Kb / 1P
   Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
logo
Will Semiconductor Ltd.
WD3148 WILLSEMI-WD3148 Datasheet
1Mb / 17P
   White LED Driver with PWM Brightness Control in Tiny Package
logo
Shanghai awinic technol...
AW9962 AWINIC-AW9962 Datasheet
1Mb / 24P
   White LED Driver with PWM Brightness Control in Small Package
logo
Micrel Semiconductor
MIC2298 MICREL-MIC2298_11 Datasheet
428Kb / 13P
   3.5A Minimum, 1MHz Boost High Brightness White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com