Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MB3827PFV Fiches technique(PDF) 38 Page - Fujitsu Component Limited.

No de pièce MB3827PFV
Description  6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJITSU [Fujitsu Component Limited.]
Site Internet  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3827PFV Fiches technique(HTML) 38 Page - Fujitsu Component Limited.

Back Button MB3827PFV Datasheet HTML 33Page - Fujitsu Component Limited. MB3827PFV Datasheet HTML 34Page - Fujitsu Component Limited. MB3827PFV Datasheet HTML 35Page - Fujitsu Component Limited. MB3827PFV Datasheet HTML 36Page - Fujitsu Component Limited. MB3827PFV Datasheet HTML 37Page - Fujitsu Component Limited. MB3827PFV Datasheet HTML 38Page - Fujitsu Component Limited. MB3827PFV Datasheet HTML 39Page - Fujitsu Component Limited. MB3827PFV Datasheet HTML 40Page - Fujitsu Component Limited. MB3827PFV Datasheet HTML 41Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
MB3827
38
s REFERENCE DATA
Efficiency vs. load current (ch1, step-up/step-down switching method)
100
90
80
70
60
50
0
100
150
50
200
250
300
350
400
450
500
Vin
= 4.2 V
Vin
Iin
Vo1
Vin
= 3 V
Vin
= 2.5 V
Vin
= 6 V
Vin
= 3.6 V
A
(5 V)
IL
4.7
µF
22
µH
η =
× 100 (%)
Vo1
× IL
Vin
× Iin
Load current IL (mA)
5V output
to OUT1-1
to OUT1-2
to OUT1-3
to OUT1-4
100
90
80
70
60
50
0
100
150
50
200
250
300
350
400
450
500
Vin
= 4.2 V
Vin
Iin
Vo2
Vin
= 3 V
Vin
= 2.5 V
Vin
= 6 V
Vin
= 3.6 V
B
(5 V)
IL
4.7
µF
4.7
µF
22
µH
22
µH
η =
× 100 (%)
Vo2
× IL
Vin
× Iin
Efficiency vs. load current (ch2, Zeta Method with Synchronous Rectification)
Load current IL (mA)
5V output
to OUT2-1
to OUT2-2


Numéro de pièce similaire - MB3827PFV

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
MB3821 FUJITSU-MB3821 Datasheet
273Kb / 24P
   2-ch DC/DC Converter IC With Synchronous Rectifier
MB3821PFV FUJITSU-MB3821PFV Datasheet
273Kb / 24P
   2-ch DC/DC Converter IC With Synchronous Rectifier
MB3825 FUJITSU-MB3825 Datasheet
465Kb / 39P
   6-ch DC/DC Converter IC With Synchronous Rectifier
MB3825A FUJITSU-MB3825A Datasheet
465Kb / 39P
   6-ch DC/DC Converter IC With Synchronous Rectifier
MB3825APFV FUJITSU-MB3825APFV Datasheet
465Kb / 39P
   6-ch DC/DC Converter IC With Synchronous Rectifier
More results

Description similaire - MB3827PFV

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
MB3883 FUJITSU-MB3883 Datasheet
473Kb / 39P
   6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
MB3883 FUJITSU-MB3883_02 Datasheet
452Kb / 40P
   6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
MB3881 FUJITSU-MB3881 Datasheet
509Kb / 40P
   8-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
MB39A123 FUJITSU-MB39A123 Datasheet
547Kb / 44P
   6 ch DC/DC Converter IC with Synchronous Rectification
logo
Rohm
BD6068GUT ROHM-BD6068GUT Datasheet
287Kb / 6P
   Synchronous rectification Step-up DC/DC converter for middle phone
BD6072HFN ROHM-BD6072HFN Datasheet
313Kb / 6P
   Synchronous rectification step-up DC/DC converter for mobile phone
BD6063HFN ROHM-BD6063HFN Datasheet
214Kb / 6P
   Synchronous rectification step-up DC/DC converter for mobile phone
BD6069GUT ROHM-BD6069GUT Datasheet
280Kb / 6P
   Synchronous rectification step-up DC/DC converter for mobile phone
BD6071HFN ROHM-BD6071HFN Datasheet
312Kb / 6P
   Synchronous rectification step-up DC/DC converter for mobile phone
BD6061GUT ROHM-BD6061GUT Datasheet
214Kb / 6P
   Synchronous rectification step-up DC/DC converter for mobile phone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com