Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MB3827PFV Fiches technique(PDF) 24 Page - Fujitsu Component Limited.

No de pièce MB3827PFV
Description  6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJITSU [Fujitsu Component Limited.]
Site Internet  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3827PFV Fiches technique(HTML) 24 Page - Fujitsu Component Limited.

Back Button MB3827PFV Datasheet HTML 20Page - Fujitsu Component Limited. MB3827PFV Datasheet HTML 21Page - Fujitsu Component Limited. MB3827PFV Datasheet HTML 22Page - Fujitsu Component Limited. MB3827PFV Datasheet HTML 23Page - Fujitsu Component Limited. MB3827PFV Datasheet HTML 24Page - Fujitsu Component Limited. MB3827PFV Datasheet HTML 25Page - Fujitsu Component Limited. MB3827PFV Datasheet HTML 26Page - Fujitsu Component Limited. MB3827PFV Datasheet HTML 27Page - Fujitsu Component Limited. MB3827PFV Datasheet HTML 28Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
MB3827
24
(2) Setting Methods
• Channel 7 soft start interval
Before CTL1-4, 7 are ON: Vin is applied along path (A) below and charges CFB7.
After CTL1-4, 7 are ON: Along path (B), CFB7 is discharged by R2, R3, D1 at I1 to 15
µA on a time constant,
and with the fall of V-IN7-1, channel 7 is activated with a soft start.
Note : The short detection function is suspended while VDTC is below 0.6V.
VDTC7
VCT
VFB7
VSS (O)
V
−IN7−1
(V)
CTL1
−4, 7
V
−IN7−1
VSS (O)
1.55 V
0.8 V
0.77 V
0.3 V
t
VFB7
VDTC7
VCT
0.6 V
+
100 k
Error
Amp.7
R1
100 k
R3
10 k
R2
60 k
D1
FB7
VSS (O)
Vin
−IN7−1
+IN7
−IN7−2
CFB7
I1
15
µA
A
B
Channel 7 equivalent circuit of soft start section
: Before CTL1-4, 7 are ON
: After CTL1-4, 7 are ON
Channel 7 soft start operating waveform
Soft start operate
Short detection suspended during this interval
:=


Numéro de pièce similaire - MB3827PFV

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
MB3821 FUJITSU-MB3821 Datasheet
273Kb / 24P
   2-ch DC/DC Converter IC With Synchronous Rectifier
MB3821PFV FUJITSU-MB3821PFV Datasheet
273Kb / 24P
   2-ch DC/DC Converter IC With Synchronous Rectifier
MB3825 FUJITSU-MB3825 Datasheet
465Kb / 39P
   6-ch DC/DC Converter IC With Synchronous Rectifier
MB3825A FUJITSU-MB3825A Datasheet
465Kb / 39P
   6-ch DC/DC Converter IC With Synchronous Rectifier
MB3825APFV FUJITSU-MB3825APFV Datasheet
465Kb / 39P
   6-ch DC/DC Converter IC With Synchronous Rectifier
More results

Description similaire - MB3827PFV

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
MB3883 FUJITSU-MB3883 Datasheet
473Kb / 39P
   6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
MB3883 FUJITSU-MB3883_02 Datasheet
452Kb / 40P
   6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
MB3881 FUJITSU-MB3881 Datasheet
509Kb / 40P
   8-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
MB39A123 FUJITSU-MB39A123 Datasheet
547Kb / 44P
   6 ch DC/DC Converter IC with Synchronous Rectification
logo
Rohm
BD6068GUT ROHM-BD6068GUT Datasheet
287Kb / 6P
   Synchronous rectification Step-up DC/DC converter for middle phone
BD6072HFN ROHM-BD6072HFN Datasheet
313Kb / 6P
   Synchronous rectification step-up DC/DC converter for mobile phone
BD6063HFN ROHM-BD6063HFN Datasheet
214Kb / 6P
   Synchronous rectification step-up DC/DC converter for mobile phone
BD6069GUT ROHM-BD6069GUT Datasheet
280Kb / 6P
   Synchronous rectification step-up DC/DC converter for mobile phone
BD6071HFN ROHM-BD6071HFN Datasheet
312Kb / 6P
   Synchronous rectification step-up DC/DC converter for mobile phone
BD6061GUT ROHM-BD6061GUT Datasheet
214Kb / 6P
   Synchronous rectification step-up DC/DC converter for mobile phone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com