Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MB3825 Fiches technique(PDF) 29 Page - Fujitsu Component Limited.

No de pièce MB3825
Description  6-ch DC/DC Converter IC With Synchronous Rectifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJITSU [Fujitsu Component Limited.]
Site Internet  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3825 Fiches technique(HTML) 29 Page - Fujitsu Component Limited.

Back Button MB3825 Datasheet HTML 25Page - Fujitsu Component Limited. MB3825 Datasheet HTML 26Page - Fujitsu Component Limited. MB3825 Datasheet HTML 27Page - Fujitsu Component Limited. MB3825 Datasheet HTML 28Page - Fujitsu Component Limited. MB3825 Datasheet HTML 29Page - Fujitsu Component Limited. MB3825 Datasheet HTML 30Page - Fujitsu Component Limited. MB3825 Datasheet HTML 31Page - Fujitsu Component Limited. MB3825 Datasheet HTML 32Page - Fujitsu Component Limited. MB3825 Datasheet HTML 33Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
MB3825A
29
s METHOD OF SETTING THE DEAD TIME
When the device is set for step-up inverted output based on the flyback method, the output transistor is fixed to
full-on state (ON-duty = 100 %) at power switch-on.To prevent this problem, you may determine the voltages on the
DTC3 terminal (pin 31) from the VREF voltage so you can easily set the output transistor’s dead time (maximum ON-
duty) independently for each channel as shown Figure.12.
When the voltage on the DTC3 terminal is lower than the triangular-wave (CT1) output voltage from the oscillator,
the output transistor turns off. The dead time calculation formula assuming that triangular-wave amplitude := 0.7 V
and triangular-wave maximum voltage := 1.35 V is given below.
When you do not use this DTC3 terminal, connect then to VREF terminal (pin 27) as shown Figure.13..
Duty (ON) MAX :=
× 100 [%]
Vdt – 0.65
0.7
27
31
VREF
DTC3
Vdt
Rb
Ra
Figure 12. When using DTC to set dead time
27
31
VREF
DTC3
Figure 13. When not using DTC to set dead time


Numéro de pièce similaire - MB3825

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
MB3821 FUJITSU-MB3821 Datasheet
273Kb / 24P
   2-ch DC/DC Converter IC With Synchronous Rectifier
MB3821PFV FUJITSU-MB3821PFV Datasheet
273Kb / 24P
   2-ch DC/DC Converter IC With Synchronous Rectifier
MB3827 FUJITSU-MB3827 Datasheet
557Kb / 41P
   6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
MB3827PFV FUJITSU-MB3827PFV Datasheet
557Kb / 41P
   6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
MB3828 FUJITSU-MB3828 Datasheet
245Kb / 26P
   Pentium DC/DC Converter IC
More results

Description similaire - MB3825

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
MB39A123 FUJITSU-MB39A123 Datasheet
547Kb / 44P
   6 ch DC/DC Converter IC with Synchronous Rectification
MB3821 FUJITSU-MB3821 Datasheet
273Kb / 24P
   2-ch DC/DC Converter IC With Synchronous Rectifier
logo
Cypress Semiconductor
MB39C011APFT-G-BND-ERE1 CYPRESS-MB39C011APFT-G-BND-ERE1 Datasheet
1Mb / 53P
   2 ch DC/DC Converter IC with Synchronous Rectification
logo
Fujitsu Component Limit...
MB39A108 FUJITSU-MB39A108_06 Datasheet
525Kb / 45P
   5 ch DC/DC Converter IC with Synchronous Rectification
MB39A110 FUJITSU-MB39A110 Datasheet
418Kb / 32P
   4-ch DC/DC Converter IC with Synchronous Rectification
MB39A115 FUJITSU-MB39A115 Datasheet
495Kb / 42P
   5 ch DC/DC Converter IC with Synchronous Rectification
MB3883 FUJITSU-MB3883_02 Datasheet
452Kb / 40P
   6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
MB3885 FUJITSU-MB3885 Datasheet
239Kb / 29P
   1-channel DC/DC Converter IC with Synchronous Rectifier
logo
Cypress Semiconductor
MB39C014 CYPRESS-MB39C014 Datasheet
1Mb / 32P
   1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
logo
Fujitsu Component Limit...
MB3882 FUJITSU-MB3882 Datasheet
254Kb / 30P
   2-channel DC/DC Converter IC with Synchronous Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com