Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MB3827 Fiches technique(PDF) 32 Page - Fujitsu Component Limited.

No de pièce MB3827
Description  6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJITSU [Fujitsu Component Limited.]
Site Internet  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3827 Fiches technique(HTML) 32 Page - Fujitsu Component Limited.

Back Button MB3827 Datasheet HTML 28Page - Fujitsu Component Limited. MB3827 Datasheet HTML 29Page - Fujitsu Component Limited. MB3827 Datasheet HTML 30Page - Fujitsu Component Limited. MB3827 Datasheet HTML 31Page - Fujitsu Component Limited. MB3827 Datasheet HTML 32Page - Fujitsu Component Limited. MB3827 Datasheet HTML 33Page - Fujitsu Component Limited. MB3827 Datasheet HTML 34Page - Fujitsu Component Limited. MB3827 Datasheet HTML 35Page - Fujitsu Component Limited. MB3827 Datasheet HTML 36Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
MB3827
32
s METHOD OF SETTING THE DEAD TIME
When setting step-up/step-down switching, Zeta type, or fly-back type step-up or inverter output, the output
transistor at start-up is in full-on (ON duty cycle = 100%) state. To prevent this, the DTC voltage from the DTC1-
1 terminal (pin 43) to the DTC6 terminal (pin 15) voltage is determined from the VREF voltage, as shown in
following figure , so that the output transistor dead time (the maximum value of the ON interval) can be set easily.
When the voltage on the DTC5 and DTC6 terminals is lower than the triangular-wave output voltage from the
oscillator, the output transistor turns off. The dead time calculation formula assuming that triangular-wave am-
plitude := 0.7 V and triangular-wave maximum voltage := 1.8 V is given below.
When you do not use these DTC5 and DTC6 terminals, connect then to VREF terminal (pin 24) as shown
following figure (Not setting the channel 5,6 dead time).
Vdt
− 1.1
Rb
DUTY(ON)max :=
× 100[%], Vdt =
× VREF
0.7
Ra
+ Rb
24
16
VREF
DTC5
Ra
Rb
Vdt
24
15
VREF
DTC6
Ra
Rb
Vdt
Setting the channel 5, 6 dead time (same as for other channels)
16
VREF
DTC5
15
VREF
DTC6
24
24
Not setting the channel 5,6 dead time (same as for other channels)


Numéro de pièce similaire - MB3827

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
MB3821 FUJITSU-MB3821 Datasheet
273Kb / 24P
   2-ch DC/DC Converter IC With Synchronous Rectifier
MB3821PFV FUJITSU-MB3821PFV Datasheet
273Kb / 24P
   2-ch DC/DC Converter IC With Synchronous Rectifier
MB3825 FUJITSU-MB3825 Datasheet
465Kb / 39P
   6-ch DC/DC Converter IC With Synchronous Rectifier
MB3825A FUJITSU-MB3825A Datasheet
465Kb / 39P
   6-ch DC/DC Converter IC With Synchronous Rectifier
MB3825APFV FUJITSU-MB3825APFV Datasheet
465Kb / 39P
   6-ch DC/DC Converter IC With Synchronous Rectifier
More results

Description similaire - MB3827

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
MB3883 FUJITSU-MB3883 Datasheet
473Kb / 39P
   6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
MB3883 FUJITSU-MB3883_02 Datasheet
452Kb / 40P
   6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
MB3881 FUJITSU-MB3881 Datasheet
509Kb / 40P
   8-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
MB39A123 FUJITSU-MB39A123 Datasheet
547Kb / 44P
   6 ch DC/DC Converter IC with Synchronous Rectification
logo
Rohm
BD6068GUT ROHM-BD6068GUT Datasheet
287Kb / 6P
   Synchronous rectification Step-up DC/DC converter for middle phone
BD6072HFN ROHM-BD6072HFN Datasheet
313Kb / 6P
   Synchronous rectification step-up DC/DC converter for mobile phone
BD6063HFN ROHM-BD6063HFN Datasheet
214Kb / 6P
   Synchronous rectification step-up DC/DC converter for mobile phone
BD6069GUT ROHM-BD6069GUT Datasheet
280Kb / 6P
   Synchronous rectification step-up DC/DC converter for mobile phone
BD6071HFN ROHM-BD6071HFN Datasheet
312Kb / 6P
   Synchronous rectification step-up DC/DC converter for mobile phone
BD6061GUT ROHM-BD6061GUT Datasheet
214Kb / 6P
   Synchronous rectification step-up DC/DC converter for mobile phone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com