Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MB3800 Fiches technique(PDF) 17 Page - Fujitsu Component Limited.

No de pièce MB3800
Description  Switching Regulator Controller (Low Voltage)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJITSU [Fujitsu Component Limited.]
Site Internet  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3800 Fiches technique(HTML) 17 Page - Fujitsu Component Limited.

Back Button MB3800 Datasheet HTML 10Page - Fujitsu Component Limited. MB3800 Datasheet HTML 11Page - Fujitsu Component Limited. MB3800 Datasheet HTML 12Page - Fujitsu Component Limited. MB3800 Datasheet HTML 13Page - Fujitsu Component Limited. MB3800 Datasheet HTML 14Page - Fujitsu Component Limited. MB3800 Datasheet HTML 15Page - Fujitsu Component Limited. MB3800 Datasheet HTML 16Page - Fujitsu Component Limited. MB3800 Datasheet HTML 17Page - Fujitsu Component Limited. MB3800 Datasheet HTML 18Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
17
MB3800
(Continued)
8-pin Plastic SSOP
(FPT-8P-M03)
+0.05
–0.02
+.002
–.001
+0.20
–0.10
+.008
–.004
Details of "A" part
0
10°
(STAND OFF)
0.10±0.10(.004±.004)
(.020±.008)
0.50±0.20
0.80(.0315)
TYP
*
INDEX
"A"
0.10(.004)
0.15
.006
1.25
.049
M
0.10(.004)
(.165±.004)
(.244±.008)
NOM
(.014±.004)
(.138±.004)
6.20±0.20
5.20(.205)
4.20±0.10
2.40(.094)REF
0.35±0.10
3.50±0.10
1994 FUJITSU LIMITED F08005S-1C-2
C
Dimensions in mm (inches).


Numéro de pièce similaire - MB3800

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
MB3800 FUJITSU-MB3800 Datasheet
287Kb / 20P
   Switching Regulator Controller (Low Voltage)
logo
Cypress Semiconductor
MB3800 CYPRESS-MB3800 Datasheet
578Kb / 21P
   Wide supply voltage operating range: 1.8 V to 15 V
logo
First Components Intern...
MB3800 FCI-MB3800 Datasheet
63Kb / 4P
   Wide supply voltage operating range: 1.8 to 15 V
logo
Fujitsu Component Limit...
MB3800PF FUJITSU-MB3800PF Datasheet
287Kb / 20P
   Switching Regulator Controller (Low Voltage)
MB3800PF-E1 FUJITSU-MB3800PF-E1 Datasheet
287Kb / 20P
   Switching Regulator Controller (Low Voltage)
More results

Description similaire - MB3800

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
PJ3800 ETC1-PJ3800 Datasheet
333Kb / 8P
   Low Voltage Switching Regulator Controller
logo
Unisonic Technologies
L2800 UTC-L2800_11 Datasheet
252Kb / 7P
   SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE)
logo
Fujitsu Component Limit...
MB3800 FUJITSU-MB3800_06 Datasheet
287Kb / 20P
   Switching Regulator Controller (Low Voltage)
logo
Unisonic Technologies
L2800 UTC-L2800_13 Datasheet
269Kb / 7P
   SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE)
logo
E-Tech Electronics LTD
L2800 ETL-L2800 Datasheet
269Kb / 7P
   SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE)
logo
Unisonic Technologies
L2800 UTC-L2800 Datasheet
136Kb / 9P
   SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE)
logo
List of Unclassifed Man...
B3800M ETC1-B3800M Datasheet
410Kb / 10P
   Switching Regulator Controller Step Up Low Voltage (BIPOLAR)
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com