Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM20333 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM20333
Description  3A Synchronous Buck Regulator with Frequency Synchronization
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM20333 Fiches technique(HTML) 4 Page - Texas Instruments

  LM20333 Datasheet HTML 1Page - Texas Instruments LM20333 Datasheet HTML 2Page - Texas Instruments LM20333 Datasheet HTML 3Page - Texas Instruments LM20333 Datasheet HTML 4Page - Texas Instruments LM20333 Datasheet HTML 5Page - Texas Instruments LM20333 Datasheet HTML 6Page - Texas Instruments LM20333 Datasheet HTML 7Page - Texas Instruments LM20333 Datasheet HTML 8Page - Texas Instruments LM20333 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LM20333
SNVS558C – MAY 2008 – REVISED JANUARY 2009
www.ti.com
Absolute Maximum Ratings
(1) (2)
VIN to GND
-0.3V to +38V
BOOT to GND
-0.3V to +43V
BOOT to SW
-0.3V to +7V
SW to GND
-0.5V to +38V
SW to GND (Transient)
-1.5V (< 20 ns)
FB, EN, SS/TRK, COMP, SYNC, PGOOD to GND
-0.3V to +6V
VCC to GND
-0.3V to +8V
Storage Temperature
-65°C to 150°C
ESD Rating
Human Body Model(3)
2kV
(1)
Absolute Maximum Ratings indicate limits beyond witch damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor to each pin.
Operating Ratings
VIN to GND
+4.5V to +36V
Junction Temperature
−40°C to + 125°C
Electrical Characteristics
Unless otherwise stated, the following conditions apply: VVIN = 12V. Limits in standard type are for TJ = 25°C only, limits in
bold face type apply over the junction temperature (TJ) range of -40°C to +125°C. Minimum and maximum limits are
guaranteed through test, design, or statistical correlation. Typical values represent the most likely parametric norm at
TJ = 25°C, and are provided for reference purposes only.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VFB
Feedback Pin Voltage
VVIN = 4.5V to 36V
0.788
0.8
0.812
V
RHSW-DS(ON)
High-Side MOSFET On-Resistance
ISW = 3A
130
225
m
RLSW-DS(ON)
Low-Side MOSFET On-Resistance
ISW = 3A
110
190
m
IQ
Operating Quiescent Current
VVIN = 4.5V to 36V
2.3
3
mA
ISD
Shutdown Quiescent Current
VEN = 0V
150
180
µA
VUVLO
VIN Under Voltage Lockout
Rising VVIN
4
4.25
4.5
V
VUVLO(HYS)
VIN Under Voltage Lockout Hysteresis
350
450
mV
VVCC
VCC Voltage
IVCC = -5 mA, VEN = 5V
5.5
V
ISS
Soft-Start Pin Source Current
VSS = 0V
2
4.5
7
µA
VTRKACC
Soft-Start/Track Pin Accuracy
VSS = 0.4V
-10
5
15
mV
IBOOT
BOOT Diode Leakage
VBOOT = 4V
10
nA
VF-BOOT
BOOT Diode Forward Voltage
IBOOT = -100 mA
0.9
1.1
V
Powergood
VFB(OVP)
Over Voltage Protection Rising Threshold
VFB(OVP) / VFB
107
110
112
%
VFB(OVP-HYS)
Over Voltage Protection Hysteresis
ΔVFB(OVP) / VFB
2
3
%
VFB(PG)
PGOOD Threshold, VOUT Rising
VFB(PG) / VFB
93
95
97
%
VFB(PG-HYS)
PGOOD Hysteresis
ΔVFB(PG) / VFB
2
3
%
TPGOOD
PGOOD Delay
20
µs
IPGOOD(SNK)
PGOOD Low Sink Current
VPGOOD = 0.5V
0.6
1
mA
IPGOOD(SRC)
PGOOD High Leakage Current
VPGOOD = 5V
5
200
nA
Oscillator
FOSC
Oscillator Frequency
VSYNC = 0V
160
200
240
kHz
FOSCH
Maximum SYNC Frequency
1500
kHz
4
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Links: LM20333


Numéro de pièce similaire - LM20333

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM20333 NSC-LM20333 Datasheet
520Kb / 20P
   36V, 3A PowerWise짰 Synchronous Buck Regulator with Frequency Synchronization
logo
Texas Instruments
LM20333 TI-LM20333 Datasheet
1Mb / 29P
[Old version datasheet]   LM20333 36V, 3A Synchronous Buck Regulator with Frequency Synchronization
logo
National Semiconductor ...
LM20333A NSC-LM20333A Datasheet
541Kb / 22P
   36V, 3A Synchronous Buck Regulator with Frequency Synchronization
LM20333AMH NSC-LM20333AMH Datasheet
541Kb / 22P
   36V, 3A Synchronous Buck Regulator with Frequency Synchronization
LM20333AMHE NSC-LM20333AMHE Datasheet
541Kb / 22P
   36V, 3A Synchronous Buck Regulator with Frequency Synchronization
More results

Description similaire - LM20333

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM20333A NSC-LM20333A Datasheet
541Kb / 22P
   36V, 3A Synchronous Buck Regulator with Frequency Synchronization
logo
Texas Instruments
LM20333 TI-LM20333_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM20333 36V, 3A Synchronous Buck Regulator with Frequency Synchronization
logo
National Semiconductor ...
LM20333 NSC-LM20333 Datasheet
520Kb / 20P
   36V, 3A PowerWise짰 Synchronous Buck Regulator with Frequency Synchronization
logo
Texas Instruments
LM20133 TI-LM20133_15 Datasheet
1Mb / 29P
[Old version datasheet]   3A, PowerWise Synchronous Buck Regulator with Input Synchronization
logo
National Semiconductor ...
LM20133 NSC-LM20133_08 Datasheet
710Kb / 22P
   3A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20133 NSC-LM20133 Datasheet
710Kb / 22P
   3A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20136 NSC-LM20136 Datasheet
543Kb / 22P
   6A, Synchronous Buck Regulator with Input Synchronization
LM20143 NSC-LM20143 Datasheet
703Kb / 20P
   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20343 TI1-LM20343_14 Datasheet
1Mb / 30P
[Old version datasheet]   36V, 3A Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20343 NSC-LM20343 Datasheet
546Kb / 20P
   36V, 3A Adjustable Frequency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com