Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS7A6133-Q1 Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce TPS7A6133-Q1
Description  300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A6133-Q1 Fiches technique(HTML) 2 Page - Texas Instruments

  TPS7A6133-Q1 Datasheet HTML 1Page - Texas Instruments TPS7A6133-Q1 Datasheet HTML 2Page - Texas Instruments TPS7A6133-Q1 Datasheet HTML 3Page - Texas Instruments TPS7A6133-Q1 Datasheet HTML 4Page - Texas Instruments TPS7A6133-Q1 Datasheet HTML 5Page - Texas Instruments TPS7A6133-Q1 Datasheet HTML 6Page - Texas Instruments TPS7A6133-Q1 Datasheet HTML 7Page - Texas Instruments TPS7A6133-Q1 Datasheet HTML 8Page - Texas Instruments TPS7A6133-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
VIN
VOUT
GND
EN
nRST
TPS7A61xx
CIN
COUT
RRST
VIN
VOUT
RESET
VEN
VIN
VOUT
GND
RDELAY
nRST
TPS7A60xx
CIN
CDLY
COUT
RRST
VOUT
RESET
VIN
TPS7A6033-Q1, TPS7A6050-Q1
TPS7A6133-Q1, TPS7A6150-Q1
SLVSA62G – MARCH 2010 – REVISED MARCH 2012
www.ti.com
TYPICAL APPLICATION SCHEMATIC
Figure 2. Programmable Reset Delay Option
Figure 3. Enable Option
ORDERING INFORMATION(1)
KEY
OUTPUT
PACKAGE
ORDERABLE PART NUMBER(2)
TOP-SIDE MARKING
FEATURE
VOLTAGE
5 pin KTT
Reel of 500
TPS7A6050QKTTRQ1
7A6050Q1
5V
Tube of 70
TPS7A6050QKVUQ1
7A6050Q1
5 pin KVU
Programable
Reel of 2500
TPS7A6050QKVURQ1
Product Preview
Reset Delay
5 pin KTT
Reel of 500
TPS7A6033QKTTRQ1
7A6033Q1
3.3V
5 pin KVU
Reel of 2500
TPS7A6033QKVURQ1
7A6033Q1
5V
5 pin KVU
Reel of 2500
TPS7A6150QKVURQ1
Product Preview
Enable
3.3V
5 pin KVU
Reel of 2500
TPS7A6133QKVURQ1
7A6133Q1
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
2
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS7A6033-Q1 TPS7A6050-Q1


Numéro de pièce similaire - TPS7A6133-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A6133QKVURQ1 TI1-TPS7A6133QKVURQ1 Datasheet
929Kb / 25P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6133QKVURQ1 TI1-TPS7A6133QKVURQ1 Datasheet
1Mb / 34P
[Old version datasheet]   300-mA, 40-V Low-Dropout Regulator
More results

Description similaire - TPS7A6133-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A6201-Q1 TI-TPS7A6201-Q1_15 Datasheet
695Kb / 20P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6201-Q1 TI1-TPS7A6201-Q1_14 Datasheet
728Kb / 21P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6533-Q1 TI1-TPS7A6533-Q1 Datasheet
813Kb / 18P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6550-Q1 TI-TPS7A6550-Q1_15 Datasheet
989Kb / 18P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6033-Q1 TI1-TPS7A6033-Q1 Datasheet
929Kb / 25P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6201-Q1 TI1-TPS7A6201-Q1 Datasheet
728Kb / 20P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6533-Q1 TI1-TPS7A6533-Q1_17 Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, 40-V, Low-Dropout Regulator With 25-UA Quiescent Current
logo
STMicroelectronics
ST732 STMICROELECTRONICS-ST732 Datasheet
721Kb / 21P
   300 mA, 28 V low-dropout voltage regulator, with 5 關A quiescent current
Rev 3 - April 2021
logo
ON Semiconductor
NCP717 ONSEMI-NCP717 Datasheet
549Kb / 16P
   300 mA, Very-Low Quiescent Current, IQ 25 A, Low Noise, Low Dropout Regulator
February, 2015 ??Rev. 7
logo
Texas Instruments
TPS7A6033-Q1 TI1-TPS7A6033-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   300-mA, 40-V Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com