Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS7A6033-Q1 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce TPS7A6033-Q1
Description  300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A6033-Q1 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS7A6033-Q1 Datasheet HTML 4Page - Texas Instruments TPS7A6033-Q1 Datasheet HTML 5Page - Texas Instruments TPS7A6033-Q1 Datasheet HTML 6Page - Texas Instruments TPS7A6033-Q1 Datasheet HTML 7Page - Texas Instruments TPS7A6033-Q1 Datasheet HTML 8Page - Texas Instruments TPS7A6033-Q1 Datasheet HTML 9Page - Texas Instruments TPS7A6033-Q1 Datasheet HTML 10Page - Texas Instruments TPS7A6033-Q1 Datasheet HTML 11Page - Texas Instruments TPS7A6033-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
I
(mA)
OUT
0.01
0.1
1
10
100
300
0.01
0.1
1
10
30
0.03
0.06
V
= 14V
C
= 1µF
T = 27°C
V
= 3.3V
IN
OUT
A
OUT
Stable Operation
Unstable
Operation
I
(mA)
OUT
0.01
0.1
1
10
100
300
0.01
0.1
1
10
30
0.03
0.06
V = 14V
C
= 1µF
T = 27°C
V
= 5V
IN
OUT
A
OUT
Stable Operation
Unstable
Operation
15
20
25
30
35
40
45
50
55
-50
0
50
100
150
TA (°C)
VIN =14V
VOUT=5V, 3.3V
IOUT = 1mA
IOUT = 250mA
0
10
20
30
40
50
60
70
80
0.001
0.01
0.1
1
10
100
1000
IOUT (mA)
VIN = 14V
TA= 25°C
VOUT = 5V, 3.3V
TPS7A6033-Q1, TPS7A6050-Q1
TPS7A6133-Q1, TPS7A6150-Q1
SLVSA62G – MARCH 2010 – REVISED MARCH 2012
www.ti.com
TYPICAL CHARACTERISTICS
ESR
ESR
vs
vs
LOAD CURRENT
LOAD CURRENT
QUIESCENT CURRENT
QUIESCENT CURRENT
vs
vs
LOAD CURRENT
AMBIENT AIR TEMPERATURE
8
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS7A6033-Q1 TPS7A6050-Q1


Numéro de pièce similaire - TPS7A6033-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A6033-Q1 TI1-TPS7A6033-Q1 Datasheet
929Kb / 25P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6033-Q1 TI1-TPS7A6033-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   300-mA, 40-V Low-Dropout Regulator
More results

Description similaire - TPS7A6033-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A6201-Q1 TI-TPS7A6201-Q1_15 Datasheet
695Kb / 20P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6201-Q1 TI1-TPS7A6201-Q1_14 Datasheet
728Kb / 21P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6533-Q1 TI1-TPS7A6533-Q1 Datasheet
813Kb / 18P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6550-Q1 TI-TPS7A6550-Q1_15 Datasheet
989Kb / 18P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6033-Q1 TI1-TPS7A6033-Q1 Datasheet
929Kb / 25P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6201-Q1 TI1-TPS7A6201-Q1 Datasheet
728Kb / 20P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6533-Q1 TI1-TPS7A6533-Q1_17 Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, 40-V, Low-Dropout Regulator With 25-UA Quiescent Current
logo
STMicroelectronics
ST732 STMICROELECTRONICS-ST732 Datasheet
721Kb / 21P
   300 mA, 28 V low-dropout voltage regulator, with 5 關A quiescent current
Rev 3 - April 2021
logo
ON Semiconductor
NCP717 ONSEMI-NCP717 Datasheet
549Kb / 16P
   300 mA, Very-Low Quiescent Current, IQ 25 A, Low Noise, Low Dropout Regulator
February, 2015 ??Rev. 7
logo
Texas Instruments
TPS7A6033-Q1 TI1-TPS7A6033-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   300-mA, 40-V Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com