Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS75005 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS75005
Description  Integrated MCU Power Solution for C2000??Microcontrollers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75005 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS75005 Datasheet HTML 4Page - Texas Instruments TPS75005 Datasheet HTML 5Page - Texas Instruments TPS75005 Datasheet HTML 6Page - Texas Instruments TPS75005 Datasheet HTML 7Page - Texas Instruments TPS75005 Datasheet HTML 8Page - Texas Instruments TPS75005 Datasheet HTML 9Page - Texas Instruments TPS75005 Datasheet HTML 10Page - Texas Instruments TPS75005 Datasheet HTML 11Page - Texas Instruments TPS75005 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
1.710
1.728
1.746
1.764
1.782
1.800
1.818
1.836
1.854
1.872
1.890
−50
−25
0
25
50
75
100
125
Temperature (°C)
VSVS1 at VIN = 4.0 V
VSVS1 at VIN = 5.0 V
VSVS1 at VIN = 6.5 V
VOUT1 at VIN = 4.0 V
VOUT1 at VIN = 5.0 V
VOUT1 at VIN = 6.5 V
Y axis is 1%/div scale by referring 1.8 V.
LDO1 is loaded at 250 mA.
G000
3.135
3.168
3.201
3.234
3.267
3.300
3.333
3.366
3.399
3.432
3.465
−50
−25
0
25
50
75
100
125
Temperature (°C)
VSVS2 at VIN = 4.0 V
VSVS2 at VIN = 5.0 V
VSVS2 at VIN = 6.5 V
VOUT2 at VIN = 4.0 V
VOUT2 at VIN = 5.0 V
VOUT2 at VIN = 6.5 V
Y axis is 1%/div scale by referring 3.3 V.
LDO2 is loaded at 250 mA.
G001
1.710
1.728
1.746
1.764
1.782
1.800
1.818
1.836
1.854
1.872
1.890
0
0.1
0.1
0.2
0.2
0.2
0.3
0.4
0.4
0.5
0.5
OUT1 Output Current (A)
−40°C
25°C
85°C
125°C
Y axis is 1%/div scale by referring 1.8 V.
LDO1 is loaded at 25 mA.
G002
3.135
3.168
3.201
3.234
3.267
3.300
3.333
3.366
3.399
3.432
3.465
0
0.1
0.1
0.2
0.2
0.2
0.3
0.4
0.4
0.5
0.5
OUT2 Output Current (A)
−40°C
25°C
85°C
125°C
Y axis is 1%/div scale by referring 3.3 V.
LDO2 is loaded at 25 mA.
G003
0
10
20
30
40
50
−50
−25
0
25
50
75
100
125
Temperature (°C)
VIN = 4.0 V
VIN = 5.0 V
VIN = 6.5 V
The device is disabled. The graph
shows consumption current by
internal reference circuits for SVS3.
G004
0
50
100
150
200
250
300
350
−50
−25
0
25
50
75
100
125
Temperature (°C)
VIN = 4.0 V
VIN = 5.0 V
VIN = 6.5 V
PG, VDET, and TEST are open.
LDO1 and LDO2 are enabled
but not loaded.
G005
TPS75005
SBVS144C – NOVEMBER 2011 – REVISED APRIL 2012
www.ti.com
TYPICAL CHARACTERISTICS
At TJ = +25°C, VIN = 5 V, V(EN) = VIN, CIN = 22 μF, COUT1 = COUT2 = 10 μF, C(SS1) = C(SS2) = C(CT1) = C(CT2) = (open), VSET = 0 V,
VSNS1 = VOUT1, VSNS2 = VOUT2, PG pin pulled up to VOUT2 with 100-kΩ pull-up resistor, and VDET pin pulled up to VIN with 100-
k
Ω pull-up resistor, unless otherwise noted.
LDO1 (OUTPUT AND SVS THRESHOLD) VOLTAGE
LDO2 (OUTPUT AND SVS THRESHOLD) VOLTAGE
vs TEMPERATURE
vs TEMPERATURE
Figure 2.
Figure 3.
LDO1 LOAD REGULATION
LDO2 LOAD REGULATION
Figure 4.
Figure 5.
SHUTDOWN GROUND CURRENT vs TEMPERATURE
QUIESCENT GROUND CURRENT vs TEMPERATURE
Figure 6.
Figure 7.
8
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS75005


Numéro de pièce similaire - TPS75005

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS75005 TI1-TPS75005 Datasheet
904Kb / 32P
[Old version datasheet]   Integrated MCU Power Solution for C2000??Microcontrollers
TPS75005EVM-023 TI1-TPS75005EVM-023 Datasheet
466Kb / 13P
[Old version datasheet]   TPS75005EVM-023
TPS75005RGW TI1-TPS75005RGW Datasheet
466Kb / 13P
[Old version datasheet]   TPS75005EVM-023
TPS75005RGWR TI1-TPS75005RGWR Datasheet
904Kb / 32P
[Old version datasheet]   Integrated MCU Power Solution for C2000??Microcontrollers
TPS75005RGWT TI1-TPS75005RGWT Datasheet
904Kb / 32P
[Old version datasheet]   Integrated MCU Power Solution for C2000??Microcontrollers
More results

Description similaire - TPS75005

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS75005 TI1-TPS75005 Datasheet
904Kb / 32P
[Old version datasheet]   Integrated MCU Power Solution for C2000??Microcontrollers
F28M35E20B TI1-F28M35E20B Datasheet
430Kb / 7P
[Old version datasheet]   C2000??Concerto??Microcontrollers
logo
Global Mixed-mode Techn...
AT5517 GMT-AT5517 Datasheet
87Kb / 1P
   Integrated Power Solution for TFT-LCD
G5512 GMT-G5512 Datasheet
84Kb / 1P
   Integrated Power Solution for TFT-LCD
G5517 GMT-G5517 Datasheet
83Kb / 1P
   Integrated Power Solution for TFT-LCD
logo
Zilog, Inc.
Z86C83 ZILOG-Z86C83 Datasheet
957Kb / 46P
   Z8 MCU MICROCONTROLLERS
logo
Advanced Analog Technol...
AAT11671 AAT-AAT11671 Datasheet
2Mb / 18P
   INTEGRATED TFT LCD POWER SOLUTION
Version 0.01
logo
NXP Semiconductors
SLN-VIZNAS-IOT-DG NXP-SLN-VIZNAS-IOT-DG Datasheet
2Mb / 51P
   MCU VIZNAS Solution Developer?셲
Rev 1.2, 11/2020
logo
Analog Devices
ADP5056 AD-ADP5056 Datasheet
962Kb / 31P
   Triple Buck Regulator Integrated Power Solution
Rev. 0
ADP5054 AD-ADP5054 Datasheet
712Kb / 31P
   Quad Buck Regulator Integrated Power Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com