Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM4951A Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM4951A
Description  Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM4951A Fiches technique(HTML) 4 Page - Texas Instruments

  LM4951A Datasheet HTML 1Page - Texas Instruments LM4951A Datasheet HTML 2Page - Texas Instruments LM4951A Datasheet HTML 3Page - Texas Instruments LM4951A Datasheet HTML 4Page - Texas Instruments LM4951A Datasheet HTML 5Page - Texas Instruments LM4951A Datasheet HTML 6Page - Texas Instruments LM4951A Datasheet HTML 7Page - Texas Instruments LM4951A Datasheet HTML 8Page - Texas Instruments LM4951A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LM4951A
SNAS453B – AUGUST 2008 – REVISED SEPTEMBER 2008
www.ti.com
Electrical Characteristics VDD = 7.5V
(1) (2)
The following specifications apply for VDD = 7.5V, AV-BTL = 6dB, RL = 8Ω unless otherwise specified. Limits apply for TA =
25°C.
LM4951A
Units
Parameter
Test Conditions
(Limits)
Typ(3)
Limit(4)
IDD
Quiescent Power Supply Current
VIN = 0V, IO = 0A, RL = 8Ω BTL
2.5
4.5
mA (max)
ISD
Shutdown Current
VSD = GND
(5)
0.01
5
µA (max)
VOS
Output Offset Voltage
5
30
mV (max)
VSDIH
Shutdown Voltage Input High
1.2
V (min)
VSDIL
Shutdown Voltage Input Low
0.4
V (max)
RPULLDOWN
Pull-down Resistor on SD pin
75
45
k
Ω (min)
TWU
Wake-up Time
CB = 1.0µF
25
35
ms (max)
TSD
Shutdown time
CB = 1.0µF
10
ms (max)
150
°C (min)
TSD
Thermal Shutdown Temperature
170
190
°C (max)
THD = 1% (max); f = 1kHz
PO
Output Power
1.8
1.5
W (min)
RL = 8Ω Mono BTL
PO = 600mWRMS; f = 1kHz
0.07
0.5
% (max)
AV-BTL = 6dB
THD+N
Total Harmonic Distortion + Noise
PO = 600mWRMS; f = 1kHz
0.35
%
AV-BTL = 26dB
A-Weighted Filter, Ri = Rf = 20kΩ
εOS
Output Noise
10
µV
Input Referred(6)
VRIPPLE = 200mVp-p, f = 217Hz,
PSRR
Power Supply Rejection Ratio
66
56
dB (min)
CB = 1.0μF, Input Referred
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the s or other conditions beyond
those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating Conditionsindicate conditions
at which the device is functional and the device should not be operated beyond such conditions. All voltages are measured with respect
to the ground pin, unless otherwise specified.
(2)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(3)
Typical values represent most likely parametric norms at TA = +25ºC, and at the Recommended Operation Conditions at the time of
product characterization and are not specified.
(4)
Datasheet min/max specification limits are ensured by test or statistical analysis.
(5)
Shutdown current is measured in a normal room environment. The Shutdown pin should be driven as close as possible to GND for
minimum shutdown current.
(6)
Noise measurements are dependent on the absolute values of the closed loop gain setting resistors (input and feedback resistors).
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Links: LM4951A


Numéro de pièce similaire - LM4951A

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM4951A NSC-LM4951A Datasheet
1Mb / 20P
   Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
LM4951ASD NSC-LM4951ASD Datasheet
1Mb / 20P
   Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
LM4951ASDX NSC-LM4951ASDX Datasheet
1Mb / 20P
   Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
More results

Description similaire - LM4951A

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM4951A NSC-LM4951A Datasheet
1Mb / 20P
   Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
logo
Texas Instruments
LM4951 TI1-LM4951 Datasheet
1Mb / 23P
[Old version datasheet]   Wide Voltage Range 1.8 Watt Audio Amplifier
logo
National Semiconductor ...
LM4951 NSC-LM4951 Datasheet
1Mb / 18P
   Wide Voltage Range 1.8 Watt Audio Amplifier
logo
Texas Instruments
LM4951SD TI-LM4951SD Datasheet
1Mb / 22P
[Old version datasheet]   LM4951 Wide Voltage Range 1.8 Watt Audio Amplifier
logo
Unisonic Technologies
PA4894 UTC-PA4894_15 Datasheet
494Kb / 11P
   1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER
PA4894 UTC-PA4894 Datasheet
494Kb / 11P
   1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER WITH SELECTABLE SHUTDOWN
logo
ON Semiconductor
NCP4894 ONSEMI-NCP4894 Datasheet
164Kb / 18P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
November, 2005 ??Rev. 8
NCP4894 ONSEMI-NCP4894_07 Datasheet
171Kb / 19P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
January, 2007 ??Rev. 9
logo
NTE Electronics
NTE1516 NTE-NTE1516 Datasheet
81Kb / 3P
   Integrated Circuit Audio Power Amp, 1.8 Watt
logo
Fangtek Ltd.
FT2010 FANGTEK-FT2010 Datasheet
759Kb / 18P
   3W Class-D Audio Power Amplifier with Auto-Recovering Short-Circuit Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com