Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

V-10-1C5-T Fiches technique(PDF) 13 Page - List of Unclassifed Manufacturers

No de pièce V-10-1C5-T
Description  Miniature Basic Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

V-10-1C5-T Fiches technique(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button V-10-1C5-T Datasheet HTML 8Page - List of Unclassifed Manufacturers V-10-1C5-T Datasheet HTML 9Page - List of Unclassifed Manufacturers V-10-1C5-T Datasheet HTML 10Page - List of Unclassifed Manufacturers V-10-1C5-T Datasheet HTML 11Page - List of Unclassifed Manufacturers V-10-1C5-T Datasheet HTML 12Page - List of Unclassifed Manufacturers V-10-1C5-T Datasheet HTML 13Page - List of Unclassifed Manufacturers V-10-1C5-T Datasheet HTML 14Page - List of Unclassifed Manufacturers V-10-1C5-T Datasheet HTML 15Page - List of Unclassifed Manufacturers V-10-1C5-T Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
V
Miniature Basic Switch
V
Note 1. Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
Note 2. The operating characteristics are for operation in the A direction (
).
●Simulated roller lever
V-214-1
@6
V-164-1
@6
V-164-1
@5
Operating
characteristics
Model
V-214-1
@6
V-164-1
@6
V-164-1
@5
OF max.
RF min.
2.45N
0.25N
1.23N
0.14N
PT max.
OT min.
MD max.
4.0mm
1.6mm
1.5mm
OP
18.7
±1.2mm
19.1
39.8±0.8
22.2±0.1
φ3.4±0.15
(12.0)
27.8
2.8
3.1+0.13
−0.03
2.8
10.3±0.1
15.9
φ3.1+0.13 hole
−0.03
1.6
10.3
2.8
4.3
t=0.5 *
8.1
Three, quick-connect
terminals (#250) (t0.8)
* Stainless-steel lever
32.6±0.8
R3.5 A
OP
PT
19.1
39.8±0.8
22.2±0.1
φ3.4±0.15
(12.0)
27.8
2.8
3.1+0.13
−0.03
2.8
10.3±0.1
15.9
φ3.1+0.13 hole
−0.03
1.6
10.3
t=0.5 *
8.1
A
OP
PT
20.1
5.1
φ4.8×4.8 *2
Three, quick-connect
terminals (#250) (t0.8)
*1. Stainless-steel lever
*2. Polyacetal resin roller
●Short hinge roller lever
V-215-1
@6
V-165-1
@6
V-165-1
@5
Operating
characteristics
Model
V-215-1
@6
V-165-1
@6
V-165-1
@5
OF max.
RF min.
4.71N
0.49N
2.35N
0.49N
PT max.
OT min.
MD max.
1.6mm
0.8mm
0.6mm
OP
20.7
±0.6mm
19.1
39.8±0.8
22.2±0.1
φ3.4±0.15
(12.0)
27.8
2.8
3.1+0.13
−0.03
2.8
10.3±0.1
15.9
φ3.1+0.13 hole
−0.03
1.6
10.3
t=0.5 *
8.1
Three, quick-connect
terminals (#250) (t0.8)
*1. Stainless-steel lever
*2. Polyacetal resin roller
OP
PT
5.1
φ4.8×4.8 *2
34±0.8
A
●Hinge roller lever
V-216-1
@6
V-166-1
@6
V-166-1
@5
Operating
characteristics
Model
V-216-1
@6
V-166-1
@6
V-166-1
@5
OF max.
RF min.
2.45N
0.25N
1.23N
0.14N
PT max.
OT min.
MD max.
4.0mm
1.6mm
1.5mm
OP
20.7
±1.2mm


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn