Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS7A6201-Q1 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS7A6201-Q1
Description  300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A6201-Q1 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS7A6201-Q1 Datasheet HTML 3Page - Texas Instruments TPS7A6201-Q1 Datasheet HTML 4Page - Texas Instruments TPS7A6201-Q1 Datasheet HTML 5Page - Texas Instruments TPS7A6201-Q1 Datasheet HTML 6Page - Texas Instruments TPS7A6201-Q1 Datasheet HTML 7Page - Texas Instruments TPS7A6201-Q1 Datasheet HTML 8Page - Texas Instruments TPS7A6201-Q1 Datasheet HTML 9Page - Texas Instruments TPS7A6201-Q1 Datasheet HTML 10Page - Texas Instruments TPS7A6201-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
4.9
4.92
4.94
4.96
4.98
5
5.02
5.04
5.06
5.08
5.1
-50
0
50
100
150
TA (°C)
VIN = 14V
IOUT = 1mA
0
5
6
2
3
4
5
6
7
VIN (V)
1
2
3
4
IOUT = 100mA
TA = 25°C
0
0.02
0.04
0.06
0.08
0.1
0.12
0
10
20
30
40
50
V
(V)
IN
I
LOAD = 100mA
V
OUT = 5V, 3.3V
TA= 25°C
TA = -40°C
TA= 125°C
450
500
550
600
650
700
750
-50
0
50
100
150
TA (°C)
V
= 14V
V
= 5V, 3.3V
IN
OUT
8
8.5
9
9.5
10
10.5
11
11.5
12
-50
0
50
100
150
TA (°C)
VIN = 14V
VOUT = 5V, 3.3V
IOUT step from
10mA to 300mA
0
0.5
1
1.5
2
2.5
3
-50
0
50
100
150
TA (°C)
IOUT = 10mA
VOUT = 5V, 3.3V
VIN step from
8V to 28V
TPS7A6201-Q1
www.ti.com
SLVSAA0B – NOVEMBER 2010 – REVISED MARCH 2012
TYPICAL CHARACTERISTICS (continued)
Figure 10. Output Voltage vs Ambient Air Temperature
Figure 11. Output Voltage vs Input Voltage
(VOUT programmed to 5 V)
(VOUT programmed to 5 V)
Figure 12. Output Current vs Input Voltage
Figure 13. Output Current Limit vs
Ambient Air Temperature
Figure 14. Load Regulation vs Ambient Air Temperature
Figure 15. Line Regulation vs Ambient Air Temperature
Copyright © 2010–2012, Texas Instruments Incorporated
7


Numéro de pièce similaire - TPS7A6201-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A6201-Q1 TI1-TPS7A6201-Q1 Datasheet
728Kb / 20P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6201-Q1 TI-TPS7A6201-Q1_15 Datasheet
695Kb / 20P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
More results

Description similaire - TPS7A6201-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A6033-Q1 TI1-TPS7A6033-Q1_14 Datasheet
1Mb / 26P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6201-Q1 TI-TPS7A6201-Q1_15 Datasheet
695Kb / 20P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6533-Q1 TI1-TPS7A6533-Q1 Datasheet
813Kb / 18P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6550-Q1 TI-TPS7A6550-Q1_15 Datasheet
989Kb / 18P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6033-Q1 TI1-TPS7A6033-Q1 Datasheet
929Kb / 25P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6201-Q1 TI1-TPS7A6201-Q1 Datasheet
728Kb / 20P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6533-Q1 TI1-TPS7A6533-Q1_17 Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, 40-V, Low-Dropout Regulator With 25-UA Quiescent Current
logo
STMicroelectronics
ST732 STMICROELECTRONICS-ST732 Datasheet
721Kb / 21P
   300 mA, 28 V low-dropout voltage regulator, with 5 關A quiescent current
Rev 3 - April 2021
logo
ON Semiconductor
NCP717 ONSEMI-NCP717 Datasheet
549Kb / 16P
   300 mA, Very-Low Quiescent Current, IQ 25 A, Low Noise, Low Dropout Regulator
February, 2015 ??Rev. 7
logo
Texas Instruments
TPS7A6033-Q1 TI1-TPS7A6033-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   300-mA, 40-V Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com