Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM25066I Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM25066I
Description  Intel Node Manager Compliant System Power Management and Protection IC with PMBus
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM25066I Fiches technique(HTML) 9 Page - Texas Instruments

Back Button LM25066I Datasheet HTML 5Page - Texas Instruments LM25066I Datasheet HTML 6Page - Texas Instruments LM25066I Datasheet HTML 7Page - Texas Instruments LM25066I Datasheet HTML 8Page - Texas Instruments LM25066I Datasheet HTML 9Page - Texas Instruments LM25066I Datasheet HTML 10Page - Texas Instruments LM25066I Datasheet HTML 11Page - Texas Instruments LM25066I Datasheet HTML 12Page - Texas Instruments LM25066I Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
-60 -40 -20 0 20 40 60 80 100120140
23.0
23.2
23.4
23.6
23.8
24.0
TEMPERATURE (°C)
-60 -40 -20 0 20 40 60 80 100120140
1.162
1.163
1.164
1.165
1.166
1.167
1.168
1.169
1.170
1.171
1.172
TEMPERATURE (°C)
-60 -40 -20 0 20 40 60 80 100120140
18
22
26
30
34
38
42
TEMPERATURE (°C)
PGD Sink Current = 2mA
-60 -40 -20 0 20 40 60 80 100120140
1.15
1.16
1.17
TEMPERATURE (°C)
VIN = 2.9 to 12V
VIN = 17V
-40 -20
0
20 40 60 80 100 120 140
14
15
16
17
18
19
20
21
22
23
TEMPERATURE (°C)
VIN = 5V TO 17V
VIN = 2.9V
-40 -20
0
20 40 60 80 100 120 140
0
4
8
12
16
20
24
TEMPERATURE (°C)
RPWR
=50K; CL = VDD
RPWR
=25K; CL = GND
LM25066I, LM25066IA
www.ti.com
SNVS824C – JUNE 2012 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise specified the following conditions apply: TJ = 25°C, VIN = 12V. All graphs show junction temperature.
GATE Pin Source Current
Power Limit Threshold
Figure 7.
Figure 8.
PGD Low Voltage
UVLO Threshold
Figure 9.
Figure 10.
UVLO Hysteresis Current
FB Threshold
Figure 11.
Figure 12.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM25066I LM25066IA


Numéro de pièce similaire - LM25066I

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM25066I TI1-LM25066I Datasheet
1Mb / 59P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC
LM25066IA TI1-LM25066IA Datasheet
1Mb / 59P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC
LM25066IAPSQ/NOPB TI1-LM25066IAPSQ/NOPB Datasheet
1Mb / 59P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC
LM25066IAPSQE/NOPB TI1-LM25066IAPSQE/NOPB Datasheet
1Mb / 59P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC
LM25066IAPSQX/NOPB TI1-LM25066IAPSQX/NOPB Datasheet
1Mb / 59P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC
More results

Description similaire - LM25066I

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM25066I TI1-LM25066I_16 Datasheet
1Mb / 59P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066 TI1-LM25066_16 Datasheet
1Mb / 63P
[Old version datasheet]   System Power Management and Protection IC With PMBus
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066_14 Datasheet
1Mb / 64P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066PMHE TI-LM5066PMHE Datasheet
1Mb / 63P
[Old version datasheet]   LM5066 High Voltage System Power Management and Protection IC with PMBus
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
UCD90320U TI1-UCD90320U Datasheet
1Mb / 57P
[Old version datasheet]   32-Rail PMBus Power Sequencer and System Manager
logo
Linear Technology
LTC2974CUP-PBF LINER-LTC2974CUP-PBF Datasheet
1Mb / 98P
   4-Channel PMBus Power System Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com